Part Number Hot Search : 
TC74VH C471MPD 2SK27 12063 SK9822 MX770 FDU8878 5KP75A
Product Description
Full Text Search
 

To Download STM4886 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
STM4886
S a mHop Microelectronics C orp.
Ver 1.0
N-Channel Enhancement Mode Field Effect Transistor
PRODUCT SUMMARY
VDSS
30V
FEATURES Super high dense cell design for low RDS(ON). Rugged and reliable. Suface Mount Package.
ID
17A
RDS(ON) (m) Max
5 @ VGS=10V 8 @ VGS=4.5V
D D
5 6 7 8
4 3 2 1
G S S S
S O-8 1
D D
ABSOLUTE MAXIMUM RATINGS ( T A=25 C unless otherwise noted ) Symbol VDS VGS ID IDM EAS PD TJ, TSTG Parameter Drain-Source Voltage Gate-Source Voltage Drain Current-Continuous
b a
Limit 30 20 TA=25C 17 68 181 TA=25C 2.5 -55 to 150
Units V V A A mJ W C
-Pulsed Sigle Pulse Avalanche Energy d Maximum Power Dissipation
a
Operating Junction and Storage Temperature Range
THERMAL CHARACTERISTICS R JA Thermal Resistance, Junction-to-Ambient
a
50
C/W
Details are subject to change without notice.
Mar,24,2008
1
www.samhop.com.tw
www..com
STM4886
Ver 1.0
ELECTRICAL CHARACTERISTICS ( TA=25 C unless otherwise noted )
Symbol Parameter Conditions
VGS=0V , ID=250uA VDS=24V , VGS=0V
Min 30
Typ
Max
Units V
OFF CHARACTERISTICS Drain-Source Breakdown Voltage BVDSS Zero Gate Voltage Drain Current IDSS IGSS Gate-Body Leakage Current ON CHARACTERISTICS Gate Threshold Voltage VGS(th) RDS(ON) gFS Drain-Source On-State Resistance
VGS= 20V , VDS=0V
1 100 1 1.7 3.8 5.8 20 2500 640 440 52 85 82 65 58 28 5.4 17 0.73 1.2 3 5 8
uA nA V m ohm m ohm S pF pF pF ns ns ns ns nC nC nC nC V
VDS=VGS , ID=250uA VGS=10V , ID=17A VGS=4.5V , ID=13.5A VDS=15V , ID=17A
Forward Transconductance DYNAMIC CHARACTERISTICS c
Input Capacitance CISS Output Capacitance COSS Reverse Transfer Capacitance CRSS c SWITCHING CHARACTERISTICS tD(ON) Turn-On Delay Time tr Rise Time tD(OFF) Turn-Off Delay Time tf Fall Time Qg Qgs Qgd Total Gate Charge
VDS=15V,VGS=0V f=1.0MHz
VDD=15V ID=17A VGS=10V RGEN=6 ohm VDS=15V,ID=17A,VGS=10V VDS=15V,ID=17A,VGS=4.5V
Gate-Source Charge VDS=15V,ID=17A, VGS=10V Gate-Drain Charge c DRAIN-SOURCE DIODE CHARACTERISTICS Diode Forward Voltage VSD VGS=0V,IS=17A
Notes
_ a.Surface Mounted on FR4 Board,t < 10sec. _ _ 300us, Duty Cycle < 2%. b.Pulse Test:Pulse Width < c.Guaranteed by design, not subject to production testing. d.Starting TJ=25C,L=1.25mH,RG=25,IAS=17A,VDD = 30V.(See Figure13)
Mar,24,2008
2
www.samhop.com.tw
www..com
STM4886
Ver 1.0
25
V G S = 4.5V V G S = 10V
20
ID, Drain Current(A)
V G S =3 V
ID, Drain Current(A)
20
16
15
12 125 C 8 25 C 4 0 -55 C
10 5
0 0 0.5 1.0 1.5 2.0 2.5 3.0
0
0.7
1.4
2.1
2.8
3.5
4.2
VDS, Drain-to-Source Voltage(V)
VGS, Gate-to-Source Voltage(V)
Figure 1. Output Characteristics
7 VG S =4.5V 6
Figure 2. Transfer Characteristics
2.0 1.8 1.6 1.4 1.2 1.0 0
V G S =4.5V ID=13.5A V G S =10V ID= 17 A
RDS(on)(m )
5 4 VG S =10V 3 2 1
1
5
10
15
20
25
RDS(on), On-Resistance Normalized
0
25
50
75
100
125
150 T j ( C )
ID, Drain Current(A)
Tj, Junction Temperature( C )
Figure 3. On-Resistance vs. Drain Current and Gate Voltage
1.2
Figure 4. On-Resistance Variation with Drain Current and Temperature
BVDSS, Normalized Drain-Source Breakdown Voltage
1.15 ID=250uA 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125 150
Vth, Normalized Gate-Source Threshold Voltage
1.1 1.0 0.9 0.8 0.7 0.6 0.5 -50 -25 0 25 50
V DS =V G S ID=250uA
75 100 125 150
Tj, Junction Temperature( C )
Tj, Junction Temperature( C )
Figure 5. Gate Threshold Variation with Temperature
Figure 6. Breakdown Voltage Variation with Temperature
Mar,24,2008
3
www.samhop.com.tw
www..com
STM4886
Ver 1.0
15.0 12.5
20.0
Is, Source-drain current(A)
ID=17 A
10.0 5.0
25 C
RDS(on)(m )
10.0 7.5 5.0 2.5 0 75 C
25 C
125 C
125 125 C
75 C
1.0
0 2 4 6 8 10
0
0.24
0.48
0.72
0.96
1.20
VGS, Gate-to-Source Voltage(V)
VSD, Body Diode Forward Voltage(V)
Figure 7. On-Resistance vs. Gate-Source Voltage
3600
Figure 8. Body Diode Forward Voltage Variation with Source Current
10
VGS, Gate to Source Voltage(V)
3000
C, Capacitance(pF)
Ciss 2400 1800 1200 Coss 600 Crss 0 0 5 10 15 20 25 30
8 6 4 2 0 0
VDS = 15V ID=17 A
9
18
27
36
45
54
63 72
VDS, Drain-to-Source Voltage(V)
Qg, Total Gate Charge(nC)
Figure 9. Capacitance
Figure 10. Gate Charge
6000
60
ID, Drain Current(A)
RD
Tr
ON S(
)L
im
it
10 0u s
Switching Time(ns)
1000 600
TD(off) Tf
10
10 1s
DC
1m 10 0m ms
s
100
TD(on)
s
1 VGS =10V S ingle P ulse T A=25 C 1
10 1 6 10
V DS =15V ,ID=17A V G S =10V
0.1 0.1
60 100 300 600
10
30 50
Rg, Gate Resistance()
VDS, Drain-Source Voltage(V)
Figure 11. switching characteristics
Figure 12. Maximum Safe Operating Area
Mar,24,2008
4
www.samhop.com.tw
www..com
STM4886
Ver 1.0
15V
V ( BR )D S S
tp
VDS
L
D R IVE R
RG
20V
D .U .T
IA S tp
+ - VD D
A
0.0 1
IAS
Unclamped Inductive Test Circuit F igure 13a.
Unclamped Inductive Waveforms F igure 13b.
1
0.5
Normalized Transient Thermal Resistance
0.2
0.1
0.1 0.05 0.02 0.01 P DM
0.01
Single Pulse
1. 2. 3. 4.
t1 t2 R thJ A (t)=r (t) * R thJ A R thJ A=S ee Datas heet T J M-T A = P DM* R thJ A (t) Duty C ycle, D=t1/t2
0.001 0.0000 1
0.000 1
0.001
0.01
0. 1
1
10
100
1000
Square Wave Pulse Duration(sec)
Figure 14. Normalized Thermal Transient Impedance Curve
Mar,24,2008
5
www.samhop.com.tw
www..com
STM4886
Ver 1.0
PACKAGE OUTLINE DIMENSIONS SO-8
1 L
E D
0.015X45
A
e
0.05 TYP.
B
0.016 TYP.
A1
0.008 TYP.
C
H
MILLIME T E R S S Y MB OLS MIN A A1 D E H L 1.35 0.10 4.80 3.81 5.79 0.41 0 MAX 1.75 0.25 4.98 3.99 6.20 1.27 8 MIN 0.053 0.004 0.189 0.150 0.228 0.016 0
INC HE S MAX 0.069 0.010 0.196 0.157 0.244 0.050 8
Mar,24,2008
6
www.samhop.com.tw
www..com
STM4886
Ver 1.0
SO-8 Tape and Reel Data
SO-8 Carrier Tape
unit:
PACKAGE SOP 8N 150 A0
6.40
B0
5.20
K0
2.10
D0
1.5 (MIN)
D1
1.5 + 0.1 - 0.0
E
12.0 0.3
E1
1.75
E2
5.5 0.05
P0
8.0
P1
4.0
P2
2.0 0.05
T
0.3 0.05
SO-8 Reel
UNIT:
TAPE SIZE
12
REEL SIZE
330
M
330 1
N
62 1.5
W
12.4 + 0.2
W1
16.8 - 0.4
H
12.75 + 0.15
K
S
2.0 0.15
G
R
V
Mar,24,2008
7
www.samhop.com.tw


▲Up To Search▲   

 
Price & Availability of STM4886

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X