Part Number Hot Search : 
MCM44C64 78L06 265002 2SC2758 LC4000Z U4285BM 2SK3150L 2316312
Product Description
Full Text Search
 

To Download SST39SF020A-45-4I-WHE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A / SST39SF020A / SST39SF040
SST39SF010A / 020A / 0405.0V 1Mb / 2Mb / 4Mb (x8) MPF memories
Data Sheet
FEATURES:
* Organized as 128K x8 / 256K x8 / 512K x8 * Single 4.5-5.5V Read and Write Operations * Superior Reliability - Endurance: 100,000 Cycles (typical) - Greater than 100 years Data Retention * Low Power Consumption (typical values at 14 MHz) - Active Current: 10 mA (typical) - Standby Current: 30 A (typical) * Sector-Erase Capability - Uniform 4 KByte sectors * Fast Read Access Time: - 45 ns - 70 ns * Latched Address and Data * Fast Erase and Byte-Program - Sector-Erase Time: 18 ms (typical) - Chip-Erase Time: 70 ms (typical) - Byte-Program Time: 14 s (typical) - Chip Rewrite Time: 2 seconds (typical) for SST39SF010A 4 seconds (typical) for SST39SF020A 8 seconds (typical) for SST39SF040 * Automatic Write Timing - Internal VPP Generation * End-of-Write Detection - Toggle Bit - Data# Polling * TTL I/O Compatibility * JEDEC Standard - Flash EEPROM Pinouts and command sets * Packages Available - 32-lead PLCC - 32-lead TSOP (8mm x 14mm) - 32-pin PDIP
PRODUCT DESCRIPTION
The SST39SF010A/020A/040 are CMOS Multi-Purpose Flash (MPF) manufactured with SST's proprietary, high performance CMOS SuperFlash technology. The split-gate cell design and thick oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST39SF010A/020A/040 devices write (Program or Erase) with a 4.5-5.5V power supply. The SST39SF010A/020A/040 devices conform to JEDEC standard pinouts for x8 memories. Featuring high performance Byte-Program, the SST39SF010A/020A/040 devices provide a maximum Byte-Program time of 20 sec. These devices use Toggle Bit or Data# Polling to indicate the completion of Program operation. To protect against inadvertent write, they have on-chip hardware and Software Data Protection schemes. Designed, manufactured, and tested for a wide spectrum of applications, these devices are offered with a guaranteed typical endurance of 10,000 cycles. Data retention is rated at greater than 100 years. The SST39SF010A/020A/040 devices are suited for applications that require convenient and economical updating of program, configuration, or data memory. For all system applications, they significantly improve performance and reliability, while lowering power consumption. They inherently use less energy during erase and program than alternative flash technologies. The total energy consumed is a
(c)2003 Silicon Storage Technology, Inc. S71147-06-000 8/04 1 The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc. MPF is a trademark of Silicon Storage Technology, Inc. These specifications are subject to change without notice.
function of the applied voltage, current, and time of application. Since for any given voltage range, the SuperFlash technology uses less current to program and has a shorter erase time, the total energy consumed during any Erase or Program operation is less than alternative flash technologies. These devices also improve flexibility while lowering the cost for program, data, and configuration storage applications. The SuperFlash technology provides fixed Erase and Program times, independent of the number of Erase/Program cycles that have occurred. Therefore the system software or hardware does not have to be modified or de-rated as is necessary with alternative flash technologies, whose Erase and Program times increase with accumulated Erase/Program cycles. To meet high density, surface mount requirements, the SST39SF010A/020A/040 are offered in 32-lead PLCC and 32-lead TSOP packages. A 600 mil, 32-pin PDIP is also available. See Figures 1, 2, and 3 for pin assignments.
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
Device Operation
Commands are used to initiate the memory operation functions of the device. Commands are written to the device using standard microprocessor write sequences. A command is written by asserting WE# low while keeping CE# low. The address bus is latched on the falling edge of WE# or CE#, whichever occurs last. The data bus is latched on the rising edge of WE# or CE#, whichever occurs first.
is latched on the rising edge of the sixth WE# pulse. The internal Erase operation begins after the sixth WE# pulse. The End-of-Erase can be determined using either Data# Polling or Toggle Bit methods. See Figure 9 for timing waveforms. Any commands written during the SectorErase operation will be ignored.
Chip-Erase Operation
The SST39SF010A/020A/040 provide Chip-Erase operation, which allows the user to erase the entire memory array to the "1s" state. This is useful when the entire device must be quickly erased. The Chip-Erase operation is initiated by executing a sixbyte Software Data Protection command sequence with Chip-Erase command (10H) with address 5555H in the last byte sequence. The internal Erase operation begins with the rising edge of the sixth WE# or CE#, whichever occurs first. During the internal Erase operation, the only valid read is Toggle Bit or Data# Polling. See Table 4 for the command sequence, Figure 10 for timing diagram, and Figure 18 for the flowchart. Any commands written during the ChipErase operation will be ignored.
Read
The Read operation of the SST39SF010A/020A/040 is controlled by CE# and OE#, both have to be low for the system to obtain data from the outputs. CE# is used for device selection. When CE# is high, the chip is deselected and only standby power is consumed. OE# is the output control and is used to gate data from the output pins. The data bus is in high impedance state when either CE# or OE# is high. Refer to the Read cycle timing diagram (Figure 4) for further details.
Byte-Program Operation
The SST39SF010A/020A/040 are programmed on a byteby-byte basis. Before programming, the sector where the byte exists must be fully erased. The Program operation is accomplished in three steps. The first step is the three-byte load sequence for Software Data Protection. The second step is to load byte address and byte data. During the ByteProgram operation, the addresses are latched on the falling edge of either CE# or WE#, whichever occurs last. The data is latched on the rising edge of either CE# or WE#, whichever occurs first. The third step is the internal Program operation which is initiated after the rising edge of the fourth WE# or CE#, whichever occurs first. The Program operation, once initiated, will be completed, within 20 s. See Figures 5 and 6 for WE# and CE# controlled Program operation timing diagrams and Figure 15 for flowcharts. During the Program operation, the only valid reads are Data# Polling and Toggle Bit. During the internal Program operation, the host is free to perform additional tasks. Any commands written during the internal Program operation will be ignored.
Write Operation Status Detection
The SST39SF010A/020A/040 provide two software means to detect the completion of a Write (Program or Erase) cycle, in order to optimize the system Write cycle time. The software detection includes two status bits: Data# Polling (DQ7) and Toggle Bit (DQ6). The End-of-Write detection mode is enabled after the rising edge of WE# which initiates the internal Program or Erase operation. The actual completion of the nonvolatile write is asynchronous with the system; therefore, either a Data# Polling or Toggle Bit read may be simultaneous with the completion of the Write cycle. If this occurs, the system may possibly get an erroneous result, i.e., valid data may appear to conflict with either DQ7 or DQ6. In order to prevent spurious rejection, if an erroneous result occurs, the software routine should include a loop to read the accessed location an additional two (2) times. If both reads are valid, then the device has completed the Write cycle, otherwise the rejection is valid.
Sector-Erase Operation
The Sector-Erase operation allows the system to erase the device on a sector-by-sector basis. The sector architecture is based on uniform sector size of 4 KByte. The SectorErase operation is initiated by executing a six-byte command load sequence for Software Data Protection with Sector-Erase command (30H) and sector address (SA) in the last bus cycle. The sector address is latched on the falling edge of the sixth WE# pulse, while the command (30H)
(c)2003 Silicon Storage Technology, Inc.
S71147-06-000
8/04
2
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
Data# Polling (DQ7)
When the SST39SF010A/020A/040 are in the internal Program operation, any attempt to read DQ7 will produce the complement of the true data. Once the Program operation is completed, DQ7 will produce true data. Note that even though DQ7 may have valid data immediately following the completion of an internal Write operation, the remaining data outputs may still be invalid: valid data on the entire data bus will appear in subsequent successive Read cycles after an interval of 1 s. During internal Erase operation, any attempt to read DQ7 will produce a `0'. Once the internal Erase operation is completed, DQ7 will produce a `1'. The Data# Polling is valid after the rising edge of fourth WE# (or CE#) pulse for Program operation. For Sector- or Chip-Erase, the Data# Polling is valid after the rising edge of sixth WE# (or CE#) pulse. See Figure 7 for Data# Polling timing diagram and Figure 16 for a flowchart.
Software Data Protection (SDP)
The SST39SF010A/020A/040 provide the JEDEC approved Software Data Protection scheme for all data alteration operations, i.e., Program and Erase. Any Program operation requires the inclusion of a series of threebyte sequence. The three-byte load sequence is used to initiate the Program operation, providing optimal protection from inadvertent Write operations, e.g., during the system power-up or power-down. Any Erase operation requires the inclusion of six-byte load sequence. The SST39SF010A/ 020A/040 devices are shipped with the Software Data Protection permanently enabled. See Table 4 for the specific software command codes. During SDP command sequence, invalid commands will abort the device to read mode, within TRC.
Product Identification
The Product Identification mode identifies the device as the SST39SF040, SST39SF010A, or SST39SF020A and manufacturer as SST. This mode may be accessed by software operations. Users may wish to use the software Product Identification operation to identify the part (i.e., using the device ID) when using multiple manufacturers in the same socket. For details, Table 4 for software operation, Figure 11 for the software ID entry and read timing diagram and Figure 17 for the ID entry command sequence flowchart. TABLE 1: PRODUCT IDENTIFICATION
Address Manufacturer's ID Device ID SST39SF010A SST39SF020A SST39SF040 0001H 0001H 0001H B5H B6H B7H
T1.2 1147
Toggle Bit (DQ6)
During the internal Program or Erase operation, any consecutive attempts to read DQ6 will produce alternating 0s and 1s, i.e., toggling between 0 and 1. When the internal Program or Erase operation is completed, the toggling will stop. The device is then ready for the next operation. The Toggle Bit is valid after the rising edge of fourth WE# (or CE#) pulse for Program operation. For Sector- or ChipErase, the Toggle Bit is valid after the rising edge of sixth WE# (or CE#) pulse. See Figure 8 for Toggle Bit timing diagram and Figure 16 for a flowchart.
Data BFH
Data Protection
The SST39SF010A/020A/040 provide both hardware and software features to protect nonvolatile data from inadvertent writes.
0000H
Hardware Data Protection
Noise/Glitch Protection: A WE# or CE# pulse of less than 5 ns will not initiate a Write cycle. VDD Power Up/Down Detection: The Write operation is inhibited when VDD is less than 2.5V. Write Inhibit Mode: Forcing OE# low, CE# high, or WE# high will inhibit the Write operation. This prevents inadvertent writes during power-up or power-down.
Product Identification Mode Exit/Reset
In order to return to the standard Read mode, the Software Product Identification mode must be exited. Exit is accomplished by issuing the Exit ID command sequence, which returns the device to the Read operation. Please note that the software reset command is ignored during an internal Program or Erase operation. See Table 4 for software command codes, Figure 12 for timing waveform and Figure 17 for a flowchart.
(c)2003 Silicon Storage Technology, Inc.
S71147-06-000
8/04
3
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
FUNCTIONAL BLOCK DIAGRAM
X-Decoder
SuperFlash Memory
Memory Address
Address Buffers & Latches Y-Decoder CE# OE# WE# DQ7 - DQ0
1147 B1.2
Control Logic
I/O Buffers and Data Latches
SST39SF040
WE# WE# WE#
VDD
A12
A15
A16
A18
SST39SF020A
VDD
A12
A15
A16
SST39SF010A
VDD
A12
A15
A16
NC
SST39SF040 SST39SF020A SST39SF010A
NC
SST39SF010A SST39SF020A
A17
NC
A17
A7 A6 A5 A4 A3 A2 A1 A0 DQ0
A7 A6 A5 A4 A3 A2 A1 A0 DQ0
A7 A6 A5 A4 A3 A2 A1 A0 DQ0
SST39SF020A SST39SF010A
5 6 7 8 9 10 11 12 13
4
3
2
1
32 31 30 29 28 27 26 25 24 23 22
SST39SF040
A14 A13 A8 A9 A11 OE# A10 CE# DQ7
A14 A13 A8 A9 A11 OE# A10 CE# DQ7
A14 A13 A8 A9 A11 OE# A10 CE# DQ7
32-lead PLCC Top View
21 14 15 16 17 18 19 20 DQ1 DQ2 VSS DQ3 DQ4 DQ5 DQ6
1147 32-plcc P2.4
DQ1
DQ2
VSS
DQ3
DQ4
DQ5 DQ5
SST39SF040
DQ1
DQ2
VSS
DQ3
DQ4
FIGURE 1: PIN ASSIGNMENTS FOR 32-LEAD PLCC
(c)2003 Silicon Storage Technology, Inc.
DQ6
DQ6
S71147-06-000
8/04
4
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
SST39SF040 SST39SF020A A11 A9 A8 A13 A14 A17 WE# VDD A18 A16 A15 A12 A7 A6 A5 A4 A11 A9 A8 A13 A14 A17 WE# VDD NC A16 A15 A12 A7 A6 A5 A4
SST39SF010A A11 A9 A8 A13 A14 NC WE# VDD NC A16 A15 A12 A7 A6 A5 A4 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
SST39SF010A 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 OE# A10 CE# DQ7 DQ6 DQ5 DQ4 DQ3 VSS DQ2 DQ1 DQ0 A0 A1 A2 A3
SST39SF020A OE# A10 CE# DQ7 DQ6 DQ5 DQ4 DQ3 VSS DQ2 DQ1 DQ0 A0 A1 A2 A3
1147 32-tsop P1.1
SST39SF040 OE# A10 CE# DQ7 DQ6 DQ5 DQ4 DQ3 VSS DQ2 DQ1 DQ0 A0 A1 A2 A3
Standard Pinout Top View Die Up
FIGURE 2: PIN ASSIGNMENTS FOR 32-LEAD TSOP (8MM X 14MM)
SST39SF040 SST39SF020A SST39SF010A
SST39SF010A SST39SF020A
SST39SF040
A18 A16 A15 A12 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 VSS
NC A16 A15 A12 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 VSS
NC A16 A15 A12 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 VSS
1 2 3 4 5 32-pin 6 PDIP 7 8 Top View 9 10 11 12 13 14 15 16
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
VDD WE# NC A14 A13 A8 A9 A11 OE# A10 CE# DQ7 DQ6 DQ5 DQ4 DQ3
VDD WE# A17 A14 A13 A8 A9 A11 OE# A10 CE# DQ7 DQ6 DQ5 DQ4 DQ3
VDD WE# A17 A14 A13 A8 A9 A11 OE# A10 CE# DQ7 DQ6 DQ5 DQ4 DQ3
1147 32-pdip P3.2
FIGURE 3: PIN ASSIGNMENTS FOR 32-PIN PDIP
(c)2003 Silicon Storage Technology, Inc.
S71147-06-000
8/04
5
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39SF010A / SST39SF020A / SST39SF040
Data Sheet TABLE 2: PIN DESCRIPTION
Symbol AMS1-A0 DQ7-DQ0 Pin Name Address Inputs Data Input/output Functions To provide memory addresses. During Sector-Erase AMS-A12 address lines will select the sector. To output data during Read cycles and receive input data during Write cycles. Data is internally latched during a Write cycle. The outputs are in tri-state when OE# or CE# is high. To activate the device when CE# is low. To gate the data output buffers. To control the Write operations. To provide 5.0V supply (4.5-5.5V) Unconnected pins.
T2.2 1147
CE# OE# WE# VDD VSS NC
Chip Enable Output Enable Write Enable Power Supply Ground No Connection
1. AMS = Most significant address AMS = A16 for SST39SF010A, A17 for SST39SF020A, and A18 for SST39SF040
TABLE 3: OPERATION MODES SELECTION
Mode Read Program Erase Standby Write Inhibit Product Identification Software Mode VIL VIL VIH See Table 4
T3.3 1147
CE# VIL VIL VIL VIH X X
OE# VIL VIH VIH X VIL X
WE# VIH VIL VIL X X VIH
DQ DOUT DIN X1 High Z High Z/ DOUT High Z/ DOUT
Address AIN AIN Sector address, XXH for Chip-Erase X X X
1. X can be VIL or VIH, but no other value.
(c)2003 Silicon Storage Technology, Inc.
S71147-06-000
8/04
6
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39SF010A / SST39SF020A / SST39SF040
Data Sheet TABLE 4: SOFTWARE COMMAND SEQUENCE
Command Sequence Byte-Program Sector-Erase Chip-Erase Software ID Entry4,5 Software ID Exit6 Software ID Exit6 1st Bus Write Cycle Addr1 5555H 5555H 5555H 5555H XXH 5555H Data AAH AAH AAH AAH F0H AAH 2AAAH 55H 5555H F0H
T4.2 1147
2nd Bus Write Cycle Addr1 2AAAH 2AAAH 2AAAH 2AAAH Data 55H 55H 55H 55H
3rd Bus Write Cycle Addr1 5555H 5555H 5555H 5555H Data A0H 80H 80H 90H
4th Bus Write Cycle Addr1 BA2 5555H 5555H Data Data AAH AAH
5th Bus Write Cycle Addr1 2AAAH 2AAAH Data 55H 55H
6th Bus Write Cycle Addr1 SAX3 5555H Data 30H 10H
1. Address format A14-A0 (Hex), Addresses AMS-A15 can be VIL or VIH, but no other value, for the Command sequence. AMS = Most significant address AMS = A16 for SST39SF010A, A17 for SST39SF020A, and A18 for SST39SF040 2. BA = Program Byte address 3. SAX for Sector-Erase; uses AMS-A12 address lines 4. The device does not remain in Software Product ID mode if powered down. 5. With AMS-A1 = 0; SST Manufacturer's ID = BFH, is read with A0 = 0, SST39SF010A Device ID = B5H, is read with A0 = 1 SST39SF020A Device ID = B6H, is read with A0 = 1 SST39SF040 Device ID = B7H, is read with A0 = 1 6. Both Software ID Exit operations are equivalent
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under "Absolute Maximum Stress Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these conditions or conditions greater than those defined in the operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.) Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55C to +125C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65C to +150C D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0V to VDD+2.0V Voltage on A9 Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 13.2V Package Power Dissipation Capability (Ta = 25C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W Through Hold Lead Soldering Temperature (10 Seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300C Surface Mount Lead Soldering Temperature (3 Seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240C Output Short Circuit Current1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA
1. Outputs shorted for no more than one second. No more than one output shorted at a time.
OPERATING RANGE
Range Commercial Industrial Ambient Temp 0C to +70C -40C to +85C VDD 4.5-5.5V 4.5-5.5V
AC CONDITIONS OF TEST
Input Rise/Fall Time . . . . . . . . . . . . . . 5 ns Output Load . . . . . . . . . . . . . . . . . . . . . CL = See Figures 13 and 14 30 pF for 45 ns Output Load . . . . . . . . . . . . . . . . . . . . . CL = 100 pF for 70 ns
(c)2003 Silicon Storage Technology, Inc.
S71147-06-000
8/04
7
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39SF010A / SST39SF020A / SST39SF040
Data Sheet TABLE 5: DC OPERATING CHARACTERISTICS VDD = 4.5-5.5V1
Limits Symbol IDD Parameter Power Supply Current Read2 Program and Erase ISB1 ISB2 ILI ILO VIL VIH VIHC VOL VOH Standby VDD Current (TTL input) Standby VDD Current (CMOS input) Input Leakage Current Output Leakage Current Input Low Voltage Input High Voltage Input High Voltage (CMOS) Output Low Voltage Output High Voltage 2.4 2.0 VDD-0.3 0.4 25 35 3 100 1 10 0.8 mA mA mA A A A V V V V V Min Max Units Test Conditions Address input=VILT/VIHT, at f=1/TRC Min VDD=VDD Max CE#=VIL, OE#=WE#=VIH, all I/Os open CE#=WE#=VIL, OE#=VIH CE#=VIH, VDD=VDD Max CE#=VIHC, VDD=VDD Max VIN=GND to VDD, VDD=VDD Max VOUT=GND to VDD, VDD=VDD Max VDD=VDD Min VDD=VDD Max VDD=VDD Max IOL=2.1 mA, VDD=VDD Min IOH=-400 A, VDD=VDD Min
T5.10 1147
1. Typical conditions for the Active Current shown on the front data sheet page are average values at 25C (room temperature), and VDD = 5V for SF devices. Not 100% tested. 2. Values are for 70 ns conditions. See the Multi-Purpose Flash Power Rating application note for further information.
TABLE 6: RECOMMENDED SYSTEM POWER-UP TIMINGS
Symbol TPU-READ
1
Parameter Power-up to Read Operation Power-up to Program/Erase Operation
Minimum 100 100
Units s s
T6.1 1147
TPU-WRITE1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 7: CAPACITANCE (Ta = 25C, f=1 Mhz, other pins open)
Parameter CI/O1 CIN
1
Description I/O Pin Capacitance Input Capacitance
Test Condition VI/O = 0V VIN = 0V
Maximum 12 pF 6 pF
T7.0 1147
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 8: RELIABILITY CHARACTERISTICS
Symbol NEND TDR1 ILTH1
1,2
Parameter Endurance Data Retention Latch Up
Minimum Specification 10,000 100 100 + IDD
Units Cycles Years mA
Test Method JEDEC Standard A117 JEDEC Standard A103 JEDEC Standard 78
T8.2 1147
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter. 2. NEND endurance rating is qualified as a 10,000 cycle minimum for the whole device. A sector- or block-level rating would result in a higher minimum specification.
(c)2003 Silicon Storage Technology, Inc.
S71147-06-000
8/04
8
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
AC CHARACTERISTICS
TABLE 9: READ CYCLE TIMING PARAMETERS VDD = 4.5-5.5V
SST39SF010A/020A/040-45 Symbol TRC TCE TAA TOE TCLZ1 TOLZ1 TCHZ1 TOHZ1 TOH1 Parameter Read Cycle Time Chip Enable Access Time Address Access Time Output Enable Access Time CE# Low to Active Output OE# Low to Active Output CE# High to High-Z Output OE# High to High-Z Output Output Hold from Address Change 0 0 0 15 15 0 Min 45 45 45 25 0 0 25 25 Max SST39SF010A/020A/040-70 Min 70 70 70 35 Max Units ns ns ns ns ns ns ns ns ns
T9.4 1147
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 10: PROGRAM/ERASE CYCLE TIMING PARAMETERS
Symbol TBP TAS TAH TCS TCH TOES TOEH TCP TWP TWPH1 TCPH1 TDS TDH1 TIDA1 TSE TSCE Parameter Byte-Program Time Address Setup Time Address Hold Time WE# and CE# Setup Time WE# and CE# Hold Time OE# High Setup Time OE# High Hold Time CE# Pulse Width WE# Pulse Width WE# Pulse Width High CE# Pulse Width High Data Setup Time Data Hold Time Software ID Access and Exit Time Sector-Erase Chip-Erase 0 30 0 0 0 10 40 40 30 30 40 0 150 25 100 Min Max 20 Units s ns ns ns ns ns ns ns ns ns ns ns ns ns ms ms
T10.1 1147
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
(c)2003 Silicon Storage Technology, Inc.
S71147-06-000
8/04
9
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
TRC ADDRESS AMS-0
TAA
CE#
TCE
OE# VIH WE# TOLZ
TOE
TOHZ TCHZ HIGH-Z DATA VALID
1147 F03.1
DQ7-0
HIGH-Z
TCLZ
TOH DATA VALID
Note: AMS = Most significant address AMS = A16 for SST39SF010A, A17 for SST39SF020A, and A18 for SST39SF040
FIGURE 4: READ CYCLE TIMING DIAGRAM
INTERNAL PROGRAM OPERATION STARTS TBP ADDRESS AMS-0 5555 TAH TWP WE# TAS OE# TCH CE# TCS DQ7-0 AA SW0 55 SW1 A0 SW2 DATA BYTE (ADDR/DATA) TWPH TDS 2AAA 5555 ADDR TDH
1147 F04.1
Note: AMS = Most significant address AMS = A16 for SST39SF010A, A17 for SST39SF020A, and A18 for SST39SF040
FIGURE 5: WE# CONTROLLED PROGRAM CYCLE TIMING DIAGRAM
(c)2003 Silicon Storage Technology, Inc.
S71147-06-000
8/04
10
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
INTERNAL PROGRAM OPERATION STARTS TBP ADDRESS AMS-0 5555 TAH TCP CE# TAS OE# TCH WE# TCS DQ7-0 AA SW0 55 SW1 A0 SW2 DATA BYTE (ADDR/DATA) TCPH TDS 2AAA 5555 ADDR TDH
1147 F05.1
Note: AMS = Most significant address AMS = A16 for SST39SF010A, A17 for SST39SF020A, and A18 for SST39SF040
FIGURE 6: CE# CONTROLLED PROGRAM CYCLE TIMING DIAGRAM
ADDRESS AMS-0 TCE CE# TOEH OE# TOE WE# TOES
DQ7
D
D#
D#
D
1147 F06.1
Note: AMS = Most significant address AMS = A16 for SST39SF010A, A17 for SST39SF020A, and A18 for SST39SF040
FIGURE 7: DATA# POLLING TIMING DIAGRAM
(c)2003 Silicon Storage Technology, Inc.
S71147-06-000
8/04
11
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
ADDRESS AMS-0 TCE CE# TOEH OE# TOE TOES
WE#
DQ6
Note
TWO READ CYCLES WITH SAME OUTPUTS Note: Toggle bit output is always high first. AMS = Most significant address AMS = A16 for SST39SF010A, A17 for SST39SF020A, and A18 for SST39SF040 1147 F07.1
FIGURE 8: TOGGLE BIT TIMING DIAGRAM
SIX-BYTE CODE FOR SECTOR-ERASE ADDRESS AMS-0 5555 2AAA 5555 5555 2AAA SAX
TSE
CE#
OE# TWP WE#
DQ7-0
AA SW0
55 SW1
80 SW2
AA SW3
55 SW4
30 SW5
1147 F08.1
Note: This device also supports CE# controlled Sector-Erase operation. The WE# and CE# signals are interchageable as long as minimum timings are met. (See Table 10) SAX = Sector Address AMS = Most significant address AMS = A16 for SST39SF010A, A17 for SST39SF020A, and A18 for SST39SF040
FIGURE 9: WE# CONTROLLED SECTOR-ERASE TIMING DIAGRAM
(c)2003 Silicon Storage Technology, Inc.
S71147-06-000
8/04
12
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
SIX-BYTE CODE FOR CHIP-ERASE ADDRESS AMS-0 5555 2AAA 5555 5555 2AAA 5555
TSCE
CE#
OE# TWP WE#
DQ7-0
AA SW0
55 SW1
80 SW2
AA SW3
55 SW4
10 SW5
1147 F17.1
Note: This device also supports CE# controlled Chip-Erase operation. The WE# and CE# signals are interchageable as long as minimum timings are met. (See Table 10) SAX = Sector Address AMS = Most significant address AMS = A16 for SST39SF010A, A17 for SST39SF020A, and A18 for SST39SF040
FIGURE 10: WE# CONTROLLED CHIP-ERASE TIMING DIAGRAM
Three-byte Sequence for Software ID Entry ADDRESS A14-0 5555 2AAA 5555 0000 0001
CE#
OE# TWP WE# TWPH DQ7-0 AA SW0 55 SW1 90 SW2
1147 F09.2
TIDA
TAA BF Device ID
Device ID = B5H for SST39SF010A, B6H for SST39SF020A, and B7H for SST39SF040
FIGURE 11: SOFTWARE ID ENTRY AND READ
(c)2003 Silicon Storage Technology, Inc.
S71147-06-000
8/04
13
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
THREE-BYTE SEQUENCE FOR SOFTWARE ID EXIT AND RESET
ADDRESS A14-0
5555
2AAA
5555
DQ7-0
AA
55
F0 TIDA
CE#
OE# TWP WE# TWHP SW0 SW1 SW2
1147 F10.0
FIGURE 12: SOFTWARE ID EXIT AND RESET
(c)2003 Silicon Storage Technology, Inc.
S71147-06-000
8/04
14
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
VIHT
INPUT
VIT
REFERENCE POINTS
VOT
OUTPUT
VILT
1147 F11.1
AC test inputs are driven at VIHT (3.0V) for a logic "1" and VILT (0V) for a logic "0". Measurement reference points for inputs and outputs are VIT (1.5V) and VOT (1.5V). Input rise and fall times (10% 90%) are <5 ns.
Note: VIT - VINPUT Test VOT - VOUTPUT Test VIHT - VINPUT HIGH Test VILT - VINPUT LOW Test
FIGURE 13: AC INPUT/OUTPUT REFERENCE WAVEFORMS
VDD TO TESTER RL HIGH
TO DUT CL RL LOW
1147 F12.0
FIGURE 14: A TEST LOAD EXAMPLE
(c)2003 Silicon Storage Technology, Inc.
S71147-06-000
8/04
15
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
Start
Load data: AAH Address: 5555H
Load data: 55H Address: 2AAAH
Load data: A0H Address: 5555H
Load Byte Address/Byte Data
Wait for end of Program (TBP, Data# Polling bit, or Toggle bit operation) Program Completed
1147 F13.1
FIGURE 15: BYTE-PROGRAM ALGORITHM
(c)2003 Silicon Storage Technology, Inc.
S71147-06-000
8/04
16
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
Internal Timer Byte Program/Erase Initiated
Toggle Bit Byte Program/Erase Initiated
Data# Polling Byte Program/Erase Initiated
Wait TBP, TSCE, or TSE
Read byte
Read DQ7
Program/Erase Completed
Read same byte
No
Is DQ7 = true data? Yes
No
Does DQ6 match? Yes
Program/Erase Completed
Program/Erase Completed
1147 F14.0
FIGURE 16: WAIT OPTIONS
(c)2003 Silicon Storage Technology, Inc.
S71147-06-000
8/04
17
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
Software Product ID Entry Command Sequence
Software Product ID Exit & Reset Command Sequence
Load data: AAH Address: 5555H
Load data: AAH Address: 5555H
Load data: F0H Address: XXH
Load data: 55H Address: 2AAAH
Load data: 55H Address: 2AAAH
Wait TIDA
Load data: 90H Address: 5555H
Load data: F0H Address: 5555H
Return to normal operation
Wait TIDA
Wait TIDA
Read Software ID
Return to normal operation
1147 F15.1
FIGURE 17: SOFTWARE PRODUCT COMMAND FLOWCHARTS
(c)2003 Silicon Storage Technology, Inc.
S71147-06-000
8/04
18
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
Chip-Erase Command Sequence Load data: AAH Address: 5555H
Sector-Erase Command Sequence Load data: AAH Address: 5555H
Load data: 55H Address: 2AAAH
Load data: 55H Address: 2AAAH
Load data: 80H Address: 5555H
Load data: 80H Address: 5555H
Load data: AAH Address: 5555H
Load data: AAH Address: 5555H
Load data: 55H Address: 2AAAH
Load data: 55H Address: 2AAAH
Load data: 10H Address: 5555H
Load data: 30H Address: SAX
Wait TSCE
Wait TSE
Chip erased to FFH
Sector erased to FFH
1147 F16.1
FIGURE 18: ERASE COMMAND SEQUENCE
(c)2003 Silicon Storage Technology, Inc.
S71147-06-000
8/04
19
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
PRODUCT ORDERING INFORMATION
SST 39 XX SF 010A XX XXXX - 45 - XXX 4C XX NH - XXX E X Environmental Attribute E = non-Pb Package Modifier H = 32 pins or leads Package Type N = PLCC P = PDIP W = TSOP (type 1, die up, 8mm x 14mm) Temperature Range C = Commercial = 0C to +70C I = Industrial = -40C to +85C Minimum Endurance 4 = 10,000 cycles Read Access Speed 45 = 45 ns 70 = 70 ns Version A = Special Feature Version Device Density 040 = 4 Mbit 020 = 2 Mbit 010 = 1 Mbit Voltage S = 4.5-5.5V Product Series 39 = Multi-Purpose Flash
(c)2003 Silicon Storage Technology, Inc.
S71147-06-000
8/04
20
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39SF010A / SST39SF020A / SST39SF040
Data Sheet Valid combinations for SST39SF010A
SST39SF010A-45-4C-NH SST39SF010A-45-4C-NHE SST39SF010A-70-4C-NH SST39SF010A-70-4C-NHE SST39SF010A-45-4I-NH SST39SF010A-45-4I-NHE SST39SF010A-70-4I-NH SST39SF010A-70-4I-NHE SST39SF010A-45-4C-WH SST39SF010A-45-4C-WHE SST39SF010A-70-4C-WH SST39SF010A-70-4C-WHE SST39SF010A-45-4I-WH SST39SF010A-45-4I-WHE SST39SF010A-70-4I-WH SST39SF010A-70-4I-WHE SST39SF010A-70-4C-PH SST39SF010A-70-4C-PHE
Valid combinations for SST39SF020A
SST39SF020A-45-4C-NH SST39SF020A-45-4C-NHE SST39SF020A-70-4C-NH SST39SF020A-70-4C-NHE SST39SF020A-45-4I-NH SST39SF020A-45-4I-NHE SST39SF020A-70-4I-NH SST39SF020A-70-4I-NHE SST39SF020A-45-4C-WH SST39SF020A-45-4C-WHE SST39SF020A-70-4C-WH SST39SF020A-70-4C-WHE SST39SF020A-45-4I-WH SST39SF020A-45-4I-WHE SST39SF020A-70-4I-WH SST39SF020A-70-4I-WHE SST39SF020A-70-4C-PH SST39SF020A-70-4C-PHE
Valid combinations for SST39SF040
SST39SF040-45-4C-NH SST39SF040-45-4C-NHE SST39SF040-70-4C-NH SST39SF040-70-4C-NHE SST39SF040-45-4I-NH SST39SF040-45-4I-NHE SST39SF040-70-4I-NH SST39SF040-70-4I-NHE SST39SF040-45-4C-WH SST39SF040-45-4C-WHE SST39SF040-70-4C-WH SST39SF040-70-4C-WHE SST39SF040-45-4I-WH SST39SF040-45-4I-WHE SST39SF040-70-4I-WH SST39SF040-70-4I-WHE SST39SF040-70-4C-PH SST39SF040-70-4C-PHE
Note: Valid combinations are those products in mass production or will be in mass production. Consult your SST sales representative to confirm availability of valid combinations and to determine availability of new combinations.
(c)2003 Silicon Storage Technology, Inc.
S71147-06-000
8/04
21
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
PACKAGING DIAGRAMS
TOP VIEW
Optional Pin #1 Identifier .048 .042 .495 .485 .453 .447
2 1 32
SIDE VIEW
.112 .106 .020 R. MAX. .029 x 30 .023 .040 R. .030
BOTTOM VIEW
.042 .048 .595 .553 .585 .547 .032 .026
.021 .013 .400 .530 BSC .490
.050 BSC .015 Min. .050 BSC .095 .075 .140 .125 .032 .026
Note: 1. Complies with JEDEC publication 95 MS-016 AE dimensions, although some dimensions may be more stringent. 2. All linear dimensions are in inches (max/min). 3. Dimensions do not include mold flash. Maximum allowable mold flash is .008 inches. 4. Coplanarity: 4 mils.
32-plcc-NH-3
32-LEAD PLASTIC LEAD CHIP CARRIER (PLCC) SST PACKAGE CODE: NH
(c)2003 Silicon Storage Technology, Inc.
S71147-06-000
8/04
22
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
Pin # 1 Identifier
1.05 0.95 0.50 BSC
8.10 7.90
0.27 0.17
12.50 12.30 DETAIL 1.20 max. 0.70 0.50 14.20 13.80
0.15 0.05
0- 5 0.70 0.50 Note: 1. Complies with JEDEC publication 95 MO-142 BA dimensions, although some dimensions may be more stringent. 1mm 2. All linear dimensions are in millimeters (max/min). 3. Coplanarity: 0.1 mm 4. Maximum allowable mold flash is 0.15 mm at the package ends, and 0.25 mm between leads.
32-tsop-WH-7
32-LEAD THIN SMALL OUTLINE PACKAGE (TSOP) 8MM X 14MM SST PACKAGE CODE: WH
(c)2003 Silicon Storage Technology, Inc.
S71147-06-000
8/04
23
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
32
C L
Pin #1 Identifier
1
.075 .065 Base Plane Seating Plane
1.655 1.645
7 4 PLCS. .200 .170
.625 .600 .550 .530
.050 .015 .100 BSC .150 .120
.012 .008 .600 BSC
0 15
.080 .070
.065 .045
.022 .016
Note: 1. Complies with JEDEC publication 95 MO-015 AP dimensions, although some dimensions may be more stringent. 2. All linear dimensions are in inches (max/min). 3. Dimensions do not include mold flash. Maximum allowable mold flash is .010 inches. 32-pdip-PH-3
32-PIN PLASTIC DUAL IN-LINE PINS (PDIP) SST PACKAGE CODE: PH
TABLE 11: REVISION HISTORY
Number 02 03 Description Date May 2002 Mar 2003
* *
2002 Data Book Changes to Table 5 on page 8 - Added footnote for MPF power usage and Typical conditions - Clarified the Test Conditions for Power Supply Current and Read parameters - Clarified IDD Write to be Program and Erase Document status changed from "Preliminary Specification" to "Data Sheet" Changed IDD Program and Erase max values from 25 to 35 in Table 5 on page 8 2004 Data Book Added non-Pb MPNs and removed footnote (See page 21) Corrected Revision History for Version 04: IDD max value was incorrectly stated as 30 mA instead of 35 mA
04 05 06
* * * * *
Oct 2003 Nov 2003 Aug 2004
Silicon Storage Technology, Inc. * 1171 Sonora Court * Sunnyvale, CA 94086 * Telephone 408-735-9110 * Fax 408-735-9036 www.SuperFlash.com or www.sst.com
(c)2003 Silicon Storage Technology, Inc. S71147-06-000 8/04
24


▲Up To Search▲   

 
Price & Availability of SST39SF020A-45-4I-WHE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X