![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SPX29300/01/02/03 3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time FEATURES Adjustable Output Down To 1.25V 1% Output Accuracy Output Current of 3A Low Dropout Voltage of 450mV @ 3A Extremely Tight Load and Line Regulation Extremely Fast Transient Response Reverse-Battery Protection Zero Current Shutdown (5 pin version) Error Flag Signal Output for Out of Regulation State (5 pin version) Standard TO-220 and TO-263 Packages SPX29300 3 Pin TO-263 1 2 3 VIN GND VOUT Now Available in Lead Free Packaging APPLICATIONS Powering VGA & Sound Card Power PCTM Supplies SMPS Post Regulator High Efficiency "Green" Computer Systems High Efficiency Linear Power Supplies Constant Current Regulators Adjustable Power Supplies Battery Charger DESCRIPTION The SPX29300/01/02/03 are 3A, highly accurate voltage regulators with a low drop out voltage of 450mV dropout (typical) @ 3A. These regulators are specifically designed for low voltage applications that require a low dropout voltage and a fast transient response. They are fully fault protected against over-current, reverse battery, and positive and negative voltage transients. On-Chip trimming adjusts the reference voltage to 1% initial accuracy. Other features in the 5 pin versions include Enable, and Error Flag. The SPX29300/01/02/03 are offered in 3 & 5-pin TO-220 & TO-263 packages. For a 1.5A version, refer to the SPX29150 data sheet. TYPICAL APPLICATIONS CIRCUITS VIN 6.8F + 1 SPX29300 3 2 + 10F VOUT V IN 6.8F + 1 SPX29302 2 GND 3 5 4 + R1 V OUT 10F ADJ R2 Figure 1. Fixed Output Linear Regulator Figure 2. Adjustable Output Linear Regulator Date: 9/5/06 Rev C SPX29300/01/02/03 3A Low Dropout Voltage Regulator (c) 2006 Sipex Corporation 1 ABSOLUTE MAXIMUM RATINGS Lead Temperature (soldering, 5 seconds) ................260C Storage Temperature Range........................-65C to +150C Operating Junction Temperature Range......-40C to +125C Input Voltage (Note 1) .................................................... 16V ELECTRICAL CHARACTERISTICS (Note 1) at VIN=VOUT + 1V and IOUT = 10mA, CIN = 6.8F, COUT = 10F, TA = 25C, unless otherwise specified. The Boldface applies over the junction temperature range. SPX29300/01 MIN MAX PARAMETER Fixed Voltage Options 1.8V Version Output Voltage 2.5V Version Output Voltage 3.3V Version Output Voltage 5.0V Version Output Voltage All Voltage Options Line Regulation Load Regulation V/T Dropout Voltage, except 1.8V, (Note 3) Ground Current (Note 5) Ground Pin Current at Dropout Current Limit Output Noise Voltage (10Hz to 100kHz) IL=100mA Reference Voltage Reference Voltage Adjust Pin Bias Current Reference Voltage Temp. Coeff. Adjust Pin Bias Current Temp. Coeff. Date: 9/5/06 Rev C CONDITIONS TYP UNITS IOUT = 10mA 10mA IOUT 3A, 2.8V VIN 16V IOUT = 10mA 10mA IOUT 3A, 3.5V VIN 16V 1.800 1.800 1.782 1.764 1.818 1.836 V 2.500 2.500 2.475 2.450 2.525 2.550 V IOUT = 10mA 10mA IOUT 3A, 4.3V VIN 16V 3.300 3.300 3.267 3.234 3.333 3.366 V IOUT = 10mA 10mA IOUT 3A, 6.0V VIN 16V IOUT=10mA,(VOUT+1V) VIN 16V VIN=VOUT+1V, 10mA IOUT IFL (Note 2) VOUT Temp Coefficient (Note 6) IOUT=100mA IOUT=1.5A IOUT=3.0A IOUT=1.5A IOUT=3.0A VIN=0.5V less than specified VOUT, IOUT=10mA VOUT=0V (Note 4) CL=10F CL=33F Adjustable version only Adjustable version only (Note 8) 5.000 5.000 4.950 4.900 5.050 5.100 V SPX29300/01/02/03 0.06 0.2 20 50 150 450 10 37 0.9 4.5 400 260 1.240 1.228 1.215 1.203 40 (Note 7) 20 0.1 1.252 1.265 1.277 80 120 V V nA ppm/C nA/C 3.0 0.5 1 100 175 700 35 mA mA A VRMS % % ppm/C mV SPX29300/01/02/03 3A Low Dropout Voltage Regulator (c) 2006 Sipex Corporation 2 ELECTRICAL CHARACTERISTICS at VIN=VOUT + 1V and IOUT = 10mA, CIN = 6.8F, COUT = 10F, TA = 25C, unless otherwise specified. The Boldface applies over the junction temperature range. Adjustable versions are set to 5.0V. PARAMETER CONDITIONS FLAG OUTPUT (ERROR COMPARATOR) Output Leakage Current Output Low Voltage Upper Threshold Voltage Lower Threshold Voltage Hysteresis ENABLE Input Input Logic Voltage Low (OFF) High (ON) ENABLE Input Pin VIN<10V 2.4 VEN=16V VEN=0.8V Regulator Output Current in Shutdown Thermal Resistance (Note 10) TO-200 Junction to Case, at Tab TO-220 Junction to Ambient TO-263 Junction to Case, at Tab TO-263 Junction to Ambient 10 3 60 3 60 100 600 750 1 2 500 A A A C/W VOH=16V Device set for 5V,VIN=4.5V, IOL=250A Device set for 5V, (Note 9) Device set for 5V, (Note 9) Device set for 5V, (Note 9) TYP 0.01 220 60 75 15 SPX29301/02 0.8 V 40 25 95 140 MIN MAX SPX29301/03 1 2 300 400 UNITS A mV mV mV mV NOTES: Note 1: Maximum positive supply voltage of 20V must be of limited duration (<100ms) and duty cycle of less than 1%. The maximum continuous supply voltage is 16V. Note 2: Full load current (IFL) is defined as 3.0A. Note 3: Dropout voltage is defined as the input to output differential when the output voltage drops to 99% of its nominal value. Note 4: VIN = VOUT (NOMINAL) +1V. For example, use VIN = 4.3V for a 3.3V regulator. Employ pulse-testing procedures to minimize temperature rise. Note 5: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the load current to the ground current. Note 6: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range Note 7: Thermal regulation is defined as the change in output voltage at time T after a change in power dissipation is applied, excluding load / line regulation effects. Specifications for a 200mA load pulse as VIN = 20V (a 4W pulse) for t = 10ms. Note 8: VREF VOUT (VIN-1), 2.3VVIN 16V, 10mA IL IFL, Tj < Tjmax. Note 9: Comparator threshold is expressed in terms of a voltage differential at the Adjust terminal below the nominal reference voltage measured 6V input. To express these thresholds in terms of output voltage change, multiply the error amplifier gain = VOUT/VREF = (R1 + R2)/R2. For example, at a programmable output voltage of 5V, the Error output is guaranteed to go low when the output drops by 95mVx 5V/ 1.240V = 38mV. Threshold remain constant as a percent of VOUT as VOUT is varied, with the dropout warning occurring at typically 5% below nominal, 7.7% guaranteed. Note 10: VEN 0.8V and VIN 16V, VOUT = 0. BLOCK DIAGRAM IN O.V I LIMIT FLAG + 1.180V Reference 1.240V + ADJ EN Thermal Shutdown 28V R1* OUT R2* GND Date: 9/5/06 Rev C SPX29300/01/02/03 3A Low Dropout Voltage Regulator (c) 2006 Sipex Corporation 3 TYPICAL PERFORMANCE CHARACTERISTICS 1200 2.540 1000 Vdropout (mV) 2.530 2.520 Vout (V) 800 600 85C 400 25C 200 0 0 1.0 IL (A) 2.0 3.0 3.3V Device CL = 10F Vin = 3.2V 2.510 2.500 2.490 2.480 2.470 2.460 4 6 8 10 Vin (V) 12 14 16 2.5V Device IL = 10mA CL = 10F Figure 3. Dropout Voltage vs Load Current 80.0 Figure 4. Line Regulation 3.310 70.0 60.0 3.305 85C 25C Ignd (mA) 40.0 30.0 20.0 10.0 0.0 0 1.0 IL (A) 2.0 3.0 3.3V Device Vin = 4.3V CL = 10F Vout (V ) 50.0 3.300 3.295 3.290 3.285 3.280 0 1.0 IL (A) 2.0 3.0 3.3V Device Vin = 4.3V CL = 10F Figure 5. Ground Current vs Load Current Figure 6. Load Regulation SPX29300 1.8Vout @1A PSRR 1.9 1.8 1.7 -20 -10 0 10 PSRR (db) Vth (V) 1.6 1.5 1.4 1.3 1.2 -40 3.3V Device 20 30 40 50 60 70 80 100 -20 0 20 40 60 Temperature ( o C) 80 100 120 1000 10000 100000 1000000 10000000 Frequency (Hz) Figure 7. Enable Threshold vs Temperature Figure 8. Power Supply Rejection Ratio Date: 9/5/06 Rev C SPX29300/01/02/03 3A Low Dropout Voltage Regulator (c) 2006 Sipex Corporation 4 APPLICATION INFORMATION The SPX29300/01/02/03 incorporates protection against over-current faults, reversed load insertion, over temperature operation, and positive and negative transient voltage. Thermal Considerations Although the SPX29300/01/02/03 offers limiting circuitry for overload conditions, it is still necessary to insure that the maximum junction temperature is not exceeded in the application. Heat will flow through the lowest resistance path, the junction-to-case path. In order to insure the best thermal flow of the component, proper mounting is required. TO-220 Design Example: Assume that VIN = 10V, VOUT = 5V, IOUT = 1.5A, TA = 50C, HA= 1C/W, CH= 2C/W, and JC= 3C/W, where: TA = ambient temperature, HA= heatsink to ambient thermal resistance CH= case to heatsink thermal resistance JC = junction to case thermal resistance The power calculated under these conditions is: PD = (VIN - VOUT) * IOUT = 7.5W. And the junction temperature is calculated as TJ = TA + PD * (HA + CH + JC) or TJ = 50 + 7.5 * (1+2+3) = 95C Reliable operation is insured. Capacitor Requirements The output capacitor is needed to insure stability and minimize the output noise. The value of the capacitor varies with the load. However, a minimum value of 10F aluminum capacitor will guarantee stability over all load conditions. A tantalum capacitor is recommended if a faster load transient response is needed. If the power source has a high AC impedance, a 0.1F ceramic capacitor between input & ground is recommended. Minimum Load Current To ensure a proper behavior of the regulator under light load, a minimum load of 5mA for SPX29300/01/02/03 is required. Adjustable Regulator Design The SPX29302/03 are adjustable regulators that can be programmed to any value between 1.25V and 16V using 2 resistors, R1 and R2. The relationship between the resistors is: R1 = R2(Vout/1.240-1). Error Flag The SPX29301/03 features an error flag that indicates either an over current or under voltage condition. The flag output goes low, sinking 10mA when either condition occurs. Enable Input The SPX29301/02 have an Enable function that switches the regulator on and off. Their thresholds are TTL compatible. When the regulator is active, approximately 20 uA flows through the Enable pin. Typical Application Circuits Figure 1 represents at typical fixed output regulator. Figure 2 represents an adjustable output regulator. The values of R1 and R2 set the output voltage value as follows: VOUT =VREF * [1 + (R1/R2)]. A minimum value of 10kohms is recommended for R2 with a range between 10kohms and 47 kohms. Date: 9/5/06 Rev C SPX29300/01/02/03 3A Low Dropout Voltage Regulator (c) 2006 Sipex Corporation 5 PACKAGE: 3 PIN TO-220 Date: 9/5/06 Rev C SPX29300/01/02/03 3A Low Dropout Voltage Regulator (c) 2006 Sipex Corporation 6 PACKAGE: 5 PIN TO-220 Date: 9/5/06 Rev C SPX29300/01/02/03 3A Low Dropout Voltage Regulator (c) 2006 Sipex Corporation 7 PACKAGE: 3 PIN TO-263 E A E/2 L1 C2 Seating Plane SIDE VIEW H D Chamfer Optional 1 2 3 c e See Detail C b2 b Gauge Plane FRONT VIEW L3 A1 Seating Plane L DETAIL C Thermal Pad (L1) SYMBOL 3 Pin TO-263 JEDEC TO-263 Inches Controlling Dimension Variation AA Millimeters Conversion Factor: 1 Inch = 25.40 mm MIN NOM MAX 4.06 4.83 0.00 0.25 0.51 0.99 1.14 1.78 0.38 0.74 1.14 1.65 8.38 9.65 6.86 9.65 10.67 6.22 2.54 BSC 14.61 15.88 1.78 2.79 1.68 0.25 BSC 0 8 JL Aug5-05 / Rev A D1 BACK VIEW E1 MIN NOM MAX A 0.160 0.190 A1 0.000 0.010 b 0.020 0.039 b2 0.045 0.070 c 0.015 0.029 c2 0.045 0.065 D 0.330 0.380 D1 0.270 E 0.380 0.420 E1 0.245 e .100 BSC H 0.575 0.625 L 0.070 0.110 L1 0.066 L3 .010 BSC O 0 8 SIPEX Pkg Signoff Date/Rev: Date: 9/5/06 Rev C SPX29300/01/02/03 3A Low Dropout Voltage Regulator (c) 2006 Sipex Corporation 8 PACKAGE: 5 PIN TO-263 E E/2 L1 A C2 Seating Plane D Chamfer Optional H 1 2 3 4 5 SIDE VIEW c See Detail C e b FRONT VIEW Gauge Plane Seating Plane L3 A1 BACK VIEW Thermal Pad (L1) L DETAIL C 5 Pin TO-263 JEDEC TO-263 Dimensions in Inches: Controlling Dimension D1 Variation BA Dimensions in Millimeters Conversion Factor: 1 Inch = 25.40 mm MIN NOM MAX 4.06 4.83 0.00 0.25 0.51 0.99 0.38 0.74 1.14 1.65 8.38 9.65 6.86 9.65 10.67 6.22 1.702 BSC 14.61 15.88 1.78 2.79 1.68 0.254 BSC 0 8 JL Jun12-06 / Rev B E1 SYMBOL MIN NOM MAX A 0.160 0.190 A1 0.000 0.010 b 0.020 0.039 c 0.015 0.029 c2 0.045 0.065 D 0.330 0.380 D1 0.270 E 0.380 0.420 E1 0.245 e .067 BSC H 0.575 0.625 L 0.070 0.110 L1 0.066 L3 .010 BSC O 0 8 SIPEX Pkg Signoff Date/Rev: Date: 9/5/06 Rev C SPX29300/01/02/03 3A Low Dropout Voltage Regulator (c) 2006 Sipex Corporation 9 PACKAGE PINOUTS TO-263-3 Package (T) TO-263-5 Package (T5) 1 2 3 1 2 345 SPX29301 1) ENABLE 2)INPUT 3) GND 4) OUTPUT 5) FLAG SPX29302 1) ENABLE 2) INPUT 3) GND 4) OUTPUT 5) ADJUST SPX29303 1) FLAG 2)INPUT 3) GND 4) OUTPUT 5) ADJUST V IN GND VOUT Front View TO-220-3 Package (U) Top View TO-220-5 Package (U5) 1 2 3 SPX29301 1) ENABLE 2)INPUT 3) GND 4) OUTPUT 5) FLAG 1 2 34 5 Top View SPX29302 1) ENABLE 2) INPUT 3) GND 4) OUTPUT 5) ADJUST SPX29303 1) FLAG 2)INPUT 3) GND 4) OUTPUT 5) ADJUST GND VIN V OUT Front View *Tab is internally connected to GND ORDERING INFORMATION PART NUMBER ACCURACY OUTPUT VOLTAGE PACKAGE SPX29300U-1-8 SPX29300U-2-5 SPX29300U-3-3 SPX29300U-5-0 SPX29300T-1-8 SPX29300T-1-8/TR SPX29300T-2-5 SPX29300T-2-5/TR SPX29300T-3-3 SPX29300T-3-3/TR SPX29300T-5-0 SPX29300T-5-0/TR 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.8V 2.5V 3.3V 5.0V 1.8V 1.8V 2.5V 2.5V 3.3V 3.3V 5.0V 5.0V 3 lead TO-220 3 lead TO-220 3 lead TO-220 3 lead TO-220 3 lead TO-263 3 lead TO-263 3 lead TO-263 3 lead TO-263 3 lead TO-263 3 lead TO-263 3 lead TO-263 3 lead TO-263 Available in lead free packaging. To order add "-L" suffix to part number. Example: SPX29300T-5-0/TR = standard; SPX29300T-L-5-0/TR = lead free /TR = Tape and Reel Pack quantity is 500 for TO-263. Sipex Corporation Headquarters and Sales Office 233 South Hillview Drive Milpitas, CA 95035 TEL: (408) 934-7500 FAX: (408) 935-7600 Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others. Date: 9/5/06 Rev C SPX29300/01/02/03 3A Low Dropout Voltage Regulator (c) 2006 Sipex Corporation 10 ORDERING INFORMATION PART NUMBER ACCURACY OUTPUT VOLTAGE PACKAGE SPX29301U5-1-8 SPX29301U5-2-5 SPX29301U5-3-3 SPX29301U5-5-0 SPX29301T5-1-8 SPX29301T5-1-8/TR SPX29301T5-2-5 SPX29301T5-2-5/TR SPX29301T5-3-3 SPX29301T5-3-3/TR SPX29301T5-5-0 SPX29301T5-5-0/TR SPX29302T5 SPX29302T5/TR SPX29302U5 SPX29303T5 SPX29303T5/TR SPX29303U5 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.8V 2.5V 3.3V 5.0V 1.8V 1.8V 2.5V 2.5V 3.3V 3.3V 5.0V 5.0V Adj Adj Adj Adj Adj Adj 5 lead TO-220 5 lead TO-220 5 lead TO-220 5 lead TO-220 5 lead TO-263 5 lead TO-263 5 lead TO-263 5 lead TO-263 5 lead TO-263 5 lead TO-263 5 lead TO-263 5 lead TO-263 5 lead TO-263 5 lead TO-263 5 lead TO-220 5 lead TO-263 5 lead TO-263 5 lead TO-220 Available in lead free packaging. To order add "-L" suffix to part number. Example: SPX29302T5/TR = standard; SPX29302T5-L/TR = lead free /TR = Tape and Reel Pack quantity is 500 for TO-263. Sipex Corporation Headquarters and Sales Office 233 South Hillview Drive Milpitas, CA 95035 TEL: (408) 934-7500 FAX: (408) 935-7600 Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others. Date: 9/5/06 Rev C SPX29300/01/02/03 3A Low Dropout Voltage Regulator (c) 2006 Sipex Corporation 11 |
Price & Availability of SPX29300T-1-8TR
![]() |