Part Number Hot Search : 
BT301 2N491 AN414 AZ393MTR 07910 VCH1622 A12216 LL07W
Product Description
Full Text Search
 

To Download SIGC15T60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIGC15T60
IGBT Chip
FEATURES: * 600V Trench & Field Stop technology * low VCE(sat) * low turn-off losses * short tail current * positive temperature coefficient * easy paralleling
3
This chip is used for: * power module * discrete components Applications: * drives
C
G
E
Chip Type SIGC15T60
VCE 600V
ICn 30A
Die Size 3.92 x 3.88 mm2
Package sawn on foil
Ordering Code Q67050A4335-A101
MECHANICAL PARAMETER: Raster size Emitter pad size Gate pad size Area total / active Thickness Wafer size Flat position Max. possible chips per wafer Passivation frontside Emitter metallization Collector metallization Die bond Wire bond Reject ink dot size Recommended storage environment 3.92 x 3.88 3.154 x 3.154 0.608 x 1.083 15.2 / 10.7 70 150 0 890 pcs Photoimide 3200 nm AlSiCu 1400 nm Ni Ag -system suitable for epoxy and soft solder die bonding electrically conductive glue or solder Al, <500m 0.65mm ; max 1.2mm store in original container, in dry nitrogen, < 6 month at an ambient temperature of 23C mm m mm deg
2
mm
2
Edited by INFINEON Technologies AI PS DD CLS, L7551A, Edition 1, 09.06.2004
SIGC15T60
MAXIMUM RATINGS: Parameter Collector-emitter voltage, Tj=25 C DC collector current, limited by Tjmax Pulsed collector current, tp limited by Tjmax Gate emitter voltage Operating junction and storage temperature SC data, VGE = 15V, VCC = 360V, Tvj = 150C
1)
Symbol VC E IC Icpuls V GE Tj, Ts t g tp
Value 600
1)
Unit V A A V C s
90 20 -40 ... +175 5
depending on thermal properties of assembly
STATIC CHARACTERISTICS (tested on chip), Tj=25 C, unless otherwise specified Parameter Collector-emitter breakdown voltage Collector-emitter saturation voltage Gate-emitter threshold voltage Zero gate voltage collector current Gate-emitter leakage current Integrated gate resistor Symbol V(BR)CES VCE(sat) VGE(th) ICES IGES RGint Conditions min. VGE=0V , IC= 2mA VGE=15V, IC =30A IC =430A , VGE=VCE VCE=600V , VGE=0V VCE=0V , VGE=20V none 600 1.1 tbd 1.5 5.8 1.9 tbd 80 300 A nA V Value typ. max. Unit
ELECTRICAL CHARACTERISTICS (verified by design/characterization): Parameter Input capacitance Output capacitance Reverse transfer capacitance Symbol Ci s s Co s s Cr s s Conditions V C E= 2 5 V , V GE= 0 V , f =1MHz Value min. typ. tbd tbd tbd max. Unit nF
SWITCHING CHARACTERISTICS (verified by design/characterization), inductive load Parameter Turn-on delay time Rise time Turn-off delay time Fall time
2)
Symbol t d(on) tr td(off) tf
Conditions Tj= 1 2 5 C V C C = 30 0 V , I C = 30A , V GE= - 1 5 / 1 5 V , R G = t b d
Value min. typ. tbd tbd tbd tbd
2)
max.
Unit ns
values also influenced by parasitic L- and C- in measurement and package.
Edited by INFINEON Technologies AI PS DD CLS, L7551A, Edition 1, 09.06.2004
SIGC15T60
CHIP DRAWING:
Edited by INFINEON Technologies AI PS DD CLS, L7551A, Edition 1, 09.06.2004
SIGC15T60
FURTHER ELECTRICAL CHARACTERISTICS:
This chip data sheet refers to the device data sheet
tbd
DESCRIPTION: AQL 0,65 for visual inspection according to failure catalog Electrostatic Discharge Sensitiv Device according to MIL-STD 883 e Test-Normen Villach/Pruffeld
Published by Infineon Technologies AG, Bereich Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 2004 All Rights Reserved.
Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Representatives world-wide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and / or maintain and sustain and / or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Edited by INFINEON Technologies AI PS DD CLS, L7551A, Edition 1, 09.06.2004


▲Up To Search▲   

 
Price & Availability of SIGC15T60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X