Part Number Hot Search : 
RGEF1000 1DC60 SMCJ90 5KP28 VB026 LC7883 1N60T BCM5632E
Product Description
Full Text Search
 

To Download SI-3120J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GSI-3000J Series
SI-3000J Series
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
IFeatures
* * * * * Compact full-mold package (equivalent to TO220) Output current: 2.0A Low dropout voltage: VDIF1V (at IO=2.0A) Variable output voltage (rise only) May be used for remote sensing Output ON/OFF control terminal is compatible with LS-TTL. (It may be directly driven by LS-TTL or standard CMOS logic.) * Built-in foldback overcurrent, overvoltage, thermal protection circuits
IApplications
* For stabilization of the secondary stage of switching power supplies * Electronic equipment
IAbsolute Maximum Ratings
Parameter DC Input Voltage Voltage of Output Control Terminal DC Output Current Power Dissipation Junction Temperature Ambient Operating Temperature Storage Temperature Thermal Resistance (junction to case) Thermal Resistance (junction to ambient air) Symbol SI-3050J VIN VC IO PD1 PD2 Tj Top Tstg Rth(j-c) Rth(j-a) 25 Ratings SI-3090J 30 VIN 2.0*1 20(With infinite heatsink) 1.5(Without heatsink, stand-alone operation) -40 to +125 -30 to +100 -40 to +125 5.0 66.7(Without heatsink, stand-alone operation) SI-3120J/3150J 35 V V A W W C C C C/W C/W Unit
(Ta=25C)
42
GSI-3000J Series
IElectrical Characteristics
Ratings Parameter Input Voltage Output Voltage Symbol min. VIN VO Conditions VDIF Dropout Voltage Conditions 1.0 Conditions Line Regulation Load Regulation Temperature Coefficient of Output Voltage Ripple Rejection VOLINE Conditions VOLOAD Conditions VO/Ta Conditions RREJ Conditions Iq Quiescent Circuit Current Overcurrent Protection Starting Current*3,5 Control Voltage (Output ON) Control Voltage (Output OFF) Control Current VC *4 Terminal (Output ON) Control Current (Output OFF) Conditions Iq(off) Conditions IS1 Conditions VC. IH VC. IL IC. IH Conditions IC. IL Conditions -0.3 2.0 0.8 20 2.1 VIN=8V 2.0 0.8 20 VC=2.7V -0.3 VC=0.4V -0.3 10 40 0.5 VIN=8V, IO=5mA, Tj=0 to 100C 54 VIN=8V, f=100 to 120HZ 3 VIN=8V, IO=0A 0.5 1.0 2.1 VIN=12V 2.0 0.8 20 VIN=8V, IO=0A, VC=0.4V 10 30 100 18 70 1.0 VIN=12V, IO=5mA, Tj=0 to 100C 54 VIN=12V, f=100 to 120HZ 3 VIN=12V, IO=0A 0.5 1.0 2.1 VIN=15V VIN=12V, IO=0A, VC=0.4V 10 VIN=6 to 15V, IO=1.0A VIN=8V, IO=0 to 2.0A 6*2 4.90 5.00 VIN=8V, IO=1.0A 0.5 SI-3050J typ. max. 15*1 5.10 min. 10*2 8.82 9.00 SI-3090J typ. max. 25*1 9.18 0.5 IO1.5A 1.0 IO2.0A 48 180 24 93 1.5 VIN=15V, IO=5mA, Tj=0 to 100C 54 VIN=15V, f=100 to 120HZ 3 VIN=15V, IO=0A 0.5 1.0 VIN=15V, IO=0A, VC=0.4V 10 64 240 1.0 min. 13*2 11.76 12.00 SI-3120J typ. max. 27*1 12.24 0.5
(Ta=25C unless otherwise specified)
SI-3150J min. 16*2 14.70 15.00 typ. max. 27*1 15.30 0.5
Unit V V
VIN=12V, IO=1.0A
VIN=15V, IO=1.0A
VIN=18V, IO=1.0A
V 1.0 30 120 1.5 VIN=18V, IO=5mA, Tj=0 to 100C 54 VIN=18V, f=100 to 120HZ 3 VIN=18V, IO=0A 0.5 2.1 VIN=18V 2.0 0.8 20 -0.3 A mA V 1.0 mA A VIN=18V, IO=0A, VC=0.4V 10 mA dB 90 300
mV mV mV/C
VIN=10 to 20V, IO=1.0A VIN=12V, IO=0 to 2.0A
VIN=13 to 25V, IO=1.0A VIN=15V, IO=0 to 2.0A
VIN=16 to 25V, IO=1.0A VIN=18V, IO=0 to 2.0A
*1: VIN(max) and IO(max) are restricted by the relation PD(max)=(VIN-VO)*IO=20(W). *2: Refer to the dropout voltage.(Refer to Setting DC Input Voltage on page 7.) *3: IS1 is specified at -5(%) drop point of output voltage VO on the condition that VIN=VO+3V, IO=1A. *4: Output is ON even when output control terminal VC is open. Each input level is equivalent to LS-TTL. Therefore, it may be directly driven by an LS-TTL circuit. *5: A foldback type overcurrent protection circuit is built into the IC regulator. Therefore, avoid using it for the following applications as it may cause starting errors: (1) Constant current load (2) Plus/minus power (3) Series power (4) VO adjustment by raising ground voltage
43
GSI-3000J Series
IExternal Dimensions
3.20.2
0.5 10.0
0.2
(unit:mm)
4.20.2 2.80.2 4.00.2 7.90.2
(17.9)
a b
16.90.3
2.60.1
(2.0)
a. Part Number b. Lot Number Pin Arrangement q GND w VC e VO r VOS t VIN Plastic Mold Package Type Flammability: UL94V-0 Weight: Approx. 2.3g
0.95
0.15 +0.2
0.85 -0.1
(4.6)
0.45 -0.1 P1.70.7x4=6.80.7
+0.2
3.90.7
(4.3) 8.20.7
12345
Forming No. 1101
IBlock Diagram
SI-3000J
5 Tr1 3 MIC
(8.0)
5.00.6
4
ON/OFF
Protection
Amp.
Drive
Reg.
2
Equivalent to LS-TTL
1
IStandard External Circuit
C0 *1 C1 C2
VO 5 + DC Input C1 GND 3 SI-3000J 2 1 4 + C0 DC Output
VREF
D1
*2
VIN
*1
C2
OPEN
*2 D1
GND
: Output capacitor (47 to 100F) : Oscillation prevention capacitor (C1: Approx. 47F, C2: 0.33F) These capacitors are required if the input line is inductive and in the case of long wiring. Tantalum capacitors are recommended for C1 and C0, particularly at low temperatures. : Protection diode This diode is required for protection against reverse biasing of the input and output. Sanken EU2Z is recommended.
44
GSI-3000J Series
ITa-PD Characteristics
25
Power Dissipation PD (W)
20
Infinite heatsink
With Silicon Grease Heatsink: Aluminum
15
200x200x2mm (2.3C/W) 100x100x2mm (5.2C/W) 75x75x2mm (7.6C/W)
10
5
Without heatsink
0 -30 0 25 50 75 100
Ambient Temperature Ta (C)
PD=IO*[VIN(mean)-VO]
45
GSI-3000J Series
External Variable Output Voltage Circuit
1. Variable output voltage with a single external resistor
VIN 5 3 VO
25
VIN=VO+1V
SI 15 0J
+
OPEN 2 47F
SI-3000J
1 4
IREX
REX V04
+ 47F
-3
GND GND
20
SI
-3
12
0J
Output Voltage VO (V)
The output voltage may be increased by inserting resistor REX between terminals No.4 (sensing terminal) and No.3 (output terminal). The current IREX flowing into terminal No.4 is 1mA (typ.), therefore the adjusted output voltage VOUT is: VO=V04+IREX*REX *V04: output voltage of SI-3000J series However, the internal resistor (between terminals No. 4 and No.1) is a semiconductor resistor, which has approximately thermal characteristics of +0.2%/C. It is important to keep the thermal characteristics in mind when adjusting the output voltage. 2. Variable output voltage with two external resistors
VIN 5 3 VO
SI
-3
09
0J
15
-3 SI 05 0J
10
5
0
2
4 6 8 External Resistor REX (k)
10
+
OPEN 2 47F
SI-3000J
1 4
IREX1
REX1 V04
+ 47F
25
VIN=VO+1V
GND
0J 15 I-3 3.75k S= X2 RE
I4IN GND
REX2
20
The output voltage may be increased by inserting resistors REX1 between terminals No.4 (sensing terminal) and No.3 (output terminal) and REX2 between terminals No.4 and No.1 (ground terminal). The current I4IN flowing into terminal No.4 is 1mA (typ.) so the thermal characteristics may be improved compared to the method shown in 1 by setting the external current IREX1 at approximately 5 times the value of I4IN (stability coefficient S=5). The adjusted output voltage VOUT in this case is: VO=V04+REX1*IREX1 IREX1=S*I4IN The value of the external resistors may be obtained as follows: VO-V04 V04 REX1= REX2= S*I4IN , (S-1)*I4IN
*V04: Output voltage of SI=3000J series S: Stability coefficient of I4IN (may be set to any value)
Output Voltage VO (V)
0J 12 -3 k SI X2=3 RE
15
J 90 5k -30 .2 SI X2=2 RE
0J k 05 .25 -3 SI X2=1 RE
10
5
0
1.0 External Resistor REX1 (k)
2.0
Note: In the SI-3000J series, the output voltage increase can be adjusted as mentioned above. However, when the rise is set to approximately 10V compared to output voltage V04, the necessary output current may not be obtained due to the S.O.A. protection circuit in the SI-3000J series.
46
GSI-3000J Series
ITypical Characteristics
(Ta=25C)
IO vs. VDIF Characteristics
1.0
Temperature Coefficient of Output Voltage(SI-3050J)
5.02 VIN=8V lO=0A
Circuit Current(SI-3050J)
50
Dropout Voltage VDIF (V)
Ground Current IG (mA)
0.8
40
Output Voltage VO (V)
0.6
30
5.00
0.4
20
lO=2A 1.5A 1A
0.2
10 0.5A 0A
0 0
0.5
1
1.5
2
4.98 -40 -20
0
20
40
60
80 100 120 140
0 0
5
10
15
Output Current IO (A)
Ambient Temperature Ta (C)
Input Voltage VIN (V)
Quiescent Circuit Current(SI-3050J)
0.5
Output Voltage(SI-3050J)
6
Output Voltage(SI-3120J)
14 12
Quiescent Circuit Current Iqoff (mA)
0.4
5
Output Voltage VO (V)
0.3
VC=0V
4 lO=0A 0.5A 1A 1.5A 2A
Output Voltage VO (V)
10 8 6 4 2 lO=0A 0.5A 1A 1.5A 2A
3
0.2
2
0.1
1
0 0
5
10
15
0 0
1
2
3
4
5
6
7
8
Input Voltage VIN (V)
Input Voltage VIN (V)
0 0
5
10
15
20
Input Voltage VIN (V)
Overcurrent Protection Characteristics(SI-3050J)
6
Overcurrent Protection Characteristics(SI-3120J)
14 12
Output Voltage VO (V)
4
Output Voltage VO (V)
12V 10V
15V 6V
10 8 6 4 2 0 0
2
1
0 0
1.0
2.0
3.0
4.0
1.0
2.0
3.0
18
3
V
22V 3V 1 15V
27V 25V
5
8V
4.0
Output Current IO (A)
Output Current IO (A)
ON/OFF Control Characteristics(SI-3050J)
6 VIN=8V lO=10mA 5
Thermal Protection(CharacteristicsSI-3050J)
6 VIN=8V lO=10mA 5
Output Voltage VO (V)
4 off 3 on 2
Output Voltage VO (V)
4
3
Note on Thermal Protection:
2
1
1
0 0
1.0
2.0
3.0
4.0
5.0
Output ON/OFF Control Voltage VC (V)
0 0
20
60
100
140
180
The thermal protection circuit is intended for protection against heat during instantaneous short-circuiting. Its operation is not guaranteed for continuous heating condition such as short-circuiting over extended periods of time.
Case Temperature TC (C)
47


▲Up To Search▲   

 
Price & Availability of SI-3120J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X