|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Prepared by: Date May 17, `04 Doc. No. QD26WL01-05 Doc. Rev. : 05 Issue Date :Jan.6,'05 Page: 22 pages Quanta Display Inc. SPECIFICATION ( Include cover page, drawing) Specification for TFT LCD Module Model No. QD26WL01 REV:05 www..com Customer's Approval Date Approved by By These specification sheets are the proprietary product of Quanta Display Inc. ("QDI") and include materials protected under copyright of QDI. Do not reproduce or cause any third party to reproduce them in any form or by any means, electronic or mechanical, for any purpose, in whole or in part, without the express written permission of QDI. The device listed in these technical literature sheets was designed and manufactured for use in OA equipment. In case of using the device for applications such as control and safety equipment for transportation (aircraft, trains, automobiles, etc.), rescue and security equipment and various safety related equipment which require higher reliability and safety, take into consideration that appropriate measures such as fail-safe functions and redundant system design should be taken. Do not use the device for equipment that requires an extreme level of reliability, such as aerospace applications, telecommunication equipment (trunk lines), nuclear power control equipment and medical or other equipment for life support. QDI assumes no responsibility for any damage resulting from the use of the device, which does not comply with the instructions, and the precautions specified in these technical literature sheets. Contact and consult with a QDI sales representative for any questions about this device. www..com Revision History REV. 1 2 3 4 5 Date 5/17/2004 7/1/2004 9/24,'04 Nov.29,'04 Jan.5,'05 ECN NO. N/A N/A N/A N/A N/A Change Content Preliminary specification Initiate Update model name from QD26WL01 REV02 to QD26WL01 REV05 Page 15, update CR, Luminance min. spec. Page 15, update Luminance min. spec. Page 12, add 6-3. inverter electric characteristic www..com Content List 1. 2. 3. 4. 5. 6. 7. 8. 9. 10. 11. 12. 13. 14. Application Overview General Specifications Input Terminals Absolute Maximum Ratings Electrical Characteristics Timing Characteristics Input Signals, Basic Display Colors and Gray Scale of Each Color Optical Characterics Display Quality Handling Precautions Reliability Test Items Others Drawing Page 5 5 5 6 9 10 13 15 16 18 18 19 19 21 www..com 1. Application This specification applies to a color TFT-LCD module, QD26WL01 2. Overview This module is a color active matrix LCD module incorporating amorphous silicon TFT (Thin Film Transistor). It is composed of a color TFT-LCD panel; driver ICs, control circuit and power supply circuit and a backlight unit. Graphics and texts can be displayed on a 1280 method and supplying +12V DC supply voltage for TFT-LCD panel driving. The TFT-LCD panel used for this module has fast response time. A low-reflection and higher-colorsaturation type color filter is also used for this panel. Therefore, high-brightness and high-contrast image, which is suitable for multimedia use, can be obtained by using this module. [Features] 1) Brilliant and high contrast image. 2) Wide viewing angle. 3) Fast response time 4) WXGA resolution. 5) LVDS interface. 6) High color saturation 3. General Specifications Parameter www..com 3 768 dots panel with 16.7 million colors by using the LVDS (Low Voltage Differential Signaling) interface, 8-bit driving Specifications 66.05 (26") 566.40 (H) 1280 (H) 0.4425 (H) Diagonal 339.84 (V) Unit cm mm Pixel mm Display size Active area Pixel format Pixel pitch Pixel configuration Display mode 768 (V) 0.4425 (V) (1 pixel = R+G+B dots) R,G,B vertical stripe Normally Black 595.4 x 366.4 x 39max 3500 max. Anti-glare and hard-coating 3H 14 pcs mm g Unit outline dimensions Weight Surface treatment Lamp Quantity 4. Input Terminals 4-1. TFT-LCD panel driving CN1 (LVDS signals and +12V DC power supply) Using connector: (DF14H-20P-1.25H (Hirose) or Equivalent) Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 www..com Symbol VCC VCC GND GND Rx0Rx0+ GND Rx1Rx1+ GND Rx2Rx2+ GND RxCLKRxCLK+ GND Rx3Rx3+ GND GND +12V Input +12V Input Ground Ground Function Remark Low Voltage Differential signal Input Data (-) Low Voltage Differential signal Input Data (+) Ground Low Voltage Differential signal Input Data (-) Low Voltage Differential signal Input Data (+) Ground Low Voltage Differential signal Input Data (-) Low Voltage Differential signal Input Data (+) Ground Low Voltage Differential signal Input Clock (-) Low Voltage Differential signal Input Clock (+) Ground Low Voltage Differential signal Input Data (-) Low Voltage Differential signal Input Data (+) Ground Ground LVDS LVDS LVDS LVDS LVDS LVDS LVDS LVDS LVDS LVDS Note 1 Note 2 All GND(ground) pins should be connected together (and to Vss which should also be connected to the LCDs metal frame). All VCC (power supply) pins should be connected together. 4-2 Interface block diagram www..com 4-3. Backlight driving Connector CN1 CN2 CN3 Type S12B-PH-SM3-TB SM02(12)B-BHS-1-TB S2B-ZR-SM2-TF Manufactured JST JST Hirose Mating connector of CN1 : PHR-12(JST) or Equivalent Pin No. Symbol 1 2 3 4 5 6 7 8 9 10 11 12 VDDB VDDB VDDB NC PWSEL BRTP BRTI BRTC SGND GND GND GND Description Power Input +24V Power Input +24V Power Input +24V Not connection Select of luminance control signal method PWM signal Luminance by voltage method Backlight On/OFF signal Signal GND Backlight Ground Backlight Ground Backlight Ground Connected to metal frame See Luminance Control See Luminance Control See Luminance Control High : High or Open , Low: Low Remark www..com CN2 7 CN3 Out put CN1 CN3 5.Absolute Maximum Ratings LCD module Parameter +12V supply voltage Storage temperature Operating temperature (Ambient) Symbol VCC Tstg Topa Condition Ta=25 Ratings -0.3 20 0 14.0 60 50 Unit DC Remark Note1 Note1 Humidity 90%RH Max. at Ta No condensation. 40 . or less at Ta>40 . Maximum wet-bulb temperature at 39 www..com 6. Electrical Characteristics 6-1.TFT-LCD panel driving Parameter Supply voltage Current dissipation Rush current Permissive voltage Differential input threshold voltage Input current (High) Input current (Low) Terminal resistor Note1 input ripple Symbol Vcc Icc Iccs Vrp VTH VTL IOH IOL RT 100 -100 +/-10 +/-10 Min. +11.4 Typ. +12 Max. +12.6 500 3.0 120 +100 A mV mV mV A A VCM=+1.2V Note1 VI=2.4V Vcc=3.6V VI=0V Vcc=3.6V Differential input Unit Ta 25 Remark Note2 Note3 High Low VCM : Common mode voltage of LVDS driver. Note2 Power On-off sequence Power Supply For LCD Vcc 0V T1 Interface Signal. www..com Vi (Parallel CMOS Signal) 0V T3 Power For Lamp Lamp ON 0FF 0FF T4 T6 T2 Valid Data T5 T7 1ms T1,T6 10 ms 0 ms T2,T5 50 ms 200ms T3,T4 T7 400ms Note3 Maximum current condition; Change to 1x1 dot checker board pattern. VDD=+12V 6-2. Backlight driving The backlight system is a direct-lighting type with 14 CCFT (Cold Cathode Fluorescent Tube). The characteristics of the lamp are shown in the following table. Parameter Inverter Lamp current Lamp voltage Lamp power consumption Lamp frequency Established starting voltage Lamp life time IL VL PL FL Vs LL 50000 50 4.2 890 4.7 990 4.65 52 60 1400 1820 kHz Vrms Vrms hour 5.1 1090 mArm s Vrms Note2 Note3 Ta=25 Ta=0 Note5 Note4 IL=4.7mA Symbol Min. Typ. Max. Unit Remark Note1 www..com Lamp current is measured with current meter for high frequency as shown below. CN2 7 CN3 Out put CN1 CN3 Note2 Note3 Calculated Value for reference ( IL V L) Lamp frequency may produce interference with horizontal synchronous frequency, and this may cause beat on the display. Therefore lamp frequency shall be detached as much as possible from the horizontal synchronous frequency and from the harmonics of horizontal synchronous to avoid interference. Note4 Note5 The voltage above this value should be applied to the lamp for more than 1 second to startup. Otherwise the lamp may not be turned on. The life is determined as the time at which luminance of the lamp is 50% compared to that of initial value at the typical lamp current on condition of continuous operating at 25 2 C. Note) 1. The performance of the backlight, for example life time or brightness, is much influenced by the characteristics of the DC-AC inverter for the lamp. When you design or order the inverter, please make sure that a poor lighting caused by the mismatch of the backlight and the inverter (miss-lighting, flicker, etc.) never occur. When you confirm it, the module should be operated in the same condition as it is installed in your instrument. 2. Protection function : if one lamp cannot light on well, the inverter will shut down all lamps. 6-3. Inverter Electrical Characteristics Parameter Power Supply Input Voltage Power Supply Input Current Power Consumption Note) 1. The performance of the backlight, for example life time or brightness, is much influenced by www..com Symbol VDDB IDDB PB Min. 22.8 - Typ. 24 3300 79.2 Max. 25.2 3700 93.2 Unit Vdc mA W Notes TBD TBD the characteristics of the DC-AC inverter for the lamp. When you design or order the inverter, please make sure that a poor lighting caused by the mismatch of the backlight and the inverter (miss-lighting, flicker, etc.) never occur. When you confirm it, the module should be operated in the same condition as it is installed in your instrument. 2. Protection function : if one lamp cannot light on well, the inverter will shut down all lamps. 7. Timing characteristics of LCD module input signals 7-1. Timing characteristics (This is specified at digital outputs of LVDS driver.) Symbol Min ITEM DCLK Frequency Period Hsync Period Width-Active Frequency Vsync Frequency Period Width-Active Data Enable Horizontal back porch Horizontal front porch Horizontal active Horizontal blanking Vertical back porch Vertical front porch Vertical active Vertical blanking Notes: www..com FCLK tCLK tHA tHC fH fv tVA tVC tHD tHF tHE tHB tVD tVF tVE tVB 12.2 1337 8 44 47 774 2 8 16 1280 57 2 2 768 6 Typ 80 12.5 1648 16 48.54 60 810 6 80 272 1280 368 20 16 768 42 768 Max 82 1780 52 63 1280 tCLK tCLK tCLK tCLK tHA tHA tHA tHA kHz Hz tHA Unit MHz ns tCLK Notes 1. The performance of electro-optical characteristics may be influenced by variance of the vertical refresh rates. 2.Hsync period shall be a double number of chraracter (8). 7-2 Signal Timing Waveform 7-3. Input Data Signals and Display Position on the screen Display position of input data D 1,D H1 D 1,D H2 D 1,D H3 D 2,D H1 D 2,D H2 D 3,D H1 D 1280,D H1 R GB D 1,D H768 D 1280, D H768 www..com 8. Input Signals, Basic Display Colors and Gray Scale of Each Color Data Signal Colors & Gray scale R R R R R4 R5 R6 R7 G G1 G2 G G G5 G6 G7 B0 B1 B2 B3 B4 B5 B6 B7 01 Black Blue Green Cyan Red Magenta Yellow White Black 00 00 00 00 11 11 11 11 00 10 Darker 01 2 0 0 0 0 1 1 1 1 0 0 0 3 0 0 0 0 1 1 1 1 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 0 0 1 1 0 0 1 1 0 0 0 0 0 1 1 0 0 1 1 0 0 0 0 0 1 1 0 0 1 1 0 0 0 3 0 0 1 1 0 0 1 1 0 0 0 4 0 0 1 1 0 0 1 1 0 0 0 0 0 1 1 0 0 1 1 0 0 0 0 0 1 1 0 0 1 1 0 0 0 0 0 1 1 0 0 1 1 0 0 0 00000000 11111111 00000000 11111111 00000000 11111111 00000000 11111111 00000000 00000000 00000000 www..com Basic Color Gray Scale of Red Gray Scale of Green Gray Scale of Blue Bright 10 01 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 0 0 0 0 1 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 00000000 00000000 00000000 00000000 00000000 00000000 Red Black 11 00 00 Darker 00 Bright 00 00 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 0 0 0 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 00000000 00000000 00000000 00000000 10000000 01000000 Green Black 00 00 00 Darker 00 Bright 00 00 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 10111111 01111111 11111111 Blue 00 0 : Low level voltage, 1 : High level voltage 9. Optical Characteristics Parameter Viewing angle L/R U D Ta=25 Condition CR>10 Min. 85 85 85 =0 500 Typ. 88 88 88 600 25 20 5 Wx Wy Rx Ry Gx Gy Bx By 0.256 0.277 0.615 0.308 0.252 0.586 0.113 0.049 400 0.286 0.307 0.645 0.338 0.282 0.616 0.143 0.079 450 1.25 0.316 0.337 0.675 0.368 0.312 0.646 0.173 0.109 Cd/m2 ms ms ms Max. Unit Deg. Deg. Deg. 21, 11 12 n 22 , VCC=+12V Remark Note1,4 Symbol range Contrast ratio Response time Rise time Note2,4 Note3,4 r d Fall time Chromaticity of Note4 White (CIE 1931) Chromaticity of Red (CIE 1931) Chromaticity of Green (CIE 1931) Chromaticity of Blue (CIE 1931) Luminance of white Note4 White Uniformity www..com 4.7 mArms) (5P) Note5 The measurement shall be executed 30 minutes after lighting at rating. (typical condition : IL = The optical characteristics shall be measured in a dark room or equivalent state with the method shown in Fig.3 below. TFT-LCD module Field=2o Center of the screen 500 mm Photo detector (BM-5A: TOPCON) LCD Panel Fig 1. Optical characteristics measurement method Note1 Definitions of viewing angle range: Note2 Definition of contrast ratio: The contrast ratio is defined as the following. Contrast Ratio (CR) = Luminance (brightness) with all pixels white Luminance (brightness) with all pixels black Note3 Definition of response time: The response time is defined as the following figure and shall be measured by switching the input signal for "black" and "white" . www..com Black Photo detector Output (Relative Value) 100% 90% White Black 10% 0% r time d Note4 This shall be measured at center of the screen. Note5 Definition of white uniformity: E). HxV : active area White uniformity is defined as the following the number of measurement points within active area, formula are w(5)(A w Maximum Luminance (of 5 points measurement) Minnum Luminance (of 5 points measurement) 10. Display Quality The display quality of the color TFT-LCD module shall be in compliance with the Incoming Inspection Standard. 11 Handling Precautions a) Be sure to turn off the power supply when inserting or disconnecting the cable. b) Be sure to design the cabinet so that the module can be installed without any extra stress such www..com as warp or twist. c) Since the front polarizer is easily damaged, pay attention not to scratch it. d) Wipe off water drop immediately. Long contact with water may cause discoloration or spots. e) When the panel surface is soiled, wipe it with absorbent cotton or other soft cloth. f) Since the panel is made of glass, it may break or crack if dropped or bumped on hard surface. Handle with care. g) Since CMOS LSI is used in this module, take care of static electricity and injure the human earth when handling. h) Observe all other precautionary requirements in handling components. i) This module has its circuitry PCBs on the rear side and should be handled carefully in order not to be stressed. j) Laminated film is attached to the module surface to prevent it from being scratched . Peel the film off slowly just before the use with strict attention to electrostatic charges. Ionized air shall be blown over during the action. Blow off the 'dust' on the polarizer by using an ionized nitrogen gun, etc.. 12.Reliability test items No. 1 2 3 4 5 6 7 Test item High temperature storage test Low temperature storage test High temperature & high humidity operation test High temperature operation test Low temperature operation test Vibration test Shock test (non- operating) (non- operating) Conditions Ta = 70 Ta = -30 Ta = 50 Ta = 60 Ta = 0 Frequency: 10 Gravity : 50G Pulse width : 11 ms, half sine wave Direction : 8 ESD X, Y, Z Once for each direction. Contact-op:+-8kv, Contact-nop: +-10kv, Air-op:+-15kv, Air-nop: +-20kv, (contact area is limited on metal bezel) 13 Others 1) Lot No. Label: Serial number Product Name 240h 240h ; 95%RH 240h 240h 500Hz, 1.0G , 1Hr/each axis 240h (No condensation) LWC295100001 QD26WL01 Rev.06 www..com Ver.: xxxx QDI internal Serial Number Bar Code Control version No. LWC295100001 Digital code 4, 5 is Date code. Digital 4 (Year) 1: 2001, 2: 2002, 3:2003,.... Digital 5 (Month) 1: Jan, 2: Feb,... , A:Oct, B:Nov., C: Dec. 2) Adjusting volume has been set optimally before shipment, so do not change any adjusted value. If adjusted value is changed, the specification may not be satisfied. 3) Disassembling the module can cause permanent damage and should be strictly avoided. 4) Please be careful since image retention may occur when a fixed pattern is displayed for a long time. 5) If any problem occurs in relation to the description of this specification, it shall be resolved through discussion with spirit of cooperation. 6) UL certification number : E216479-A3-UL-1 TUV certification number : R50031484. www..com www..com 14. Drawing www..com |
Price & Availability of QD26WL01-05 |