|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Data Sheet No. PD 10031-F Series PVU414 HEXFET Power MOSFET Photovoltaic Relay (R) Single Pole, Normally Open 0-400V, 140mA AC/DC General Description The PVU414 Series Photovoltaic Relay is a singlepole, normally open solid-state relay that can replace electromechanical relays in many applications. It utilizes International Rectifier's proprietary HEXFET(R) power MOSFET as the output switch, driven by an integrated circuit photovoltaic generator of novel construction. The output switch is controlled by radiation from a GaAlAs light emitting diode (LED) which is optically isolated from the photovoltaic generator. The PVU414 is ideally suited for instrumentation, multiplexing, scanning and data acquisition applications. It offers high operating speed, low thermal offset (EMF) voltage, low and stable on-state resistance and high off-state resistance. The PVU414 relay is packaged in a 6-pin, molded DIP package with either thru-hole or surface-mount (gull-wing) terminals. It is available in standard plastic shipping tubes or on tape-and-reel. Please refer to Part Identification information.) Features ! ! ! ! ! ! ! ! ! ! HEXFET Power MOSFET output Bounce-free operation High operating speed High off-state resistance 0.2 V thermal offset voltage 4,000 VRMS I/O isolation Linear AC/DC operation Solid-State Reliability UL recognized ESD Tolerance: 4000V Human Body Model 500V Machine Model Applications ! ! ! ! ! ! Multiplexing Scanning Multichannel Sampling Data Acquisition Signal Level Switching Instrumentation and Measurement Part Identification PVU414 PVU414S PVU414S-T thru-hole surface-mount surface-mount, tape-and-reel (HEXFET is the registered trademark for International Rectifier's power MOSFETs) www.irf.com 1 Series PVU414 Electrical Specifications (-40C TA +85C unless otherwise specified) INPUT CHARACTERISTICS Minimum Control Current (see figure 1) Maximum Control Current for Off-State Resistance @TA=+25C Control Current Range (Caution: current limit input LED, see figure 6) Maximum Reverse Voltage Limits 3.0 0.4 3.0 to 25 7.0 Units mA mA mA V OUTPUT CHARACTERISTICS Operating Voltage Range Maximum Load Current @TA=+40C, 5mA Control (See figure 1) A Connection B Connection C Connection Maximum On-State Resistance @T A=+25C For 50mA pulsed load, 5mA Control (see figure 4) A Connection B Connection C Connection Minimum Off-State Resistance @TA=+25C, 320V (see figure 5) Maximum Turn-On Time @T A=+25C (see figure 7) For 50mA, 100 VDC Load, 5mA Control Maximum Turn-Off Time @TA=+25C (see figure 7) For 50mA, 100 VDC Load, 5mA Control Maximum Thermal Offset Voltage @ 5mA Control Maximum Output Capacitance @ 50VDC (see figure 2) Limits 0 to 400 140 150 210 Units V(DC or AC peak) mA (AC or DC) mA (DC) mA (DC) 27 14 7 1010 500 200 0.2 12 s s V pF GENERAL CHARACTERISTICS Minimum Dielectric Strength, Input-Output Minimum Insulation Resistance, Input-Output @TA=+25C, 50%RH, 100VDC Maximum Capacitance, Input-Output Maximum Pin Soldering Temperature (10 seconds maximum) Ambient Temperature Range: Operating Storage Limits 4000 1012 1.0 +260 -40 to +85 -40 to +100 Units VRMS pF C C International Rectifier does not recommend the use of this product in aerospace, avionics, military or life support applications. Users of this International Rectifier product in such applications assume all risks of such use and indemnify International Rectifier against all damages resulting from such use. 2 www.irf.com Series PVU414 Connection Diagrams 200 ILED= ILED= A A 'A' Connection 150 100 50 0 0 10 20 30 40 Vdd, Drain-to-Drain Voltage (V) 50 Figure 1. Current Derating Curves Figure 2. Typical Output Capacitance 200 150 100 50 -5.0 -4.0 -3.0 -2.0 -1.0 -50 -100 -150 -200 1.0 2.0 3.0 4.0 5.0 5 mA control @ 25C pulsed Figure 3. Linearity Characteristics Figure 4. Typical Normalized On-Resistance www.irf.com 3 Series PVU414 0.5 min. devi 1.0 max. devi ce & -45C limit ce & +85 C limit TYPICA L 1.5 2.0 Figure 5. Typical Normalized Off-State Leakage Figure 6. Input Characteristics (Current Controlled) 1000 800 600 400 t on ILED 90% 200 t dly I D 10% tdly ton toff 100 2.0 4.0 6.0 8.0 10.0 LED Current (A) 20.0 Figure 7. Typical Delay Times Figure 8. Delay Time Definitions 4 www.irf.com Series PVU414 Case Outlines 01-2008 01 01-2009 01 IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105 Data and specifications subject to change without notice. 10/17/2003 www.irf.com 5 |
Price & Availability of PVU414S-T |