Part Number Hot Search : 
STR83159 21143 BC846F MC30A LC867248 BOURNS BZV86 SR10040
Product Description
Full Text Search
 

To Download LM4040CIX3-50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-1787; Rev 0; 8/00
Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
General Description
The LM4040 is a precision two-terminal shunt mode, bandgap voltage reference available in fixed reverse breakdown voltages of 2.048V, 2.500V, 3.000V, 4.096V, and 5.000V. Ideal for space-critical applications, the LM4040 is offered in the subminiature 3-pin SC70 surface-mount package (1.8mm 1.8mm), 50% smaller than comparable devices in SOT23 surface-mount packages (SOT23 versions are also available). Laser-trimmed resistors ensure precise initial accuracy. With a 100ppm/C temperature coefficient, the device is offered in four grades of initial accuracy ranging from 0.1% to 1%. The LM4040 has a 60A to 15mA shunt current capability with low dynamic impedance, ensuring stable reverse breakdown voltage accuracy over a wide range of operating temperatures and currents. The LM4040 does not require an external stabilizing capacitor while ensuring stability with any capacitive load. For a 1.225V output version, refer to the LM4041 data sheet. o Ultra-Small 3-Pin SC70 Package o 0.1% max Initial Accuracy o 100ppm/C max Temperature Coefficient Guaranteed over -40C to +85C Temperature Range o Wide Operating Current Range: 60A to 15mA o Low 28VRMS Output Noise (10Hz to 10kHz) o 2.048V, 2.500V, 3.000V, 4.096V, and 5.000V Fixed Reverse Breakdown Voltage o No Output Capacitors Required o Tolerates Capacitive Loads
Features
LM4040
________________________Applications
Portable, Battery-Powered Equipment Notebook Computers Cell Phones Industrial Process Controls
LM4040_IX3-2.1 LM4040_IX3-2.1 LM4040_IM3-2.5 LM4040_IX3-2.5 LM4040_IM3-3.0 -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C PART TEMP. RANGE
Selector Guide
PINPACKAGE 3 SOT23-3 3 SC70-3 3 SOT23-3 3 SC70-3 3 SOT23-3 3 SC70-3 3 SOT23-3 3 SC70-3 3 SOT23-3 3 SC70-3 OUTPUT VOLTAGE (V) 2.048 2.048 2.500 2.500 3.000 3.000 4.096 4.096 5.000 5.000
Pin Configuration
TOP VIEW
+1
LM4040_IX3-3.0 LM4040_IM3-4.1 LM4040_IX3-4.1 LM4040_IM3-5.0 LM4040_IX3-5.0
LM4040
-2
3
N.C.*
Ordering Information appears at end of data sheet.
SC70-3/SOT23-3
*PIN 3 MUST BE LEFT FLOATING OR CONNECTED TO PIN 2.
________________________________________________________________ Maxim Integrated Products
1
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800. For small orders, phone 1-800-835-8769.
Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
LM4040
ABSOLUTE MAXIMUM RATINGS
Reverse Current (cathode to anode) ..................................20mA Forward Current (anode to cathode) ..................................10mA ESD per Method 3015.7 Human Body Model .......................................................2000V Machine Model.................................................................200V Continuous Power Dissipation (TA = +70C) 3-Pin SC70 (derate 2.17mW/C above +70C) ............174mW 3-Pin SOT23 (derate 4.01mW/C above +70C)..........320mW Operating Temperature Range ..........................-40C to +85C Storage Temperature Range .............................-65C to +150C Junction Temperature ......................................................+150C Lead Temperature (soldering, 10s)..................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS--LM4040_I_3-2.1
(IR = 100A, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER SYMBOL CONDITIONS LM4040A (0.1%) Reverse Breakdown Voltage VR TA = +25C LM4040B (0.2%) LM4040C (0.5%) LM4040D (1.0%) LM4040A Reverse Breakdown Voltage Tolerance (Note 2) VR LM4040B LM4040C LM4040D Minimum Operating Current IRMIN IR = 10mA Average Reverse Voltage Temperature Coefficient (Note 2) VR/T IR = 1mA IR = 100A Reverse Breakdown Voltage Change with Operating Current Change IRMIN IR 1mA VR/IR 1mA IR 15mA IR = 1mA, f = 120Hz, IAC = 0.1IR LM4040A/B/C LM4040D LM4040A/B/C LM4040D LM4040A/B Reverse Dynamic Impedance (Note 3) Wideband Noise Reverse Breakdown Voltage Long-Term Stability ZR eN VR LM4040C LM4040D LM4040A/B/C LM4040D LM4040A/B/C LM4040D MIN 2.046 2.044 2.038 2.028 TYP 2.048 2.048 2.048 2.048 2.0 4.0 10 20 45 45 20 15 15 15 0.3 0.3 2.5 2.5 0.3 0.3 0.3 28 120 1.0 1.2 8.0 10.0 0.8 0.9 1.1 VRMS ppm mV 100 150 ppm/C MAX 2.050 2.052 2.058 2.068 15 17 23 41 65 70 A mV V UNITS
IR = 100A, 10Hz f 10kHz T = 1000h
2
_______________________________________________________________________________________
Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
LM4040
ELECTRICAL CHARACTERISTICS--LM4040_I_3-2.5
(IR = 100A, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER SYMBOL CONDITIONS LM4040A (0.1%) Reverse Breakdown Voltage VR TA = +25C LM4040B (0.2%) LM4040C (0.5%) LM4040D (1.0%) LM4040A Reverse Breakdown Voltage Tolerance (Note 2) VR LM4040B LM4040C LM4040D Minimum Operating Current IRMIN IR = 10mA Average Reverse Voltage Temperature Coefficient (Note 2) VR/T IR = 1mA IR = 100A Reverse Breakdown Voltage Change with Operating Current Change IRMIN IR 1mA VR/IR 1mA IR 15mA IR = 1mA, f = 120Hz, IAC = 0.1IR LM4040A/B/C LM4040D LM4040A/B/C LM4040D LM4040A/B Reverse Dynamic Impedance (Note 3) Wideband Noise Reverse Breakdown Voltage Long-Term Stability ZR eN VR LM4040C LM4040D LM4040A/B/C LM4040D LM4040A/B/C LM4040D MIN 2.4975 2.4950 2.4875 2.2500 TYP 2.5000 2.5000 2.5000 2.5000 2.0 4.0 10 20 45 45 20 15 15 15 0.3 0.4 2.5 2.5 0.3 0.3 0.3 35 120 1.0 1.2 8.0 10.0 0.8 0.9 1.1 VRMS ppm mV 100 150 ppm/C MAX 2.5025 2.5050 2.5125 2.7500 19 21 29 49 65 70 A mV V UNITS
IR = 100A, 10Hz f 10kHz T = 1000h
_______________________________________________________________________________________
3
Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
LM4040
ELECTRICAL CHARACTERISTICS--LM4040_I_3-3.0
(IR = 100A, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER SYMBOL CONDITIONS LM4040A (0.1%) Reverse Breakdown Voltage VR TA = +25C LM4040B (0.2%) LM4040C (0.5%) LM4040D (1.0%) LM4040A Reverse Breakdown Voltage Tolerance (Note 2) VR LM4040B LM4040C LM4040D Minimum Operating Current IRMIN IR = 10mA Average Reverse Voltage Temperature Coefficient (Note 2) VR/T IR = 1mA IR = 100A Reverse Breakdown Voltage Change with Operating Current Change IRMIN IR 1mA VR/IR 1mA IR 15mA IR = 1mA, f = 120Hz, IAC = 0.1IR LM4040A/B/C LM4040D LM4040A/B/C LM4040D LM4040A/B Reverse Dynamic Impedance (Note 3) Wideband Noise Reverse Breakdown Voltage Long-Term Stability ZR eN VR LM4040C LM4040D LM4040A/B/C LM4040D LM4040A/B/C LM4040D MIN 2.997 2.994 2.985 2.970 TYP 3.000 3.000 3.000 3.000 3.0 6.0 15 30 45 45 20 15 15 15 0.3 0.3 2.5 2.5 0.3 0.3 0.3 45 120 1.0 1.2 8.0 10.0 0.8 0.9 1.1 VRMS ppm mV 100 150 ppm/C MAX 3.003 3.006 3.015 3.030 22 26 34 59 67 70 A mV V UNITS
IR = 100A, 10Hz f 10kHz T = 1000h
4
_______________________________________________________________________________________
Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
ELECTRICAL CHARACTERISTICS--LM4040_I_3-4.1
(IR = 100A, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER SYMBOL CONDITIONS LM4040A (0.1%) Reverse Breakdown Voltage VR TA = +25C LM4040B (0.2%) LM4040C (0.5%) LM4040D (1.0%) LM4040A Reverse Breakdown Voltage Tolerance (Note 2) VR LM4040B LM4040C LM4040D Minimum Operating Current IRMIN IR = 10mA Average Reverse Voltage Temperature Coefficient (Note 2) VR/T IR = 1mA IR = 100A Reverse Breakdown Voltage Change with Operating Current Change Reverse Dynamic Impedance (Note 3) Wideband Noise Reverse Breakdown Voltage Long-Term Stability IRMIN IR 1mA VR/IR 1mA IR 15mA ZR eN VR IR = 1mA, f = 120Hz, IAC = 0.1IR LM4040A/B/C LM4040D LM4040A/B/C LM4040D LM4040A/B/C LM4040D LM4040A/B/C LM4040D LM4040A/B/C LM4040D MIN 4.092 4.088 4.076 4.055 TYP 4.096 4.096 4.096 4.096 4.1 8.2 20 41 50 50 30 20 20 15 0.5 0.5 3.0 3.0 0.5 0.5 28 120 1.2 1.5 10.0 13.0 1.0 1.3 VRMS ppm mV 100 150 ppm/C MAX 4.100 4.104 4.116 4.137 31 35 47 81 73 78 A mV V UNITS
LM4040
IR = 100A, 10Hz f 10kHz T = 1000h
_______________________________________________________________________________________
5
Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
LM4040
ELECTRICAL CHARACTERISTICS--LM4040_I_3-5.0
(IR = 100A, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER SYMBOL CONDITIONS LM4040A (0.1%) Reverse Breakdown Voltage VR TA = +25C LM4040B (0.2%) LM4040C (0.5%) LM4040D (1.0%) LM4040A Reverse Breakdown Voltage Tolerance (Note 2) VR LM4040B LM4040C LM4040D Minimum Operating Current IRMIN IR = 10mA Average Reverse Voltage Temperature Coefficient (Note 2) VR/T IR = 1mA IR = 100A Reverse Breakdown Voltage Change with Operating Current Change Reverse Dynamic Impedance (Note 3) Wideband Noise Reverse Breakdown Voltage Long-Term Stability IRMIN IR 1mA VR/IR 1mA IR 15mA ZR eN VR IR = 1mA, f = 120Hz, IAC = 0.1IR LM4040A/B/C LM4040D LM4040A/B/C LM4040D LM4040A/B/C LM4040D LM4040A/B/C LM4040D LM4040A/B/C LM4040D MIN 4.995 4.990 4.975 4.950 TYP 5.000 5.000 5.000 5.000 5.0 10 25 50 54 54 30 20 20 15 0.5 0.5 3.5 3.5 0.5 0.5 80 120 1.4 1.8 12.0 15.0 1.1 1.5 VRMS ppm mV 100 150 ppm/C MAX 5.005 5.010 5.025 5.050 38 43 58 99 80 85 A mV V UNITS
IR = 100A, 10Hz f 10kHz T = 1000h
Note 1: All devices are 100% production tested at +25C and are guaranteed by design for TA = TMIN to TMAX, as specified. Note 2: The overtemperature limit for Reverse Breakdown Voltage Tolerance is defined as the room-temperature Reverse Breakdown Voltage Tolerance [(VR / T)(maxT)(VR)], where VR / T is the VR temperature coefficient, maxT is the maximum difference in temperature from the reference point of +25C to TMIN or TMAX, and VR is the reverse breakdown voltage. The total overtemperature tolerance for the different grades in the temperature range where maxT = +65C is shown below: A grade: 0.75% = 0.1% 100 ppm/C 65C B grade: 0.85% = 0.2% 100 ppm/C 65C C grade: 1.15% = 0.5% 100 ppm/C 65C D grade: 1.98% = 1.0% 150 ppm/C 65C Note 3: Guaranteed by design.
6
_______________________________________________________________________________________
Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
LM4040
Typical Operating Characteristics
(IR = 100A, SC70-3 package, TA = +25C, unless otherwise noted.)
REVERSE CHARACTERISTICS AND MINIMUM OPERATING CURRENT
LM4040-01
LM4040-2.5V TEMPERATURE DRIFT
LM4040-02
LM4040-5.0V TEMPERATURE DRIFT
LM4040-03
6 5 REVERSE VOLTAGE (V) 4
0.4 0 REVERSE VOLTAGE CHANGE (mV) -0.4 -0.8 -1.2 -1.6 -2.0 -2.4 -2.8
1 REVERSE VOLTAGE CHANGE (mV) 0 -1 -2 -3 -4 -5 -6
LM4040_I_3-4.1
LM4040_I_3-5.0
LM4040_I_3-3.0 3 2 LM4040_I_3-2.5 1 0 0 50 REVERSE CURRENT (A) 100 LM4040_I_3-2.1
-40
-15
10
35
60
85
-40
-15
10
35
60
85
TEMPERATURE (C)
TEMPERATURE (C)
LM4040-2.5V REVERSE VOLTAGE vs. ISHUNT
LM4040-04
LM4040-5.0V REVERSE VOLTAGE vs. ISHUNT
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 TA = +85C TA = +25C TA = -40C
LM4040-05
5.0 4.5 REVERSE VOLTAGE CHANGE (mV) 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 5 10 ISHUNT (mA) 15 TA = +25C TA = -40C TA = +85C
4.5 REVERSE VOLTAGE CHANGE (mV)
20
0
5
10 ISHUNT (mA)
15
20
_______________________________________________________________________________________
7
Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
LM4040
Typical Operating Characteristics (continued)
(IR = 100A, SC70-3 package, TA = +25C, unless otherwise noted.)
LM4040-2.5V LOAD-TRANSIENT RESPONSE
LM4040-06
LM4040-5.0V LOAD-TRANSIENT RESPONSE
LM4040-07
LM4040-2.5V LOAD-TRANSIENT RESPONSE
LM4040-08
+25A VGEN VGEN
+25A VGEN
+250A
-25A VR AC-COUPLED VR AC-COUPLED
-25A VR AC-COUPLED
-250A
2mV/div
10mV/div
10mV/div
10s/div CH1: VGEN 2V/div CH2: VR AC-COUPLED 2mV/div ISHUNT = 100A 25A, RL = 100k, SEE FIGURE 1
40s/div ISHUNT = 100A 25A RL = 100k, SEE FIGURE 1
10s/div ISHUNT = 1mA 250A RL = 10k, SEE FIGURE 1
LM4040-5.0V LOAD-TRANSIENT RESPONSE
LM4040-09
LM4040-2.5V LOAD-TRANSIENT RESPONSE
LM4040-10
LM4040-5.0V LOAD-TRANSIENT RESPONSE
LM4040-11
+250A VGEN VGEN
+2.5mA VGEN
+2.5mA
-250A VR AC-COUPLED VR AC-COUPLED
-2.5mA VR AC-COUPLED
-2.5mA
10mV/div
20mV/div
20mV/div
10s/div ISHUNT = 1mA 250A RL = 10k, SEE FIGURE 1
10s/div ISHUNT = 10mA 2.5mA RL = 1k, SEE FIGURE 1
10s/div ISHUNT = 10mA 2.5mA RL = 1k, SEE FIGURE 1
ISHUNT
VB
+ VR
1k RL
VGEN
Figure 1. Load-Transient Test Circuit 8 _______________________________________________________________________________________
Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
LM4040
Typical Operating Characteristics (continued)
(IR = 100A, SC70-3 package, TA = +25C, unless otherwise noted.)
LM4040-2.5V STARTUP CHARACTERISTICS
LM4040-12
LM4040-5.0V STARTUP CHARACTERISTICS
LM4040-13
LM4040-2.5V OUTPUT IMPEDANCE vs. FREQUENCY
LM4040-14
1000 C1 = 1F
5V VIN 0 VIN
5V 0 IMPEDANCE () 100
2V VOUT 1V 0 RS = 30k SEE FIGURE 2 0 4 8 12 16 20 24 28 32 36 RESPONSE TIME (s) VOUT
4V 2V 0 RS = 16k SEE FIGURE 2 0 10 20 30 40 50 60 70 80 90 RESPONSE TIME (s)
10
IR = 150A
C1 = 0 1 IR = 1mA 0.1 0.1 1 10 FREQUENCY (Hz) 100 1000
LM4040-5.0V OUTPUT IMPEDANCE vs. FREQUENCY
LM4040-15
LM4040-2.5V NOISE vs. FREQUENCY
LM4040-16
LM4040-5.0V NOISE vs. FREQUENCY
LM4040-17
100 C1 = 0
10,000
10,000
IMPEDANCE ()
NOISE (nV/Hz)
1000
NOISE (nV/Hz) 1 10 100 FREQUENCY (Hz) 1000 10,000
10
IR = 150A
1000
1
IR = 1mA C1 = 1F
0.1 0.1 1 10 FREQUENCY (Hz) 100 1000
100
100 1 10 100 FREQUENCY (Hz) 1000 10,000
RS
VIN 1Hz RATE 50% DUTY CYCLE
VR
Figure 2. Startup Characteristics Test Circuit
_______________________________________________________________________________________
9
Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
LM4040
Pin Description
PIN 1 2 3 NAME + - N.C. Positive Terminal of the Shunt Reference Negative Terminal of the Shunt Reference No connection. Leave this pin unconnected or connected to Pin 2. FUNCTION
Detailed Description
The LM4040 shunt references use the bandgap principle to produce a stable, accurate voltage. The device behaves similarly to an ideal zener diode; a fixed voltage is maintained across its output terminals when biased with 60A to 15mA of reverse current. The LM4040 behaves similarly to a silicon diode when biased with forward currents up 10mA. Figure 3 shows a typical operating circuit. The LM4040 is ideal for providing a stable reference from a highvoltage power supply.
VS
RS
ISHUNT + ILOAD ILOAD VR
ISHUNT
Applications Information
The LM4040's internal pass transistor is used to maintain a constant output voltage (VSHUNT) by sinking the necessary amount of current across a source resistor. The source resistance (RS) is determined from the load current (ILOAD) range, supply voltage (VS) variations, VSHUNT, and desired quiescent current. Choose the value of RS when VS is at a minimum and ILOAD is at a maximum. Maintain a minimum ISHUNT of 60A at all times. The RS value should be large enough to keep ISHUNT less than 15mA for proper regulation when VS is maximum and ILOAD is at a minimum. To prevent damage to the device, ISHUNT should never exceed 20mA. Therefore, the value of RS is bounded by the following equation: [VS(MIN) - VR ] / [60A + ILOAD(MAX)] > RS > [VS(MAX) - VR ] / [20mA + ILOAD(MIN)] Choosing a larger resistance minimizes the total power dissipation in the circuit by reducing the shunt current (PD(TOTAL) = VS ISHUNT). Provide a safety margin to incorporate the worst-case tolerance of the resistor used. Ensure that the resistor's power rating is adequate, using the following general power equation: PDR = ISHUNT (VS(MAX) - VSHUNT)
LM4040
Figure 3. Typical Operating Circuit
Output Capacitance
The LM4040 does not require an external capacitor for frequency stability and is stable for any output capacitance.
Temperature Performance
The LM4040 typically exhibits an output voltage temperature coefficient within 15ppm/C. The polarity of the temperature coefficient may be different from one device to another; some may have positive coefficients, and others may have negative coefficients.
Chip Information
TRANSISTOR COUNT: 60 PROCESS: BiCMOS
10
______________________________________________________________________________________
Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Ordering Information
PART LM4040AIM3-2.1 LM4040AIX3-2.1 LM4040BIM3-2.1 LM4040BIX3-2.1 LM4040CIM3-2.1 LM4040CIX3-2.1 LM4040DIM3-2.1 LM4040DIX3-2.1 LM4040AIM3-2.5 LM4040AIX3-2.5 LM4040BIM3-2.5 LM4040BIX3-2.5 LM4040CIM3-2.5 LM4040CIX3-2.5 LM4040DIM3-2.5 LM4040DIX3-2.5 LM4040AIM3-3.0 LM4040AIX3-3.0 LM4040BIM3-3.0 LM4040BIX3-3.0 LM4040CIM3-3.0 LM4040CIX3-3.0 LM4040DIM3-3.0 LM4040DIX3-3.0 LM4040AIM3-4.1 LM4040AIX3-4.1 LM4040BIM3-4.1 LM4040BIX3-4.1 LM4040CIM3-4.1 LM4040CIX3-4.1 LM4040DIM3-4.1 LM4040DIX3-4.1 LM4040AIM3-5.0 LM4040AIX3-5.0 LM4040BIM3-5.0 LM4040BIX3-5.0 LM4040CIM3-5.0 LM4040CIX3-5.0 LM4040DIM3-5.0 LM4040DIX3-5.0 OUTPUT VOLTAGE (V) 2.048 2.048 2.048 2.048 2.048 2.048 2.048 2.048 2.500 2.500 2.500 2.500 2.500 2.500 2.500 2.500 3.000 3.000 3.000 3.000 3.000 3.000 3.000 3.000 4.096 4.096 4.096 4.096 4.096 4.096 4.096 4.096 5.000 5.000 5.000 5.000 5.000 5.000 5.000 5.000 INITIAL ACCURACY (%) 0.1 0.1 0.2 0.2 0.5 0.5 1.0 1.0 0.1 0.1 0.2 0.2 0.5 0.5 1.0 1.0 0.1 0.1 0.2 0.2 0.5 0.5 1.0 1.0 0.1 0.1 0.2 0.2 0.5 0.5 1.0 1.0 0.1 0.1 0.2 0.2 0.5 0.5 1.0 1.0 TEMPCO (ppm/C) 100 100 100 100 100 100 150 150 100 100 100 100 100 100 150 150 100 100 100 100 100 100 150 150 100 100 100 100 100 100 150 150 100 100 100 100 100 100 150 150 TEMP. RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C PINPACKAGE 3 SOT23-3 3 SC70-3 3 SOT23-3 3 SC70-3 3 SOT23-3 3 SC70-3 3 SOT23-3 3-SC70-3 3 SOT23-3 3 SC70-3 3 SOT23-3 3 SC70-3 3 SOT23-3 3 SC70-3 3 SOT23-3 3 SC70-3 3 SOT23-3 3 SC70-3 3 SOT23-3 3 SC70-3 3 SOT23-3 3 SC70-3 3 SOT23-3 3 SC70-3 3 SOT23-3 3 SC70-3 3 SOT23-3 3 SC70-3 3 SOT23-3 3 SC70-3 3 SOT23-3 3 SC70-3 3 SOT23-3 3 SC70-3 3 SOT23-3 3 SC70-3 3 SOT23-3 3 SC70-3 3 SOT23-3 3 SC70-3 TOP MARK FZEF ABJ FZEG ABK FZEH ABL FZEI ABM FZEJ ABN FZEK ABO FZEL ABP FZEM ABQ FZEN ABR FZEO ABS FZEP ABT FZEQ ABU FZER ABV FZES ABW FZET ABX FZEU ABY FZEV ABZ FZEW ACA FZEX ACB FZEY ACC
LM4040
______________________________________________________________________________________
11
Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
LM4040
Package Information
SOTPO3L.EPS
12
______________________________________________________________________________________
Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Package Information (continued)
SC70, 3L.EPS
LM4040
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
13 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2000 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of LM4040CIX3-50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X