Part Number Hot Search : 
P1916 120FC SMK0765 A475K 1602B2 4AC24 2A040 AQV214
Product Description
Full Text Search
 

To Download LFM20-9P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2 0 W U l t r a m i n i a t ure Open Frame Switching Power Supplies
Universal 85-265VAC Input High Efficiency Regulated Outputs 3000V Isolation Single Outputs
LFM20
series
UL60950 & EN60950 Approved Optional 0.156" Spaced Connectors,
2.75"W x 1.89"L x 0.91"H
or PCB Mount Configuration
Model Number
Output Voltage
Output Amps(max)
Ripple pk-pk
Efficiency
0.156" SPACED CONNECTORS LFM20-3.3 3.3 VDC LFM20-5 5 VDC LFM20-9 9 VDC LFM20-12 12 VDC LFM20-15 15VDC LFM20-24 24VDC PCB MOUNT (Pins) LFM20-3.3P LFM20-5P LFM20-9P LFM20-12P LFM20-15P LFM20-24P
4.4A 4.4A 2.45A 1.8A 1.4A 0.92A
50mV 1% 1% 1% 1% 1%
70% 73% 77% 80% 80% 82%
3.3 VDC 5 VDC 9 VDC 12 VDC 15VDC 24VDC
4.4A 4.4A 2.45A 1.8A 1.4A 0.92A
50mV 1% 1% 1% 1% 1%
70% 73% 77% 80% 80% 82%
Order On-Line!
WWW.ASTRODYNE.COM
astrodyne.com
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
2 0 W U l t r a m i n i a t ure Open Frame Switching Power Supplies
INPUT SPECIFICATIONS
Input Voltage Range Frequency Range Inrush Current, typ: Leakage Current 85-265 VAC 47-63 Hz 20A@100V, 40A@200V Input * 3.5mA max.
LFM20
series
MECHANICAL SPECIFICATIONS
0.80 (20.32) 1.0(25.4)
OUTPUT SPECIFICATIONS
Voltage and Current Load Regulation (10%-FL) Line Regulation (LL-HL, FL) Voltage Accuracy Temperature Coefficient Ripple/Noise Short Circuit Protection Hold Up Time See Selection Chart +/- 1% +/- 0.5% +/- 1% +/-0.05%/C See Selection Chart (NOTE 1) Continuous 16 mS, typ @ 115VAC
0.15(3.8) 0.23(6.05) 0.13(3.30)(4PL)
0.070(1.78) 0.040(1.02) 0.24(6.12)
0.62(15.75)
0.31(7.9)
ACL
1.70(43.18)
2.00(50.8)
ACN
+Vout 0.15(3.96) -Vout
0.150(3.81)
0.150(3.81)
3.2(81.28) 3.50(88.9)
VR
GENERAL SPECIFICATIONS NOTES:
Input-Out Isolation Efficiency Safety 3000VAC See Selection Chart UL60950, EN60950
1) Add a 0.1uF ceramic capacitor and a 10uF E.L.capacitor to output for Ripple & Noise (R & N) measuring @ 20MHz BW. 2) Input Connector Mates with Molex Housing 09-50-3031 and Molex 2878 Series Crimp Terminal 3) Output Connector Mates with Molex Housing 09-50-3041 and Molex 2878 Series Crimp Terminal
PHYSICAL SPECIFICATIONS
Size 0.156 Connectors PCB Pins Construction Weight 0.156 Connectors PCB Pins 3.5" x 2.0" x 0.80" (NOTES 2 & 3) 3.5" x 2.0" x 1.0" Open Frame 3.1 oz (88g) 3.3 oz (93g)
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature Cooling Storage Temperature 0 to +45C Free Air Convection -20 to +85C *
Astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
All specifications are typical at nominal input, full load, and 25DegC unless otherwise noted
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions other than the standard operating conditions is neither warranteed nor implied.
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181


▲Up To Search▲   

 
Price & Availability of LFM20-9P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X