Part Number Hot Search : 
SP2526 A2210 SN74481 2SC5776 1SS35 250BZI 5KE180 PMB2525
Product Description
Full Text Search
 

To Download IC-657-2-MF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series IC-657 Dual Inline Memory Module 144, 172 and 200 Pins
Specifications
Insulation Resistance: Dielectric Withstanding Voltage: Contact Resistance: Operating Temperature Range: Mating Cycles: 1,000M min. at 500V DC 700V AC for 1 minute 30m max. at 10mA/20mV max. -55C to +170C 10,000 insertions min.
Memory Modules
Part Number (Details)
IC- 657
Series No.
- * - MF
Materials and Finish
Housing: Polyetherimide (PEI), glass-filled Contacts: Beryllium Copper (BeCu) Plating: Gold over Nickel
1 = 200 Pins with 0.6mm Pitch 2 = 172 Pins with 0.5mm Pitch 3 = 144 Pins with 0.5mm Pitch MF = Flanged Unmarked = Not Flanged
Features

144 and 172 contact pins with 0.5mm pitch 200 contact pins with 0.6mm pitch
IC-667-1-* IC-667-2-* IC-667-3-*
Outline Socket Dimensions
Part Number IC657-1
0.6x19=11.40 0.2 0.60x79=47.40 0.2 3.20 Thru hole 120.65 0.2
Recommended PCB Layout
Part Number IC657-1
101.00 0.1 63.00 0.1
Top View from Socket
0.6x19=11.40 0.1 0.60 0.05
0.60x79=47.40 0.1
200-0.60 Thru hole
+ 0.1 0
17.00
10.700.05
7.500.05
65.30 92.00 0.4 101.00 0.2 110.00 0.4
0.60 0.05 3.20 0 Thru hole
+ 0.1
Part Numbers IC657-3 / IC657-2 0.50x71=35.50 (IC-657-3**) 0.50x85=42.50 (IC-657-2**) 3.20 Thru hole
Part Numbers IC657-3 / IC657-2
70.30 (IC-657-3**) / 77.80 (IC-657-2**)
0.50x71=35.50 (IC-657-3**) 0.50x85=42.50 (IC-657-2**)
17.00
0.50 0.05
Thru hole 144-0.60 (IC657-3**) Thru hole 172-0.60 (IC657-2**)
0.50 0.15 61.30 (IC-657-3**) / 68.80 (IC-657-2**)
10.800.05
70.30 (IC-657-3**) / 77.80 (IC-657-2**) 79.30 (IC-657-3**) / 86.80 (IC-657-2**)
7.600.05
3.20 Thru hole
91.50 (ref) 65.00 (ref)
Matching Module Dimensions
Part Number IC657-1
3.80 1.00
36.50 (ref)
6.00
Part Number IC67-1
4.00 30.48 19.80 1.000.1
11.00
4.00
6.00
4.00
0.60x79=47.40 0.1 0.6x19=11.40 0.1
3.50 0.5
W0.30 x t0.25
3.00
63.00
59.80 (IC-657-3**) / 67.30 (IC-657-2**)
67.60
Part Numbers IC657-3 / IC657-2
30.00 (ref)
Front Side
35.50 (IC-657-3**) / 42.50 (IC-657-2**)
3.50 W0.30 x t0.25
1.00
37.00 (IC-657-3**) / 44.50 (IC-657-2**)
0.80
3.50
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Test & Burn-In
DIMM
81
0.60 0.15
0.60 0.15


▲Up To Search▲   

 
Price & Availability of IC-657-2-MF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X