Part Number Hot Search : 
HCR4148D N03LS LM111 A8515 0DIM3 C1212 E5020M TDS1I2C1
Product Description
Full Text Search
 

To Download HFT150-28 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HFT150-28
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI HFT150-28 is Designed for
.112x45 A L
PACKAGE STYLE .500 4L FLG
FEATURES:
* PG = 16 dB min. at 150 W/30 MHz * IMD3 = -28 dBc max. at 150 W(PEP) * OmnigoldTM Metalization System
FULL R
O.125 NOM.
C B
E H
D G
F K
IJ
MAXIMUM RATINGS
ID V(BR)DSS VGS PDISS TJ T STG JC
O O
DIM A B C D E F G H I J K L
MINIMUM
inches / mm
MAXIMUM
inches / mm
16 A 65 V 40 V 300 W @ TC = 25 OC -65 C to +200 C -65 C to +150 C 0.60 OC/W
O O
.220 / 5.59 .125 / 3.18 .245 / 6.22 .720 / 18.28 .125 / 3.18 .970 / 24.64 .495 / 12.57 .003 / 0.08 .090 / 2.29 .150 / 3.81 .980 / 24.89
.230 / 5.84 .255 / 6.48 .7.30 / 18.54 .980 / 24.89 .505 / 12.83 .007 / 0.18 .110 / 2.79 .175 / 4.45 .280 / 7.11 1.050 / 26.67
ORDER CODE: ASI10616
CHARACTERISTICS
SYMBOL
V(BR)DSS IDSS IGSS VGS VDS GFS CISS COSS CRSS PIN GPS VGS = 0 V VGS = 0 V VGS = 20 V VDS = 10 V VGS = 10 V VDS = 10 V
TC = 25 OC
NONETEST CONDITIONS
IDS = 100 mA VDS = 28 V VDS = 0 V ID = 100 mA ID = 10 A ID = 5 A
MINIMUM TYPICAL MAXIMUM
65 ----1.0 --3.5 ------------375 188 26 --0.5 1.0 5.0 1.5 -----
UNITS
V mA A V V mho pF
VGS = 28 V
VDS = 0 V
F = 1.0 MHz
---
VDD = 28 V f = 175 MHz
IDQ = 250 mA
POUT = 150 W (PEP) 50
15 10
W dB %
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of HFT150-28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X