|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DS1100L www.maxim-ic.com 3.3V 5-Tap Economy Timing Element (Delay Line) PIN ASSIGNMENT IN TAP 2 TAP 4 GND 1 2 3 4 8 7 6 5 VCC TAP 1 TAP 3 TAP 5 FEATURES All-Silicon Timing Circuit Five Taps Equally Spaced Delays are Stable and Precise Both Leading- and Trailing-Edge Accuracy 3.3V Version of the DS1100 Low-Power CMOS TTL-/CMOS-compatible Vapor-Phase and IR Solderable Custom Delays Available Fast-Turn Prototypes Delays Specified Over Both Commercial and Industrial Temperature Ranges DS1100LZ SO (150mil) DS1100LU SOP PIN DESCRIPTION TAP 1 to TAP 5 VCC GND IN - TAP Output Number - +3.3V - Ground - Input DESCRIPTION The DS1100L is a 3.3V version of the DS1100. It is characterized for operation over the range 3.0V to 3.6V. The DS1100L series delay lines have five equally spaced taps providing delays from 4ns to 500ns. These devices are offered in surface-mount packages to save PC board area. Low cost and superior reliability over hybrid technology is achieved by the combination of a 100% silicon delay line and industry-standard SOP and SO packaging. The DS1100L 5-tap silicon delay line reproduces the inputlogic state at the output after a fixed delay as specified by the extension of the part number after the dash. The DS1100L is designed to reproduce both leading and trailing edges with equal precision. Each tap is capable of driving up to ten 74LS loads. Dallas Semiconductor can customize standard products to meet special needs. 1 of 6 031606 DS1100L Figure 1. LOGIC DIAGRAM . Table 1. DS1100L PART NUMBER DELAY TABLE (All Values in ns) PART DS1100L-XXX -20 -25 -30 -35 -40 -45 -50 -60 -75 -100 -125 -150 -175 -200 -250 -300 -500 TAP 1 4 5 6 7 8 9 10 12 15 20 25 30 35 40 50 60 100 TAP 2 8 10 12 14 16 18 20 24 30 40 50 60 70 80 100 120 200 NOMINAL DELAYS TAP 3 12 15 18 21 24 27 30 36 45 60 75 90 105 120 150 180 300 TAP 4 16 20 24 28 32 36 40 48 60 80 100 120 140 160 200 240 400 TAP 5 20 25 30 35 40 45 50 60 75 100 125 150 175 200 250 300 500 Figure 2. TIMING DIAGRAM: SILICON DELAY LINE 2 of 6 DS1100L ABSOLUTE MAXIMUM RATINGS* Voltage on Any Pin Relative to Ground Operating Temperature Range Storage Temperature Range Soldering Temperature Short-Circuit Output Current -0.5V to +6.0V -40C to +85C -55C to +125C See IPC/JEDEC J-STD-020A Specification 50mA for 1s *This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability. DC ELECTRICAL CHARACTERISTICS (VCC = 3.0V to 3.6V; TA = -40C to +85C.) PARAMETER Supply Voltage High-Level Input Voltage Low-Level Input Voltage Input-Leakage Current Active Current High-Level Output Current Low-Level Output Current SYM VCC VIH VIL II ICC IOH IOL 0.0V VI VCC VCC = Max; Freq. = 1MHz VCC = Min. VOH = 2.3 VCC = Min. VOL = 0.5 8 TEST CONDITION MIN 3.0 2.0 -0.3 -1.0 10 -1 TYP 3.3 MAX 3.6 VCC + 0.3 0.8 1.0 UNITS V V V A mA mA mA 6, 8 NOTES 5 5 5 AC ELECTRICAL CHARACTERISTICS (VCC = 3.0V to 3.6V; TA = -40C to +85C.) PARAMETER Input Pulse Width Input-to-Tap Delay Tolerance (Delays 40ns) Input-to-Tap Delay Tolerance (Delays > 40ns) Output Rise or Fall Time Power-Up Time Input Period SYM tWI tPLH, tPHL tPLH, tPHL tOF, tOR tPU Period SYMBOL CIN MIN 2(tWI) +25C 3.3V 0C to +70C -40C to +85C +25C 3.3V 0C to +70C -40C to +85C TEST CONDITION MIN 20% of Tap 5 tPLH -2 -3 -4 -5 -8 -13 TYP MAX UNITS ns Table 1 Table 1 Table 1 Table 1 Table 1 Table 1 2.0 +2 +3 +4 +5 +8 +13 2.5 200 ns ns ns % % % ns s ns 9 NOTES NOTES 9 1, 3, 4, 7 1, 2, 3, 4, 7 1, 2, 3, 4, 7 1, 3, 4, 7 1, 2, 3, 4, 7 1, 2, 3, 4, 7 CAPACITANCE PARAMETER Input Capacitance TYP 5 (TA = +25C) MAX 10 UNITS pF 3 of 6 DS1100L NOTES: 1) Initial tolerances are with respect to the nominal value at +25C and VCC = 3.3V for both leading and trailing edge. 2) Temperature and voltage tolerance is with respect to the nominal delay value over the stated temperature range, and a supply-voltage range of 3.0V to 3.6V. 3) All tap delays tend to vary unidirectionally with temperature or voltage changes. For example, if TAP 1 slows down, all other taps also slow down; TAP3 can never be faster than TAP2. 4) Intermediate delay values are available on a custom basis. For further information, call (972) 3714348. 5) All voltages are referenced to ground. 6) Measured with outputs open. 7) See Test Conditions section at the end of this data sheet. 8) Frequency higher than 1MHz result in higher ICC values. 9) At or near maximum frequency the delay accuracy can vary and will be application sensitive (i.e., decoupling, layout). Figure 3. TEST CIRCUIT 4 of 6 DS1100L TERMINOLOGY Period: The time elapsed between the leading edge of the first pulse and the leading edge of the following pulse. tWI (Pulse Width): The elapsed time on the pulse between the 1.5V point on the leading edge and the 1.5V point on the trailing edge or the 1.5V point on the trailing edge and the 1.5V point on the leading edge. tRISE (Input Rise Time): The elapsed time between the 20% and the 80% point on the leading edge of the input pulse. tFALL (Input Fall Time): The elapsed time between the 80% and the 20% point on the trailing edge of the input pulse. tPLH (Time Delay, Rising): The elapsed time between the 1.5V point on the leading edge of the input pulse and the 1.5V point on the leading edge of any tap output pulse. tPHL (Time Delay, Falling): The elapsed time between the 1.5V point on the trailing edge of the input pulse and the 1.5V point on the trailing edge of any tap output pulse. TEST SETUP DESCRIPTION Figure 3 illustrates the hardware configuration used for measuring the timing parameters on the DS1100L. The input waveform is produced by a precision pulse generator under software control. Time delays are measured by a time interval counter (20ps resolution) connected between the input and each tap. Each tap is selected and connected to the counter by a VHF switch control unit. All measurements are fully automated, with each instrument controlled by a central computer over an IEEE 488 bus. TEST CONDITIONS INPUT: Ambient Temperature: Supply Voltage (VCC): Input Pulse: Source Impedance: Rise and Fall Time: Pulse Width: Period: 25C 3C 3.3V 0.1V High = 3.0V 0.1V Low = 0.0V 0.1V 50W max 3.0ns max (measured between 10% and 90%) 500ns (1s for -500 version) 1s (2s for -500 version) OUTPUT: Each output is loaded with the equivalent of one 74F04 input gate. Delay is measured at the 1.5V level on the rising and falling edge. NOTE: Above conditions are for test only and do not restrict the operation of the device under other data sheet conditions. 5 of 6 DS1100L ORDERING INFORMATION DS1100L TOTAL TIME DELAY (ns): 20, 25, 30, 35, 40, 45, 50, 60, 75, 100, 125, 150, 175, 200, 250, 300, 500 PACKAGE TYPE: Z = SO (150MIL) U = SOP EXAMPLE: The DS1100LZ-250 is a 250ns delay (input-to-tap 5) DS1100L in the SO package. 6 of 6 |
Price & Availability of DS1100LC-301TR |