Part Number Hot Search : 
M3Z5524 CS18186 SG113 RP16100 2SK711 00BZX 74AC11SJ SF1101A
Product Description
Full Text Search
 

To Download CY7C1339A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GALVANTECH,
GVT71128D32 128K X 32 SYNCHRONOUS BURST SRAM
SYNCHRONOUS BURST SRAM PIPELINED OUTPUT
FEATURES
* * * * * * * * * * * * * * * * * * * * Fast access times: 4.8, 5, 6, and 7ns Fast clock speed: 100, 83, and 66MHz Provide high performance 3-1-1-1 access rate Fast OE# access times: 5, 6, and 7ns Optimal for depth expansion (one cycle chip deselect to eliminate bus contention) Single +3.3V -5% and +10%power supply Support +2.5V I/O 5V tolerant inputs except I/O's Clamp diodes to VSSQ at all outputs Common data inputs and data outputs BYTE WRITE ENABLE and GLOBAL WRITE control Three chip enables for depth expansion and address pipeline Address, control, input, and output pipeline registers Internally self-timed WRITE CYCLE Burst control pins (interleaved or linear burst sequence) Automatic power-down for portable applications High density, high speed packages Low capacitive bus loading High 30pF output drive capability at rated access time
128K x 32 SRAM
+3.3V SUPPLY, PIPELINED, SINGLE CYCLE DESELECT, BURST COUNTER
GENERAL DESCRIPTION
The Galvantech Synchronous Burst SRAM family employs high-speed, low power CMOS designs using advanced triple-layer polysilicon, double-layer metal technology. Each memory cell consists of four transistors and two high valued resistors. The GVT71128D32 SRAM integrates 131,072x32 SRAM cells with advanced synchronous peripheral circuitry and a 2-bit counter for internal burst operation. All synchronous inputs are gated by registers controlled by a positive-edge-triggered clock input (CLK). The synchronous inputs include all addresses, all data inputs, address-pipelining chip enable (CE#), depth-expansion chip enables (CE2# and CE2), burst control inputs (ADSC#, ADSP#, and ADV#), write enables (BW1#, BW2#, BW3#, BW4#,and BWE#), and global write (GW#). Asynchronous inputs include the output enable (OE#) and burst mode control (MODE). The data outputs (Q), enabled by OE#, are also asynchronous. Addresses and chip enables are registered with either address status processor (ADSP#) or address status controller (ADSC#) input pins. Subsequent burst addresses can be internally generated as controlled by the burst advance pin (ADV#). Address, data inputs, and write controls are registered onchip to initiate self-timed WRITE cycle. WRITE cycles can be one to four bytes wide as controlled by the write control inputs. Individual byte write allows individual byte to be written. BW1# controls DQ1-DQ8. BW2# controls DQ9DQ16. BW3# controls DQ17-DQ24. BW4# controls DQ25DQ32. BW1#, BW2# BW3#, and BW4# can be active only with BWE# being LOW. GW# being LOW causes all bytes to be written. This device also incorporates pipelined enable circuit for easy depth expansion without penalizing system performance. The GVT71128D32 operates from a +3.3V power supply. All inputs and outputs are TTL-compatible. The device is ideally suited for 486, Pentium TM , 680x0, and PowerPCTM systems and for systems that are benefited from a wide synchronous data bus.
OPTIONS
Timing 4.8ns access/10ns cycle 5ns access/10ns cycle 6ns access/12ns cycle 7ns access/15ns cycle Packages 100-pin TQFP Temperature Commercial Industrial
MARKING
-4 -5 -6 -7 T
*
*
None I
(0C to 70C) (-40C to 85C)
Galvantech, Inc. 3080 Oakmead Village Drive, Santa Clara, CA 95051 Tel (408) 566-0688 Fax (408) 566-0699 Web Site www.galvantech.com
Rev. 11/9 9
Pentium is a trademark of Intel Corporation. PowerPC is a trademark of IBM Corporation. Galvantech, Inc. reserves the right to change products or specifications without notice.
GALVANTECH,
FUNCTIONAL BLOCK DIAGRAM
GVT71128D32 128K X 32 SYNCHRONOUS BURST SRAM
BYTE 1 WRITE
BW1# BWE# CLK
D
Q
BYTE 2 WRITE
BW2#
D
Q
GW#
BYTE 3 WRITE
BW3#
D
Q
BYTE 4 WRITE
BW4#
D
Q
byte 4 write byte 3 write Output Buffers byte 2 write byte 1 write DQ1-DQ32
CE# CE2 CE2# OE# ZZ Power Down Logic
ENABLE
D
Q
D
Q
ADSP# A16-A2 ADSC# CLR ADV# A1-A0 MODE Binary Counter & Logic Address Register
Input Register
128K x 8 x 4 SRAM Array
OUTPUT REGISTER
D
Q
NOTE:
The Functional Block Diagram illustrates simplified device operation. See Truth Table, pin descriptions and timing diagrams for detailed information.
November 20, 1999
2
Galvantech, Inc. reserves the right to change products or specifications without notice.
Rev. 11/9 9
GALVANTECH,
GVT71128D32 128K X 32 SYNCHRONOUS BURST SRAM
PIN ASSIGNMENT (Top View)
A6 A7 CE# CE2 BW4# BW3# BW2# BW1# CE2# VCC VSS CLK GW# BWE# OE# ADSC# ADSP# ADV# A8 A9
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68
NC DQ17 DQ18 VCCQ VSSQ DQ19 DQ20 DQ21 DQ22 VSSQ VCCQ DQ23 DQ24 NC VCC NC VSS DQ25 DQ26 VCCQ VSSQ DQ27 DQ28 DQ29 DQ30 VSSQ VCCQ DQ31 DQ32 NC
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
100-pin PQFP or 100-pin TQFP
67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
NC DQ16 DQ15 VCCQ VSSQ DQ14 DQ13 DQ12 DQ11 VSSQ VCCQ DQ10 DQ9 VSS NC VCC ZZ DQ8 DQ7 VCCQ VSSQ DQ6 DQ5 DQ4 DQ3 VSSQ VCCQ DQ2 DQ1 NC
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
PIN DESCRIPTIONS
QFP PINS
37, 32, 44, 49, 36, 35, 34, 33, 100, 99, 82, 81, 45, 46, 47, 48, 50 93,94,95,96
SYMBOL
A0-A16
TYPE
InputSynchronous
BW1#, BW2#, BW3#, BW4# BWE# GW#
InputSynchronous
87 88
InputSynchronous
InputSynchronous
89
CLK
InputSynchronous
98 92
CE# CE2#
InputSynchronous
InputSynchronous
November 20, 1999
Rev. 11/9 9
MODE A5 A4 A3 A2 A1 A0 NC NC VSS VCC NC NC A10 A11 A12 A13 A14 A15 A16
DESCRIPTION
Addresses: These inputs are registered and must meet the setup and hold times around the rising edge of CLK. The burst counter generates internal addresses associated with A0 and A1, during burst cycle and wait cycle . Byte Write: A byte write is LOW for a WRITE cycle and HIGH for a READ cycle. BW1# controls DQ1-DQ8. BW2# controls DQ9-DQ16. BW3# controls DQ17-DQ24. BW4# controls DQ25-DQ32. Data I/O are high impedance if either of these inputs are LOW, conditioned by BWE# being LOW. Write Enable: This active LOW input gates byte write operations and must meet the setup and hold times around the rising edge of CLK. Global Write: This active LOW input allows a full 32-bit WRITE to occur independent of the BWE# and BWn# lines and must meet the setup and hold times around the rising edge of CLK. Clock: This signal registers the addresses, data, chip enables, write control and burst control inputs on its rising edge. All synchronous inputs must meet setup and hold times around the clock's rising edge. Chip Enable: This active LOW input is used to enable the device and to gate ADSP#. Chip Enable: This active LOW input is used to enable the device.
3
Galvantech, Inc. reserves the right to change products or specifications without notice.
GALVANTECH,
PIN DESCRIPTIONS (continued)
QFP PINS
97 86 83 84
GVT71128D32 128K X 32 SYNCHRONOUS BURST SRAM
SYMBOL
CE2 OE# ADV # ADSP#
TYPE
inputSynchronous
DESCRIPTION
Chip enable: This active HIGH input is used to enable the device. Output Enable: This active LOW asynchronous input enables the data output drivers. Address Advance: This active LOW input is used to control the internal burst counter. A HIGH on this pin generates wait cycle (no address advance). Address Status Processor: This active LOW input, along with CE# being LOW, causes a new external address to be registered and a READ cycle is initiated using the new address . Address Status Controller: This active LOW input causes device to be de-selected or selected along with new external address to be registered. A READ or WRITE cycle is initiated depending upon write control inputs. Mode: This input selects the burst sequence. A LOW on this pin selects LINEAR BURST. A NC or HIGH on this pin selects INTERLEAVED BURST . Snooze: This active HIGH input puts the device in low power consumption standby mode. For normal operation, this input has to be either LOW or NC (No Connect). Data Inputs/Outputs: First Byte is DQ1-DQ8. Second Byte is DQ9-DQ16. Third Byte is DQ17-DQ24. Fourth Byte is DQ25-DQ32. Input data must meet setup and hold times around the rising edge of CLK. Power Supply: +3.3V -5% to +10%. Pin 14 does not have to be connected directly to VCCas long as it is greater than VIH . Ground: GN D Output Buffer Supply: +3.3V -5% to +10%. For 2.5V I/O: 2.375V to VCC. Output Buffer Ground: GND No Connect: These signals are not internally connected.
Input InputSynchronous
InputSynchronous
85
ADSC#
InputSynchronous
31 64 52, 53, 56, 57, 58, 59, 62, 63, 68, 69, 72-75, 78, 79, 2, 3, 6-9, 12, 13, 18, 19, 22-25, 28, 29 15, 41, 65, 9 1 17, 40, 67, 9 0 4, 11, 20, 27, 54, 61, 70, 77 5, 10, 21, 26, 55, 60, 71, 76 1, 14, 16, 30, 38, 39, 42, 43, 50, 51, 66, 80
MODE ZZ DQ1-DQ32
InputStatic InputAsynchro-nous Input/ Outpu t
VCC VSS VCCQ VSSQ NC
Supply Ground I/O Supply I/O Ground -
BURST ADDRESS TABLE (MODE = NC/VCC )
First Address (external)
A...A00 A...A01 A...A10 A...A11
Second Address (internal)
A...A01 A...A00 A...A11 A...A10
Third Address (internal)
A...A10 A...A11 A...A00 A...A01
Fourth Address (internal)
A...A11 A...A10 A...A01 A...A00
BURST ADDRESS TABLE (MODE = GND)
First Address (external)
A...A00 A...A01 A...A10 A...A11
Second Address (internal)
A...A01 A...A10 A...A11 A...A00
Third Address (internal)
A...A10 A...A11 A...A00 A...A01
Fourth Address (internal)
A...A11 A...A00 A...A01 A...A10
PARTIAL TRUTH TABLE FOR READ/WRIT E
FUNCTION READ READ WRITE one byte WRITE all bytes WRITE all bytes GW# H H H H L BWE# H L L L X BW1# X H L L X BW2# X H H L X BW3# X H H L X BW4# X H H L X
November 20, 1999
4
Galvantech, Inc. reserves the right to change products or specifications without notice.
Rev. 11/9 9
GALVANTECH,
TRUTH TABLE
OPERATION ADDRESS USED CE#
GVT71128D32 128K X 32 SYNCHRONOUS BURST SRAM
CE2#
CE2
ADSP # ADSC#
ADV#
WRITE#
OE#
CLK
DQ
Deselected Cycle, Power Down Deselected Cycle, Power Down Deselected Cycle, Power Down Deselected Cycle, Power Down Deselected Cycle, Power Down READ Cycle, Begin Burs t READ Cycle, Begin Burs t WRITE Cycle, Begin Burst READ Cycle, Begin Burs t READ Cycle, Begin Burs t READ Cycle, Continue Burst READ Cycle, Continue Burst READ Cycle, Continue Burst READ Cycle, Continue Burst WRITE Cycle, Continue Burst WRITE Cycle, Continue Burst READ Cycle, Suspend Burs t READ Cycle, Suspend Burs t READ Cycle, Suspend Burs t READ Cycle, Suspend Burs t WRITE Cycle, Suspend Burst WRITE Cycle, Suspend Burst
None None None None None External External External External External Next Next Next Next Next Next Current Current Current Current Current Current
H L L L L L L L L L X X H H X H X X H H X H
X X H X H L L L L L X X X X X X X X X X X X
X L X L X H H H H H X X X X X X X X X X X X
X L L H H L L H H H H H X X H X H H X X H X
L X X L L X X L L L H H H H H H H H H H H H
X X X X X X X X X X L L L L L L H H H H H H
X X X X X X X L H H H H H H L L H H H H L L
X X X X X L H X L H L H L H X X L H L H X X
L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H
High-Z High-Z High-Z High-Z High-Z Q High-Z D Q High-Z Q High-Z Q High-Z D D Q High-Z Q High-Z D D
Note:
1.
2. 3. 4. 5. 6. 7.
X means "don't care." H means logic HIGH. L means logic LOW. WRITE# = L means [BWE# + BW1#*BW2#*BW3#*BW4#]*GW# equals LOW. WRITE# = H means [BWE# + BW1#*BW2#*BW3#*BW4#]*GW# equals HIGH. BW1# enables write to DQ1-DQ8. BW2# enables write to DQ9-DQ16. BW3# enables write to DQ17-DQ24. BW4# enables write to DQ25-DQ32. All inputs except OE# must meet setup and hold times around the rising edge (LOW to HIGH) of CLK. Suspending burst generates wait cycle. For a write operation following a read operation, OE# must be HIGH before the input data required setup time plus High-Z time for OE# and staying HIGH throughout the input data hold time. This device contains circuitry that will ensure the outputs will be in High-Z during power-up. ADSP# LOW along with chip being selected always initiates an READ cycle at the L-H edge of CLK. A WRITE cycle can be performed by setting WRITE# LOW for the CLK L-H edge of the subsequent wait cycle. Refer to WRITE timing diagram for clarification.
November 20, 1999
5
Galvantech, Inc. reserves the right to change products or specifications without notice.
Rev. 11/9 9
GALVANTECH,
ABSOLUTE MAXIMUM RATINGS*
GVT71128D32 128K X 32 SYNCHRONOUS BURST SRAM
*Stresses greater than those listed uunder "Absolute Maximum Ratings" may cause permanent damage to the device.This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Voltage on VCC Supply Relative to VSS........-0.5V to +4.6V VIN ...........................................................-0.5V to VCC+0.5V Storage Temperature (plastic) .........................-55o C to +150 o Junction Temperature .....................................................+150 o Power Dissipation ...........................................................1.0W Short Circuit Output Current .........................................50mA
DC ELECTRICAL CHARACTERISTICS AND RECOMMENDED OPERATING CONDITIONS
(All
Temperature Ranges; VCC = 3.3V -5 to +10% unless otherwise noted)
CONDITIONS
Data Inputs (DQxx) All Other Inputs
DESCRIPTION
Input High (Logic 1) Voltage Input Low (Logic 0) Voltage Input Leakage Current Output Leakage Current Output High Voltage Output Low Voltage Supply Voltage I/O Supply Voltage (3.3V I/O) I/O Supply Voltage (2.5V I/O)
SYMBOL
V I HD V IH V Il IL I IL O V OH V OL VCC VCCQ VCCQ
MIN
2.0 2.0 -0.3 -2 -2 2.4
MAX
VCCQ+0.3 4.6 0.8 2 2
UNITS
V V V uA uA V
NOTES
1,2 1,2 1, 2 14
0V < V IN < VCC Output(s) disabled, 0V < V OUT < VCC IOH = -4.0mA IOL = 8.0mA
1, 11 1, 11 1 1 1
0.4 3.1 3.1 2.375 3.6 3.6 VCC
V V V V
DESCRIPTION
Power Supply Current: Operating CMOS Standby
CONDITIONS
Device selected; all inputs < V IL or > V IH ;cycle time > tKC MIN; VCC =MAX; outputs open Device deselected; VCC = MAX; all inputs < VSS +0.2 or >VCC -0.2; all inputs static; CLK frequency = 0 Device deselected; all inputs < V IL or > V IH; all inputs static; VCC = MAX; CLK frequency = 0 Device deselected; all inputs < V IL or > V IH ; VCC = MAX; CLK cycle time > t KC MIN
SYM
Icc
TYP
80
-4
225
-5
225
-6
185
-7
120
UNITS NOTES
mA 3, 12, 13 12,13
ISB2
0.2
2
2
2
2
mA
TTL Standby
ISB3
8
18
18
18
18
mA
12,13
Clock Runnin g
ISB4
12
30
30
25
20
mA
12,13
CAPACITANCE
DESCRIPTION
Input Capacitance Input/Output Capacitance (DQ)
CONDITIONS
TA = 25 o C; f = 1 MHz VCC = 3.3V
SYMBOL
CI CO
TYP
3 6
MAX
4 7
UNITS
pF pF
NOTES
4 4
THERMAL CONSIDERATIO N
DESCRIPTION
Thermal Resistance - Junction to Ambient Thermal Resistance - Junction to Case
CONDITIONS
Still air, soldered on 4.25 x 1.125 inch 4-layer PCB
SYMBOL TQFP TYP
J A JC 20 1
UNITS
o C/W o C/W
NOTES
November 20, 1999
6
Galvantech, Inc. reserves the right to change products or specifications without notice.
Rev. 11/9 9
GALVANTECH,
AC ELECTRICAL CHARACTERISTICS
GVT71128D32 128K X 32 SYNCHRONOUS BURST SRAM
(Note 5) (All Temperature Ranges; VCC = 3.3V -5 to +10% )
DESCRIPTION
Cloc k Clock cycle tim e Clock HIGH time Clock LOW tim e Output Times Clock to output valid Clock to output invalid Clock to output in Low-Z Clock to output in High-Z OE to output valid OE to output in Low-Z OE to output in High-Z Setup Times Address, Controls and Data In Hold Times Address, Controls and Data In
tH tS t KQ tKQ X t KQLZ t KQH Z t OEQ t OELZ t OEHZ tKC tKH tKL
-4
SY M MIN MAX MIN
-5
MAX MIN
-6
MAX MIN
-7
MAX UNIT S NOTES
10 4 4 4.8 2 3 5 5 0 4 2.0 0.5
10 4 4 5 2 3 5 5 0 4 2.5 0.5
12 4 4 6 2 3 5 6 0 5 2.5 0.5
15 5 5 7 2 3 6 7 0 6 2.5 0.5
ns ns ns ns ns ns ns ns ns ns ns ns 6,7 6,7 9 6,7 6,7 10 10
CAPACITANCE DERATING
DESCRIPTION
Clock to output valid
SYMBOL
tKQ
TYP
0.016
MAX
UNITS
ns / pF
NOTES
15
November 20, 1999
7
Galvantech, Inc. reserves the right to change products or specifications without notice.
Rev. 11/9 9
GALVANTECH,
AC TEST CONDITIONS FOR 3.3V I/O Input pulse levels Input rise and fall times Input timing reference levels Output reference levels Output load
GVT71128D32 128K X 32 SYNCHRONOUS BURST SRAM
OUTPUT LOADS FOR 3.3V I/O
0V to 3.0V 1.5ns 1.5V 1.5V See Figures 1 and 2
DQ Z0 = 50 50 Vt = 1.5V Fig. 1 OUTPUT LOAD EQUIVALENT 3.3v 317 DQ 30 pF
AC TEST CONDITIONS FOR 2.5V I/O Input pulse levels Input slew rate Output rise and fall times(max) Input timing reference levels Output reference levels Output load 0V to 2.5V 1.0V/ns 1.8ns 1.25V 1.25V See Figures 3
351
5 pF
Fig. 2 OUTPUT LOAD EQUIVALENT
OUTPUT LOADS FOR 2.5V I/O DQ Z0 = 50 50 Vt = 1.25V
Fig. 3 OUTPUT LOAD EQUIVALENT
NOTES
1. 2. 3. 4. 5. 6. 7. 8. All voltages referenced to VSS (GND). Overshoot: Undershoot: VIH +6.0V for t t KC /2. VIL -2.0V for t t KC /2
10. This is a synchronous device. All synchronous inputs must meet specified setup and hold time, except for "don't care" as defined in the truth table. 11. AC I/O curves are available upon request. 12. "Device Deselected" means the device is in POWER -DOWN mode as defined in the truth table. "Device Selected" means the device is active. 13. Typical values are measured at 3.3V, 25oC and 20ns cycle time. 14. MODE pin has an internal pull-up and ZZ pin has an internal pull-down. These two pins exhibit an input leakage current of +30 A. 15. Capacitance derating applies to capacitance different from the load capacitance shown in Fig. 1 or Fig. 3, for 3.3V or 2.5V I/O respectively
Ic c is given with no output current. Ic c increases with greater output loading and faster cycle times. This parameter is sampled. Test conditions as specified with the output loading as shown in Fig. 1 unless otherwise noted. Output loading is specified with CL=5pF as in Fig. 2. At any given temperature and voltage condition, t KQHZ is less than t KQLZ and t OEHZ is less than t OELZ. A READ cycle is defined by byte write enables all HIGH or ADSP# LOW along with chip enables being active for the required setup and hold times. A WRITE cycle is defined by at one byte or all byte WRITE per READ/WRITE TRUTH TABLE. OE# is a "don't care" when a byte write enable is sampled LOW.
9.
November 20, 1999
8
Galvantech, Inc. reserves the right to change products or specifications without notice.
Rev. 11/9 9
GALVANTECH,
GVT71128D32 128K X 32 SYNCHRONOUS BURST SRAM
READ TIMING
t
KC
t
KL
CLK
t
S
t
KH
ADSP#
tH
ADSC#
tS
ADDRESS BW1#, BW2#, BW3#, BW4#, BWE#, GW# CE# (See Note)
A1
tH
A2
t
S
ADV#
t
H
OE#
t tKQLZ
KQ
tOELZ
tOEQ
tKQ
DQ
Q(A1)
Q(A2)
Q(A2+1)
Q(A2+2)
Q(A2+3)
Q(A2)
Q(A2+1)
SINGLE READ
BURST READ
Note: CE# active in this timing diagram means that all chip enables CE#, CE2, and CE2# are active.
November 20, 1999
9
Galvantech, Inc. reserves the right to change products or specifications without notice.
Rev. 11/9 9
GALVANTECH,
GVT71128D32 128K X 32 SYNCHRONOUS BURST SRAM
WRITE TIMING
CLK
t
S
ADSP#
t
H
ADSC#
t
S
ADDRESS BW1#, BW2#, BW3#, BW4#, BWE# GW# CE# (See Note)
A1
tH
A2
A3
t
S
ADV#
t
H
OE#
t tKQX
OEHZ
DQ
Q
D(A1)
D(A2)
D(A2+1)
D(A2+1)
D(A2+2)
D(A2+3)
D(A3)
D(A3+1)
D(A3+2)
SINGLE WRITE
BURST WRITE
BURST WRITE
Note: CE# active in this timing diagram means that all chip enables CE#, CE2, and CE2# are active.
November 20, 1999
10
Galvantech, Inc. reserves the right to change products or specifications without notice.
Rev. 11/9 9
GALVANTECH,
GVT71128D32 128K X 32 SYNCHRONOUS BURST SRAM
READ/WRITE TIMING
CLK
t
S
ADSP#
t
H
ADSC#
t
S
ADDRESS BW1#, BW2#, BW3#, BW4#, BWE#, GW# CE# (See Note) ADV#
A1
A2
t
A3
H
A4
A5
OE#
DQ
Q(A1) Single Reads
Q(A2)
D(A3) Single Write
Q(A3) Pass Through
Q(A4)
Q(A4+1) Burst Read
Q(A4+2)
D(A5)
D(A5+1)
Burst Write
Note: CE# active in this timing diagram means that all chip enables CE#, CE2, and CE2# are active.
November 20, 1999
11
Galvantech, Inc. reserves the right to change products or specifications without notice.
Rev. 11/9 9
GALVANTECH,
100 Pin TQFP Package Dimensions
GVT71128D32 128K X 32 SYNCHRONOUS BURST SRAM
16.00 + 0.10 14.00 + 0.10
#1
20.00 + 0.10
22.00 + 0.10
1.40 + 0.05
1.60 Max Note: All dimensions in Millimeters
November 20, 1999
0.65 Basic
0.30 + 0.08
0.60 + 0.15
12
Galvantech, Inc. reserves the right to change products or specifications without notice.
Rev. 11/9 9
GALVANTECH,
Ordering Information
GVT71128D32 128K X 32 SYNCHRONOUS BURST SRAM
GVT 71128D32 X - X X
Galvantech Prefix Part Number Speed (4 = 4.8ns access/10ns cycle 5 = 5ns access/10ns cycle 6 = 6ns access/12ns cycle 7 = 7ns access/15ns cycle) Package (T = 100 PIN TQFP) Temperature (Blank = Commercial I = Industrial)
November 20, 1999
13
Galvantech, Inc. reserves the right to change products or specifications without notice.
Rev. 11/9 9


▲Up To Search▲   

 
Price & Availability of CY7C1339A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X