Part Number Hot Search : 
20080 MOC3081 61A3V MBR1645 D468C 101J2 74S90 0F88M
Product Description
Full Text Search
 

To Download BAS40-05T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS40T/-04T/-05T/-06T
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SPICE MODELS: BAS40T BAS40-04T BAS40-05T BAS40-06T
Features
NEW PRODUCT
* * * * * * * * * * * * * *
Low Forward Voltage Drop Fast Switching Ultra-Small Surface Mount Package PN Junction Guard Ring for Transient and ESD Protection Also Available in Lead Free Version
SOT-523
A
Dim A B
BC
Min 0.15 0.75 1.45 3/4 0.90 1.50 0.00 0.60 0.10 0.10 0.45 0
Max 0.30 0.85 1.75 3/4 1.10 1.70 0.10 0.80 0.30 0.20 0.65 8
Typ 0.22 0.80 1.60 0.50 1.00 1.60 0.05 0.75 0.22 0.12 0.50 3/4
C D G H J K L M N a
Mechanical Data
G Case: SOT-523, Molded Plastic H Case material - UL Flammability Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A K Terminals: Solderable per MIL-STD-202, Method 208 J D Also Available in Lead Free Plating (Matte Tin Finish). Please see Ordering Information, Note 4, on Page 2 Polarity: See Diagrams Below Marking: See Diagrams Below & Page 2 Weight: 0.002 grams (approx.) TOP VIEW Ordering Information, see Page 2
N
M
L
All Dimensions in mm
BAS40T Marking: 43
BAS40-04T Marking: 44
BAS40-05T Marking: 45
BAS40-06T Marking: 46
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current Power Dissipation (Note 1) Thermal Resistance Junction to Ambient (Note 1) Operating Temperature Range Storage Temperature Range @ t = 1.0s Symbol VRRM VRWM VR VR(RMS) IFM IFSM Pd RqJA Tj TSTG @ TA = 25C unless otherwise specified Symbol V(BR)R VF IR CT trr Min 40 3/4 3/4 3/4 3/4 Max 3/4 380 1000 200 5.0 5.0 Unit V mV mV nA pF ns Test Condition IR = 10mA IF = 1.0mA, tp < 300ms IF = 40mA, tp < 300ms VR = 30V VR = 0, f = 1.0MHz IF = IR = 10mA, Irr = 0.1 x IR, RL = 100W Value 40 28 200 600 150 833 -55 to +125 -65 to +150 Unit V V mA mA mW C/W C C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage (Note 2) Leakage Current (Note 2) Total Capacitance Reverse Recovery Time Notes:
1. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect.
DS30265 Rev. 7 - 2
1 of 2 www.diodes.com
BAS40T/-04T/-05T/-06T
a Diodes Incorporated
IF, INSTANTANEOUS FORWARD CURRENT (A)
1
IR, INSTANTANEOUS REVERSE CURRENT (nA) 10000
TA = 125C
NEW PRODUCT
0.1
1000
TA = 75C
100
0.01
TA = -40C TA = 0C TA = 25C
TA = 25C
10
TA = 0C
0.001
1
TA = -40C
TA = 75C TA = 125C
0.0001 0 0.2 0.4 0.6 0.8 1.0 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Typical Forward Voltage
0.1 0 10 20 30 40 VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics
200
3 CT, TOTAL CAPACITANCE (pF)
f = 1MHz
Pd, POWER DISSIPATION (mW)
150
2
100
1
50
0 0 10 20 30 40
0 0 100 200 TA, AMBIENT TEMPERATURE (C) Fig. 4 Power Derating Curve, Total Package
VR, REVERSE VOLTAGE (V) Fig. 3 Typical Capacitance
Ordering Information
Device BAS40T-7 BAS40-04T-7 BAS40-05T-7 BAS40-06T-7 Notes:
(Note 3) Packaging SOT-523 SOT-523 SOT-523 SOT-523 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 4. For Lead Free version (with Lead Free terminal finish) part number, please add "-F" suffix to part number above. Example: BAS40-06T-7-F.
Marking Information
XX = Product Type Marking Code (See Page 1, e.g. 43 = BAS40T) YM = Date Code Marking Y = Year (ex: N = 2002) M = Month (ex: 9 = September)
XXYM
Date Code Key Year Code Month Code Jan 1 2001 M Feb 2 2002 N March 3 Apr 4 2003 P
2004 R
2005 S Jul 7 Aug 8
2006 T Sep 9
2007 U Oct O
2008 V Nov N
2009 W Dec D
May 5
Jun 6
DS30265 Rev. 7 - 2
2 of 2 www.diodes.com
BAS40T/-04T/-05T/-06T


▲Up To Search▲   

 
Price & Availability of BAS40-05T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X