Part Number Hot Search : 
0424026 HE166 AMF59 PCF851 4511GED ADAM6051 2SC25 BSP316P
Product Description
Full Text Search
 

To Download BAS40-05T-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS40T/-04T/-05T/-06T
SURFACE MOUNT SCHOTTKY BARRIER DIODE Features
NEW PRODUCT
* * * *
Low Forward Voltage Drop Fast Switching Ultra-Small Surface Mount Package PN Junction Guard Ring for Transient and ESD Protection Case: SOT-523, Molded Plastic Case material - UL Flammability Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagrams Below Marking: See Diagrams Below (& Page 2) Weight: 0.002 grams (approx.) Ordering Information, see Page 2
B
SOT-523 Dim
A C TOP VIEW E G H K M BC
Min 0.15 0.75 1.45 3/4 0.90 1.50 0.00 0.60 0.10 0.10 0.45 0
Max 0.30 0.85 1.75 3/4 1.10 1.70 0.10 0.80 0.30 0.20 0.65 8
Typ 0.22 0.80 1.60 0.50 1.00 1.60 0.05 0.75 0.22 0.12 0.50 3/4
A B C D G H J
N
Mechanical Data
* * * * * * * *
K L M N a
J
D
L
All Dimensions in mm
BAS40T Marking: 43
BAS40-04T Marking: 44
BAS40-05T Marking: 45
BAS40-06T Marking: 46
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current Power Dissipation (Note 1) Thermal Resistance Junction to Ambient (Note 1) Operating Temperature Range Storage Temperature Range @ t = 1.0s Symbol VRRM VRWM VR VR(RMS) IFM IFSM Pd RqJA Tj TSTG Value 40 28 200 600 150 833 -55 to +125 -65 to +150 Unit V V mA mA mW C/W C C
Electrical Characteristics @ TA = 25C unless otherwise specified
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage (Note 2) Leakage Current (Note 2) Total Capacitance Reverse Recovery Time Notes: Symbol V(BR)R VF IR CT trr Min 40 3/4 3/4 3/4 3/4 Max 3/4 380 1000 200 5.0 5.0 Unit V mV mV nA pF ns Test Condition IR = 10mA IF = 1.0mA, tp < 300ms IF = 40mA, tp < 300ms VR = 30V VR = 0, f = 1.0MHz IF = IR = 10mA, Irr = 0.1 x IR, RL = 100W
1. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect.
DS30265 Rev. 5 - 2
1 of 2
BAS40T/-04T/-05T/-06T
Ordering Information (Note 3)
NEW PRODUCT
Device BAS40T-7 BAS40-04T-7 BAS40-05T-7 BAS40-06T-7 Notes:
Packaging SOT-523 SOT-523 SOT-523 SOT-523
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXYM
XX = Product Type Marking Code (See Page 1, e.g. 43 = BAS40T) YM = Date Code Marking Y = Year (ex: N = 2002) M = Month (ex: 9 = September)
Date Code Key Year Code Month Code Jan 1 2000 L Feb 2 2001 M March 3 Apr 4 2002 N May 5 2003 P Jun 6 2004 R Jul 7 2005 S Aug 8 2006 T Sep 9 2007 U Oct O 2008 V Nov N 2009 W Dec D
DS30265 Rev. 5 - 2
2 of 2
BAS40T/-04T/-05T/-06T


▲Up To Search▲   

 
Price & Availability of BAS40-05T-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X