Part Number Hot Search : 
2N6076 BC846BW 1N6134E3 CHP222PT PF0314 P6KE51 01112 TZ200B
Product Description
Full Text Search
 

To Download B130LB-13-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B130LB
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Features
* * * * * * *
Guard Ring Die Construction for Transient Protection Ideally Suited for Automatic Assembly Low Power Loss, High Efficiency Surge Overload Rating to 40A Peak For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Application High Temperature Soldering: 260C/10 Second at Terminal Lead Free Finish/RoHS Compliant (Note 2) SMB Dim A B C D E G H J Min 3.30 4.06 1.96 0.15 5.00 0.10 0.76 2.00 Max 3.94 4.57 2.21 0.31 5.59 0.20 1.27 2.40
B
A
C
Mechanical Data
* * * * * * * *
Case: SMB Case Material: UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Lead Free Plating (Matte Tin Finish). Solderable per MIL-STD-202, Method 208 e3 Polarity: Cathode Band or Cathode Notch Marking Information: See page 3 Ordering Information: See page 3 Weight: 0.093 grams (approximate)
D
J
H
G E
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage @ TT = 120C @ TT = 110C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave Superimposed on Rated Load Forward Voltage Peak Reverse Current at Rated DC Blocking Voltage Typical Total Capacitance (Note 1) Typical Thermal Resistance Junction to Terminal Operating and Storage Temperature Range
Notes:
@ TA = 25C unless otherwise specified
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM CT RqJT Tj, TSTG
Value 30 21 1.0 2.0 40 0.395 0.445 1.0 20 90 12 -55 to +125
Unit V V A A V mA pF C/W C
Average Rectified Output Current
@ IF = 1.0A @ IF = 2.0A @ TA = 25C @ TA = 100C
1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2. RoHS revision 13.2.2003. High Temperature Solder Exemption Applied, see EU Directive Annex Note 7.
DS30043 Rev. 8 - 2
1 of 3 www.diodes.com
B130LB
a Diodes Incorporated
5 IO, AVERAGE RECTIFIED CURRENT (A)
IF, INSTANTANEOUS FORWARD CURRENT (A)
10
4
Tj = 125C Tj = 25C
3
1.0
2
1 Tj = 125C 0 0 25 50 75 100 125 150
0.1 0 0.2 0.4 0.6 0.8 1.0
TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
IFSM, PEAK FORWARD SURGE CURRENT (A)
50
Single Half-Sine-Wave
1000 CT, TOTAL CAPACITANCE (pF)
f = 1.0MHz Tj = 25C
40
30
100
20
10
0 1 10 100 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Peak Forward Surge Current
IR, INSTANTANEOUS REVERSE CURRENT (mA) 100
10 0.1 1 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Total Capacitance
10
Tj = 100C
1.0
0.1
Tj = 25C
0.01 0 5 10 15 20 25 30 35 VR, RATED PEAK REVERSE VOLTAGE (V) Fig. 5 Typical Reverse Characteristics
DS30043 Rev. 8 - 2
2 of 3 www.diodes.com
B130LB
Ordering Information
Device B130LB-13-F
Notes:
(Note 3) Packaging SMB Shipping 3000/Tape & Reel
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
YWW B130LB
B130LB = Product type marking code = Manufacturers' code marking YWW = Date code marking Y = Last digit of year ex: 2 for 2002 WW = Week code 01 to 52 Band = Cathode
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30043 Rev. 8 - 2
3 of 3 www.diodes.com
B130LB


▲Up To Search▲   

 
Price & Availability of B130LB-13-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X