Part Number Hot Search : 
MP1583 1N5938 STRLP 72000 KE200 21012 SYIR30 HC1228W
Product Description
Full Text Search
 

To Download B1006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDSL TRANSFORMERS
For Brooktree and Level One Chipsets
Designs exceed standards for ANSI and ETSI Excellent THD performance Maximum height .500" (12,70 mm) Matched to Brooktree's ICs
Electrical Specifications @ 25C -- Operating Temperature -40C to 85C
Part Number PE-68621 PE-68622 PE-69300 PE-69301 B1001 B1002 B1004 B1006 B1007 Matched To Brooktree IC No. BT8952 BT8952 BT8921/BT8970 BT8921/BT8970 BT8960 BT8960 BT8960 BT8921/BT8970 BT8921/BT8970 Application 784 Kbps (2 pair) 1168 Kbps (2 pair) 784 Kbps (2 pair) 1168 Kbps (2 pair) 416 Kbps 288 Kbps 160 Kbps 1168 Kbps (2 pair) 784 Kbps (2 pair) Turns Ratio Chip-Line (2%) 2CT:1:1 2CT:1:1 1CT:1:1 1CT:1:1 1CT:1:1 1CT:1:1 1CT:1:1 1CT:1:1 1CT:1:1 Inductance Line Side (mH) 3.0 6% 2.0 6% 3.0 6% 2.0 6% 3.5 10% 5.0 10% 8.0 10% 2.0 6% 3.0 6% DC Current Capability (mA) 160 160 70 70 70 70 70 70 70 Leakage Inductance (H MAX) 16 16 8 8 12 12 16 8 8 Isolation Voltage . (Vrms MIN) 1500 1500 1500 1500 1500 1500 1500 1500 1500 Mounting THT THT THT THT THT THT THT SMT SMT
Additional Information
Part Number PE-68621 PE-68622 PE-69300 PE-69301 B1006 B1007 B1001 B1002 B1004 DCR Line Side (MAX) 2.2 (6-7),(8-9) 2.2 (6-7),(8-9) 2.2 (6-7),(8-9) 2.2 (6-7),(8-9) 2.2 (6-7),(8-9) 2.2 (6-7),(8-9) 2.2 (6-7),(8-9) 2.5 (6-7),(8-9) 3.0 (6-7),(8-9) DCR Chip Side (MAX) 4.4 (2-4) 4.4 (2-4) 2.2 (2-4) 2.2 (2-4) 2.2 (2-4) 2.2 (2-4) 2.2 (2-4) 2.5 (2-4) 3.0 (2-4) Return Loss 4 KHz - 2 MHz 4 dB MIN 4 dB MIN 4 dB MIN 4 dB MIN 4 dB MIN 4 dB MIN 9 - 40 KHz -- -- 16.5 dB MIN 40 - 200 KHz 20 dB MIN -- 20 dB MIN -- -- 20 dB MIN 20 - 80 KHz -- 16.5 dB MIN -- 40 - 320 KHz -- 16.5 dB MIN -- 16.5 dB MIN 16.5 dB MIN -- 33 - 110 KHz 16.5 dB MIN -- -- Longitudinal Balance (dB TYP @ 135 ) 55 @ 196 KHz 55 @ 292 KHz 55 @ 196 KHz 55 @ 292 KHz 55 @ 292 KHz 55 @ 196 KHz 55 @ 104 KHz 55 @ 72 KHz 55 @ 40 KHz THD (dB TYP @ 135 ) -75 @ 200 KHz, 6V p-p -75 @ 200 KHz, 6V p-p -75 @ 200 KHz, 6V p-p -75 @ 200 KHz, 6V p-p -75 @ 200 KHz, 6V p-p -75 @ 200 KHz, 6V p-p -70 @ 104 KHz, 6V p-p -70 @ 80 KHz, 6V p-p -70 @ 40 KHz, 6V p-p Mounting THT THT THT THT SMT SMT THT THT THT
Surge Voltage Capability: Metallic: 800 Vpeak 10/560 sec. Long.: 2400 Vpeak 10/700 sec. UL approval for basic insulation has been received (File: E133523).
Mechanicals
THT
.950 MAX 24,13
10 6
Schematic
8X .150 3,81
SMT
.750 19,05
6
.070 1,78
78
9
8X .150 3,81
Line Side
PE-XXXXX
DATE CODE
1.05 MAX 26,67
B201X Date Code
.900 1.065 22,86 27,05
.190 4,83
.915 23,24
Chip Side 4 3 2
1
5
.150 TYP 3,81
.042 x .015 TYP 1,07 0,38
.950 MAX 24,13 .130 3,30 .500 MAX 12,70 10X .038 0,97
SUGGESTED PAD LAYOUT
Weight.............14.0 grams Tray........................45/tray Dimensions: Inches mm Unless otherwise specified, all tolerances are .010 0,25
.500 MAX 12,70 .800 20,32
.004/0,10 10 SURFACES
10X .140 3,56
U. S. A: TEL 619 674 8100
EUROPE: TEL 441 483 428 877
ASIA: TEL 886 7 821 3141
WEB: http://www.pulseeng.com
B901.C (11/97)
HDSL TRANSFORMERS
For Brooktree and Level One Chipsets
Designs exceed standards for ANSI and ETSI Excellent THD performance Maximum height .500" (12,7 mm) Matched to Level One's ICs
Electrical Specifications @ 25C -- Operating Temperature -40C to 85C
Part Number PE-68614* PE-68650 Matched To Level One IC No. SK70704 SK70704 Application (Kbps) 784 (2 pair) 1168 (2 pair) Turns Ratio Chip-Line ( 3%) 1CT:1.8CT 1CT:1.8CTS Inductance Line Side (mH) 2.75 6% 2.06 6% DC Current Capability (mA) 75 75 Leakage Inductance (MAX) -- -- Isolation Voltage (Vrms MIN) 2000 2500
Additional Information
Part Number PE-68614 PE-68650 DCR Line Side ( MAX) 3.0 (6-8),(8-10) 2.0 (6-7),(9-10) DCR Chip Side ( MAX) 3.2 (2-4) 2.0 (2-4) Return Loss 4 KHz - 2 MHz -- -- 40 - 200 KHz 20 dB MIN -- 40 - 320 KHz -- 16.5 dB MIN Longitudinal Balance (dB MIN @ 135 ) 50 @ 5-196 KHz 50 @ 5-292 KHz THD (dB TYP @ 135 ) -75 (5 KHz, 6 V p-p) -75 (5 KHz, 6 V p-p)
Surge Voltage Capability: Metallic: 800 Vpeak 10/560 sec. Long.: 2400 Vpeak 10/700 sec. UL approval for basic insulation has been received (File: E133523).
Mechanical
.950 MAX 24,13
10 6
Schematic
10 Line Side 8 6 10 97 6
PE-XXXXX
DATE CODE
1.05 MAX 26,67
Chip Side
1 5
.150 TYP 3,81
.042 x .015 TYP 1,07 0,38
2
3
4
2
3
4
PE-68614
.130 3,30 .800 20,32
PE-68650
.500 MAX 12,70
Weight . . . . . . . . . . . . .14.0 grams Tray . . . . . . . . . . . . . . . . . .45/tray Dimensions: Inches mm
Unless otherwise specified, all tolerances are
.010 0,25
*The PE-68614 does not have standoffs and has a height of .450" (11,43 mm) MAX, and a leadlength of 0.125" 0.030".
For More Information :
Corporate
12220 World Trade Drive San Diego, CA 92128 Tel: 619 674 8100 FAX: 619 674 8262 http://www.pulseeng.com Quick-Facts: 619 674 9672
Europe
Millpool House Mill Lane, Godalming Surrey GU7 1EY U.K. Tel: 441 483 428 877 FAX: 441 483 416 011
Asia
P.O. Box 26-11, KEPZ 6 Central Sixth Road KEPZ, Kaohsiung Taiwan, R.O.C. Tel: 886 7 821 3141 FAX: 886 7 841 9707
Distributor
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be trademarks or registered trademarks of their respective owners. Printed on recycled paper. (c)1997, Pulse Engineering, Inc.
B901.C (11/97)


▲Up To Search▲   

 
Price & Availability of B1006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X