Part Number Hot Search : 
20016 FM160 DAC10 MT5C1008 SMP92 16VWQ R1601 L5991D
Product Description
Full Text Search
 

To Download 701-07-0015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0701070015 Active
cgrid__sl_products 2.54mm (.100") Pitch SLTM Wire-to-Wire Crimp Housing, Single Row, Version A, without Mounting Ears, 16 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-70400 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 R72081037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA TUV UL
General
Product Family Series Comments Overview Product Name Crimp Housings 70107 Version A cgrid__sl_products SLTM
Physical
Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating 16 Black 94V-0 Female No Polyester 1 Bag No 0.100 In 2.54 mm No -40C to +105C
Search Parts in this Series 70107Series Mates With 70400G ,, 70066g Housing, 70430g Receptacle Use With 70021
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-70107-100 PS-70400 SD-70107-0001-0024
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 701-07-0015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X