Part Number Hot Search : 
1R1001 KIC9482F ADC124 T114038 04TR68 EPM7128A MAX739 40406
Product Description
Full Text Search
 

To Download 2SC4004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SC4004
Silicon NPN triple diffusion planar type
For high breakdown voltage high-speed switching
0.70.1
Unit: mm
10.00.2 5.50.2
4.20.2
4.20.2 2.70.2
Features
* High-speed switching * High collector-base voltage (Emitter open) VCBO * Wide safe operation area * Satisfactory linearity of forward current transfer ratio hFE * Full-pack package which can be installed to the heat sink with one screw
16.70.3
7.50.2
3.10.1
Absolute Maximum Ratings TC = 25C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (E-B short) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Base current Collector current Peak collector current Collector power dissipation Ta = 25C Junction temperature Storage temperature Tj Tstg Symbol VCBO VCES VCEO VEBO IB IC ICP PC Rating 900 900 800 7 0.3 1 2 30 2.0 150 -55 to +150 C C Unit V V V V A A A W
Solder Dip (4.0)
1.40.1
1.30.2 0.5+0.2 -0.1
14.00.5
0.80.1
2.540.3 5.080.5
123
1: Base 2: Collector 3: Emitter EIAJ: SC-67 TO-220F-A1 Package
Electrical Characteristics TC = 25C 3C
Parameter Collector-emitter voltage (Base open) Collector-base cutoff current (Emitter open) Emitter-base cutoff current (Collector open) Forward current transfer ratio Symbol VCEO ICBO IEBO hFE1 hFE2 Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Turn-on time Storage time Fall time VCE(sat) VBE(sat) fT ton tstg tf Conditions IC = 1 mA, IB = 0 VCB = 900 V, IE = 0 VEB = 7 V, IC = 0 VCE = 5 V, IC = 0.05 A VCE = 5 V, IC = 0.5 A IC = 0.2 A, IB = 0.04 A IC = 0.2 A, IB = 0.04 A VCE = 10 V, IC = 0.05 A, f = 1 MHz IC = 0.2 A IB1 = 0.04 A, IB2 = - 0.04 A VCC = 250 V 4 1.0 3.0 1.0 6 3 1.5 1.0 V V MHz s s s Min 800 50 50 Typ Max Unit V A A
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
Publication date: February 2003
SJD00125BED
1
2SC4004
PC Ta
40
IC VCE
Collector-emitter saturation voltage VCE(sat) (V)
1.2
TC=25C
VCE(sat) IC
100
IC/IB=5
Collector power dissipation PC (W)
Collector current IC (A)
30
(1)
(1)TC=Ta (2)With a 100x100x2mm Al heat sink (3)With a 50x50x2mm Al heat sink (4)Without heat sink (PC=2W)
1.0
IB=140mA 120mA 100mA 80mA
10
0.8
20
0.6
60mA 40mA
100C 1
25C
0.4
20mA
10
(2) (3) (4)
0.1
TC=-25C
0.2
0
0
0 40 80 120 160
0
4
8
12
0.01 0.01
0.1
1
10
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) IC
100
IC/IB=5
hFE IC
1 000
VCB=5V
fT I C
1 000
VCE=10V f=1MHz TC=25C
Base-emitter saturation voltage VBE(sat) (V)
Forward current transfer ratio hFE
10
100
Transition frequency fT (MHz)
1 10
100
TC=100C
1
TC=-25C 25C 100C
10
25C
-25C
10
0.1 0.01
0.1
1
10
1 0.01
0.1
1 0.001
0.01
0.1
1
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Cob VCB
Turn-on time ton , Storage time tstg , Fall time tf (s)
ton , tstg , tf IC
f=1MHz TC=25C
Safe operation area
10
Non repetitive pulse TC=25C ICP
Collector output capacitance C (pF) (Common base, input open circuited) ob
1 000
100
Collector current IC (A)
10
Pulsed tw=1ms Duty cycle=1% IC/IB=5 (IB1=-IB2) VCC=250V TC=25C
1
IC
t=10ms DC
t=1ms
100
tstg
1
ton tf
0.1
10
0.1
0.01
1
0.01
1
10
100
0
0.2
0.4
0.6
0.8
0.001
1
10
100
1000
Collector-base voltage VCB (V)
Collector current IC (A)
Collector-emitter voltage VCE (V)
2
SJD00125BED
2SC4004
Safe operation area (Reverse bias)
1.6
L=100H IC/IB=5 (IB1=-IB2) TC=25C
Safe operation area (Reverse bias) measurement circuit
Collector current IC (A)
1.2
L IB1 T.U.T IC
0.8
VIN
-IB2
VCC
0.4
tw
0 0 400 800 1 200 1 600
VCLAMP
Collector-emitter voltage VCE (V)
Rth t
104
Note: Rth was measured at Ta=25C and under natural convection. (1)PT=10Vx0.2A(2W) and without heat sink (2)PT=10Vx1.0A(10W) and with a 100x100x2mm Al heat sink
Thermal resistance Rth (C/W)
103
102
(1)
10
(2)
1
10-1 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
SJD00125BED
3
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2002 JUL


▲Up To Search▲   

 
Price & Availability of 2SC4004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X