Part Number Hot Search : 
ISF1209A 1N4001FH BCW70 30P03 3EBXXX AD779 MA4E199 LEUWE3B
Product Description
Full Text Search
 

To Download 162-10-642-00-180000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ProductNumber:162-10-642-00-180000 Description: DIP Header Solder Tail Shrink DIP (.070 Spacing) Open Frame Through Hole PlatingCode: 10 ShellPlating: 10 " Gold over 100 " Nickel Packaging: Packaged in Tubes
# Of Pins 42
A
B
C
Qty. per Tube 13
Mill-Max Part Number 162-10-642-00-180000
RoHS Compliant
1.482
0.600
0.690
LOOSEPIN: Pin Used: 6218 (Brass Alloy) BRASSALLOY (UNS C36000) per ASTM B 16 PropertiesofBRASSALLOY: Chemical composition: Cu 61.5%, Zn 35.4%, Pb 3.1% Hardness as machined: 80-90 Rockwell B Density: .307 lbs/in3 Electrical conductivity: 26% IACS* Melting point: 900C/885C (liquidus/solidus) (3 to 4% lead is used to permit "free machining" and is permitted by EC Directive 2002/95Annex 6; so all pin materials are RoHS compliant) *International Annealed Copper Standard, i.e. as a % of pure copper.
INSULATORINFORMATION: PCT Polyester, (Thermx CG933, black) High Temperature PropertiesofPCTPolyester: Brand: Thermx Grade: CG-933 Rated voltage: 100 VRMS/150 VDC Insulation resistance: 10,000 Megaohms min. Material Heat Deflection Temp (per ASTM D 648): 529F (276C) @ 66 psi
Mill-Max Mfg. Corp. Datasheet -- Last Modified 4/21/2010 Page 1 of 2
Material Heat Deflection Temp (per ASTM D 648): 529F (276C) @ 66 psi Dielectric strength: 1000 VRMS min. (700 VRMS min. for series 117 Shrink DIP) Note: Materials above 446F (230C) are considered suitable for "eutectic" reflow soldering, above 500F (260C) for "lead-free" reflow soldering. CertificateofCompliance: This is to Certify that the product described above is manufactured to Mill-Max quality standards in accordance with all applicable specifications and drawing. Mill-Max certifies this product to be free from defects of materials and workmanship. This Certificate of Compliance covers the following requirements: Dimensional (all features verified to be within tolerances described on the applicable drawing). Raw Material (materials and properties verified to be as described on the applicable drawing). Plating (platings as required, thickness verified, and performance including solderability per mil-standard). Performance (insertion extraction or other force requirements as described on the applicable drawing).
RoHSComplianceStatementfortherestrictionoflead,mercury,cadmiumandhexavalentchromiumPBB, PBDE,includingOcta-BDE,Penta-BDE,Deca-BDE,inelectronicequipmentanduseofPFOA andPFOSinmetalplatingprocesses. Reference: 1. Directive 2002/95/EC of the European Parliament and of the Council of January 27 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment. 2. Directive 2003/11/EC which amends Council Directive 76/769/EC to include pentabromodiphenyl ether and octabromodiphenyl ether. 3. Directive 2005/618/EC Commission decision of 18 August 2005 amending Directive 2002/95/EC. Establishes threshold limits for Lead, Mercury, Cadmium, Hexavalent Chromium, PBB, and PBDE. 4. Judgment of the Court (Grand Chamber) 1 April 2008, Directive 2002/95/EC-Electrical and electronic equipment Decabromodiphenyl ether (Deca-BDE) Actions for annulment of exemption. 5. EU Directive 2006/122/EC of the European Parliament and of the Council of 12 December 2006, amending Council Directive 76/769/EEC on the restriction of Perfluorooctanoic Acid (PFOA) and Perfluorooctane Sulfanates (PFOS) used during metal plating processes. In reference to the directives described above, MILL-MAX Mfg.Corp. declares that lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls, polybrominated diphenyl ethers, including pentabromodiphenyl ether, octabromodiphenyl ether, decabromodiphenyl ether, Perfluorooctanoic Acid, and Perfluorooctane Sulfanates are not intentionally added to the raw material or processes used for our certified RoHS compliant products except where described and allowed under item 6 of the annex; Applications where lead mercury, cadmium, and hexavalent chromium, which are exempted from the requirements of Article 4 (1) of reference 1. No warranty, liability of indemnification is expressed or implied with this information. ComplianceStatementforRegistration,Evaluation,AuthorizationandRestrictionofChemicals(REACH) Reference: 1. Regulation EC No 1907/2006 of the European Parliament and of the Council of 18 December 2006, concerning the Registration, Evaluation, Authorization and Restriction of Chemicals (REACH) 2. ECHA, Candidate list of Substances of Very High Concern (SVHC) http://echa.europa.eu/reach_en.asp Mill-Max is aware of the regulation and the SVHC list the EU published (referenced above). Mill-Max does not produce or sell any of the listed substances in their homogeneous form. These substances are not intentionally added during the manufacturing of any Mill-Max products. To our knowledge, our products do not contain the substances described on the ECHA SVHC list. Testing is not performed for materials and substances that were not intentionally added. No warranty, liability of indemnification is expressed or implied with this information. Mill-Max maintains surveillance of the ECHA website to obtain the latest information and periodically reviews the SVHC list for changes and additions.
Mill-Max Mfg. Corp. Datasheet -- Last Modified 4/21/2010 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 162-10-642-00-180000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X