Part Number Hot Search : 
800BA ADC2300E MSS00 015020 CS9202 C101M LR8K4 A1106
Product Description
Full Text Search
 

To Download 03-09-2031 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0003092031 Active
standard_093 2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 3 Circuits, Single Row
Documents: 3D Model Packaging Specification (PDF) Drawing (PDF) Product Specification PS-02-09 (PDF)
Product Specification PS-1396-002 (PDF) Product Specification PS-42477 (PDF) Product Specification PS-43660-9999 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL LR19980 E29179
General
Product Family Series Comments MolexKits Overview Product Name Crimp Housings 1396 17.0A max. can be achieved when housing is used with 42477 or 42478 terminals Yes standard_093 Standard .093"
Physical
Circuits (maximum) Flammability Gender Glow-Wire Compliant Lock to Mating Part Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating 3 94V-2 Dual No Yes 1 Bag Yes 0.198 In 5.03 mm No -40C to +105C
Search Parts in this Series 1396Series Mates With 1396r Use With 1189 Crimp Terminals, 1190 Crimp Terminals, 1376 Male PC Tail Terminals, 1377 Female PC Tail Terminals, 1380 Male Crimp Terminals, 1381 Female Crimp Terminals, 1433 Crimp Terminals, 1434 Male Crimp Terminals, 1973 , 2151 , 2273 , 2870 , 2871 , 4272 , 4550 , 6271 , 6310 , 42477 , 42478
Electrical
Current - Maximum per Contact 14A
Material Info
Old Part Number 1396-P
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-1396-001 PS-02-09, PS-1396-002, PS-42477, PS-43660-9999 SD-1396-*, SD-1396-002
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 03-09-2031

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X