Part Number Hot Search : 
VCO190 1AS101 PQ09RF2 89LPC AD5115 SMCJ36A A1712 035CT
Product Description
Full Text Search
 

To Download 03-09-1011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0003091011 Active
standard_093 2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 1 Circuit, Friction Lock
Documents: 3D Model Packaging Specification (PDF) Drawing (PDF) Product Specification PS-02-09 (PDF)
Product Specification PS-42477 (PDF) Product Specification PS-43660-9999 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance?
Series
Agency Certification
CSA TUV UL LR19980 R9351032 E29179
General
Product Family Series Comments MolexKits Overview Product Name Crimp Housings 1619 17.0A max. can be achieved when housing is used with 42477 or 42478 terminals Yes standard_093 Standard .093"
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating 1 Natural 94V-2 Dual No Nylon 1 Bag No 0.198 In 5.03 mm No -40C to +105C
Search Parts in this Series 1619Series Mates With 1619p Use With 1189 Crimp Terminals, 1190 Crimp Terminals, 1376 Male PC Tail Terminals, 1377 Female PC Tail Terminals, 1380 Male Crimp Terminals, 1381 Female Crimp Terminals, 1433 Crimp Terminals, 1434 Male Crimp Terminals, 1973 , 2151 , 2273 , 2870 , 2871 , 4272 , 4550 , 6271 , 6310 , 42477 , 42478
Electrical
Current - Maximum per Contact 14A
Material Info
Old Part Number 1619-1R1B5N1A5
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-1619-001 PS-02-09, PS-42477, PS-43660-9999 SD-1619-1R*
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 03-09-1011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X