Part Number Hot Search : 
PCMB042T TA8416F 1N5232B BU4506DX HM112 NCE0203S TA0736A MC908GR
Product Description
Full Text Search
 

To Download UFT150-28 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UFT150-28
RF POWER FIELD-EFFECT TRANSISTOR
DESCRIPTION:
The ASI UFT150-28 is a N-Channel Enhancement-Mode Push Pull MOSFET, Designed for FM, and TV Solid State Transmitter Applications up to 500 MHz.
PACKAGE STYLE .400 BAL FLG
MAXIMUM RATINGS
ID VDSS PDISS TJ TSTG JC 26 A 65 V 400 W @ TC = 25 OC -65 OC to +200 OC -65 OC to +150 OC 0.44 C/W
O
1 = DRAIN 2 = DRAIN(2) 3 = GATE(1) 4 = GATE(2) 5 = SOURCE (1&2) -CASE
CHARACTERISTICS
SYMBOL
V(BR)DSS IDSS IGSS VGS(th) VDS(on) gfs Ciss Coss Crss Gps ID = 50 mA VDS = 28 V VDS = 0 V
TC = 25 C
O
NONE
TEST CONDITIONS
VGS = 0 V VGS = 0 V VGS = 20 V VDS = 10 V VGS = 10 V VDS = 10 V VGS = 0 V f = 1.0 MHz
MINIMUM TYPICAL MAXIMUM
65 2.5 1.0 1.0 2.0 3.0 3.0 180 200 20 12 55 10:1 14 65 --6.0 1.5
UNITS
V mA A V V mhos pF
ID =100 mA ID = 5.0 A ID = 2.5 A VDS = 28 V
VDD = 28 V
IDQ = 2 X 100 mA
POUT = 200 W f = 225 MHz
dB % ---
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. B
1/1


▲Up To Search▲   

 
Price & Availability of UFT150-28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X