Part Number Hot Search : 
M8400 TCS3414 6006A 7S471K 0724157 50020 DSP563 ESDAVLC
Product Description
Full Text Search
 

To Download SL0510001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part Number: SL05 10001
Ordering Different Lead Types:
Inside Kinked Leads Outside Kinked Leads Use -A after Ametherm's part # Not Available
For example: to order an inside kinked lead use part number SL05 10001-A
D D D T
B
L
S
STRAIGHT LEADS
S
OUTSIDE KINKED LEADS
S
INSIDE KINKED LEADS
C
Electrical Specifications:
Resistance @ 25C Resistance @ 0C/ Resistance @ 50C Resistance @ 25C/ Resistance @ 125C Beta Resistance @ Max Steady State Current Resistance @ 50% Steady State Current Max Steady State Current Up to 65C Max Recommended Energy Rating (Joules) Material Type Dissipation Constant Thermal Time Constant Operating Temperature Range 10.0 20% 4.95 1% 12.8 2% 2929 0.87% 0.4 0.8 2.0 A 5.0 J "B" 7.0 Mw/C 20.0 Second -50C 150C
Mechanical Specifications:
D T Lead Diameter S L Straight Leads 5.0 0.5 mm Max 2.5 0.5 mm Max 0.5 mm Nom 5.1 mm Nom 38.0 mm Min Standard
Resistance Temperature Curve:
Temperature -50 C -40 C -30 C -20 C -10 C 0 C R@T/R@25C 23.80 13.73 8.54 5.370 3.392 2.374 Temperature 25 C 50 C 75 C 100 C 125 C R@T/R@25C 1.000 0.4810 0.2459 0.1432 0.0781 Revision Date: March 19, 2003
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com


▲Up To Search▲   

 
Price & Availability of SL0510001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X