Part Number Hot Search : 
W4165AI DWF50A30 TDA6200 75B12 TPCP8303 F1950Z 105MR2D 2SD1796
Product Description
Full Text Search
 

To Download SI-8090EE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GSI-8000E Series
SI-8000E Series
Full-Mold, Separate Excitation Switching Type
IFeatures
* * * * * * Compact full-mold package (equivalent to TO220) High efficiency: 80 to 88% Requires only 4 external components Phase correction and output voltage adjustment performed internally Built-in reference oscillator (60kHz) Built-in overcurrent and thermal protection circuits
IApplications
* Power supplies for telecommunication equipment * Onboard local power supplies
ILineup
Part Number VO(V) IO(A) SI-8050E 5.0 SI-8090E 9.0 0.6 SI-8120E 12.0
IAbsolute Maximum Ratings
Parameter DC Input Voltage Power Dissipation Junction Temperature Storage Temperature Thermal Resistance(junction to case) Thermal Resistance(junction to ambient air) Symbol VIN PD1 PD2 Tj Tstg Rth(j-c) Rth(j-a) Ratings 43 14(With infinite heatsink) 1.5(Without heatsink, stand-alone operation) +125 -40 to +125 7.0 66.7 Unit V W W C C C/W C/W
IRecommended Operating Conditions
Parameter DC Input Voltage Range Output Current Range Operating Junction Temperature Range Operating Temperature Range Symbol SI-8050E VIN IO Tjop Top 7 to 40 Ratings SI-8090E 11 to 40 0 to 0.6 -30 to +125 -30 to +125 SI-8120E 14 to 40 V A C C Unit
68
GSI-8000E Series
IElectrical Characteristics
Ratings Parameter Symbol min. Output Voltage Efficiency Switching Frequency Line Regulation Load Regulation Temperature Coefficient of Output Voltage Ripple Rejection Overcurrent Protection Starting Current VO Conditions Conditions f Conditions VOLINE Conditions VOLOAD Conditions VO/Ta RREJ Conditions IS1 Conditions 0.61 VIN=10V 4.80 SI-8050E typ. 5.00 80 VIN=20V, IO=0.3A 60 VIN=20V, IO=0.3A 80 30 0.5 45 f=100 to 120HZ 0.61 VIN=14V 100 40 VIN=10 to 30V, IO=0.3A VIN=20V, IO=0.1 to 0.4A max. 5.20 min. 8.64 SI-8090E typ. 9.00 86 VIN=21V, IO=0.3A 60 VIN=21V, IO=0.3A 90 50 1.0 45 f=100 to 120HZ 0.61 VIN=17V 120 80 VIN=14 to 30V, IO=0.3A VIN=21V, IO=0.1 to 0.4A max. 9.36 min. 11.52 SI-8120E typ. 12.00 88 VIN=24V, IO=0.3A 60 VIN=24V, IO=0.3A 100 70 1.5 45 f=100 to 120HZ 130 95 max. 12.48
(Ta=25C)
Unit
V % kHZ mV mV mV/C dB A
VIN=20V, IO=0.3A
VIN=21V, IO=0.3A
VIN=24V, IO=0.3A
VIN=17 to 30V, IO=0.3A VIN=24V, IO=0.1 to 0.4A
IExternal Dimensions
3.20.2
0.5 10.00.2 4.20.2 2.80.2 4.00.2 7.90.2
(unit: mm)
(17.9)
a b
16.90.3
2.60.1
(2.0)
a. Part Number b. Lot Number Pin Arrangement q VIN w SWOUT e GND r VOS t N.C Plastic Mold Package Type Flammability: UL94V-0 Weight: Approx. 2.3g
0.950.15 0.85 -0.1 (4.6)
+0.2
0.45 -0.1 P1.70.7x4=6.80.7
+0.2
3.90.7
(4.3) 8.20.7
12345
Forming No. 1101
(8.0)
5.00.6
69
GSI-8000E Series
IBlock Diagram
IStandard External Circuit
5V : 200H 9V,12V: 300H VIN 2 VIN SWOUT L1 VO
VIN
1 OCP Reg. OSC Reset Drive Comp. TSD
2 SWOUT
1
+ C1 100F
SI-8000E
VOS GND 3 NC 5 4
D1 AK06 (Sanken)
+ C2 330F
Amp. VREF 3 GND 5 N.C
4 VOS
GND
GND
ITa-PD Characteristics
PD=VO*IO
15
100 -1
-VF*IO 1-
VO VIN
Infinite heatsink
With Silicon Grease Heatsink: Aluminum
Power Dissipation PD (W)
10
10
0x 1
The efficiency depends on the input voltage and the output current. Thus, obtain the value from the efficiency graph on page 71 and substitute the percentage in the formula above.
(2 .3
20
5
Without heatsink
0 -30 0 25
mm (5 75 .2 x7 C/ 5x W 2m ) m (7. 6 C/ W)
C /W
Ambient Operating Temperature Ta (C)
ISelecting External Components
1. Inductor L1 1) It must be suited for switching regulators. Do not use inductors such as noise filters, because they generate excessive heat. 2) It must have the appropriate inductance value. If the inductance is too small (150H or lower), abnormal oscillation may occur causing operation problems in the overcurrent protection circuit within the rated current range. 3) The rated current must be satisfied. If the rated current is exceeded, magnetic saturation leads to overcurrent. 2. Capacitors C1 and C2 1) They must satisfy the breakdown voltage and allowable ripple current. Exceeding the ratings of these capacitors or using them without derating shortens their service lives and may also cause abnormal oscillation of the IC. 2) C2 should a low-impedance type capacitor. A low-impedance type capacitor is recommended for C2 to ensure reduced ripple voltage and stable switching operation. 3. Diode D1 The Sanken AK06 diode is recommended for D1. If you intended to use an equivalent diode, be sure to use a Schottky Barrier diode and make sure that the reverse voltage applied to terminal 2 of the IC does not exceed the value (-1V) given in the absolute maximum ratings. If you use a fast recovery diode or any other diode, supplying a reverse voltage generated from the recovery or ON voltage of the diode may damage the IC.
2 0x
00 x2
x2 00
50
m m )
75
100
125
VO : Output voltage VIN : Input voltage IO : Output current x : Efficiency (%) VF : Diode forward voltage 0.4V(AK06) Thermal design for D1 must be considered separately.
Application
Variable output voltage Output voltage can be adjusted in the same way as SI-8000S in page 77.
70
GSI-8000E Series
ITypical Characteristics
Efficiency Characteristics(SI-8050E)
100 90 (Ta=25C)
Output Voltage(SI-8050E)
6 (Ta=25C)
Load Regulation(SI-8050E)
5.2 (Ta=25C)
5
0.1A
Output Voltage VO (V)
Efficiency (%)
80
V
= IN
7V
70 60 50 40 0 0
V 10 0V 2 V 30 V 40
4
0.6 A
0.3A
Output Voltage VO (V)
5.1
IO= 0A
VIN=40V 5.0 20V 10V 7V 4.9
3
2
1
0.1
0.2
0.3
0.4
0.5
0.6
0
0
2
4
6
8
10
4.8 0
0.1
0.2
0.3
0.4
0.5
0.6
Output Current IO (A)
Input Voltage VIN (V)
Output Current IO (V)
Overcurrent Protection Characteristics(SI-8050E)
6 (Ta=25C)
Temperature Characteristics(SI-8050E)
100 (VIN=20V, IO=0.3A) 5.3 5.2
Thermal Protection Characteristics(SI-8050E)
6 VIN=20V, IO=20mA
Efficiency (%)
5
90
Output Voltage VO (V)
Output Voltage VO (V)
80 70 60 50 40 0 0 VO
5.1 5.0 4.9 4.8 4.7 0 150
4
Output Voltage VO (V)
5
20V
4
Frequency f (kHz)
40
3
VIN =7
V
3
V
f
2
2
1
1 0 0
0 0
0.5
1.0
1.5
2.0
0
50
100
50
100
150
200
Output Current IO (V)
Ambient Temperature Ta (C)
Case Temperature TC (C)
Note on Thermal Protection:
The thermal protection circuit is intended for protection against heat during instantaneous short-circuiting. Its operation is not guaranteed for continuous heating condition such as short-circuiting over extended periods of time.
71


▲Up To Search▲   

 
Price & Availability of SI-8090EE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X