|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
www..com SDI-002 SERIAL D1 TO RGB MODULE + + + + Small compact design for pcb mounting 8 bit RGB output Separate mixed syncs RsGsBs (Combined sync) available. + + + Auto 625/525 operation Fully filtered outputs Reclocked SD outputs available. This interface card accepts D1 serial digits and provides all the necessary filtered analogue signals required for 8-bit monitoring on a pcb mounting module. Input Requirements Input Input Impedance Line standard Equalisation 1 x 270 Mb/s serial NRZI (EBU TECH3267, SMPTE RP-259M) 75 ohm terminating 625/50 or 525/60 Auto detection Automatic up to 40 dB at 200 MHz (Typically 300m of Belden 8281 at 270mb/s) Output Characteristics Output format Output levels Output Impedance Resolution Freq Response Noise Either RGB or RsGsBs (As requested.) 700 mV 1% not including syncs 75 ohms 8 bit data / 9 bit DAC < 0.3 dB to 5.5 MHz > 60 dB rms to 5.5 MHz Sync Output Characteristics Sync output amplitude Sync amp. on RsGsBs 2V 5% into 75 ohm 300 mV 10 mV into 75 ohm Other parameters Power Operating Temperature Aqueous Washable Package +5V 0.25V - 5V 0.50V 00C to 400C Yes DR00167A (500 mA max) (50 mA max) ORDERING CODES SDI-002A SDI-002B SDI-002C SDI-002D Reclocked o/p's x x RGB o/p x x RsGsBs o/p x x (c) Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice FARA012d Page 1 of 2 Dec-99(B) PACKAGE DETAIL www..com Faraday Technology Ltd. Croft Road Industrial Estate, Newcastle, Staffordshire ST5 0QZ. England. FARA012d Tel: Fax: Email: Web site: Page 2 of 2 + 44 (0)1782 661501 + 44 (0)1782 630101 sales@faradaytech.co.uk http://www.faradaytech.co.uk Dec-99(B) |
Price & Availability of SDI-002 |