Part Number Hot Search : 
HR9303S B1517 ADTR2 HD404449 ATR06 RN1905 MS2747 MBR2060
Product Description
Full Text Search
 

To Download PC-17K1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photocoupler
PC-17K1 * PC-17K2 * PC-17K4
These Photocouplers consist of a Gallium Arsenide Infrared Emitting
Diode and a Silicon NPN Phototransistor per a channel The PC-17K1 has one channel in a 4-pin DIP package The PC-17K2 has two channels in a 8-pin DIP package The PC-17K4 has four channels in a 16-pin DIP package FEATURES
* Small Package Size * Collector-Emitter Voltage : Min.35V * Current Transfer Ratio : Min.50% (at I F=5mA, VCE=5V) * Electrical Isolation Voltage : AC5000Vrms * Creepage/Clearance between Input and Output : Min. 7.0mm * UL Recognized File No. E107486
* Interface between two circuits of different potential * Vending Machine, Cordless Phone, Key Phone, Fax, Motor Control * Programmable Logic Control * Power Supply * Computer Terminals
APPLICATIONS
DIMENSION PC-17K1
4 0.25 3
(Unit : mm)
PC-17K2
8 0.25 7 6 5
6.5
Orientation Mark
1
2
6.5
Orientation Mark
1
2
3
4
4.6 0.25
0.25
7.62 0.25 6.5 0.25
9.7
0.25
7.62 0.25 6.5
3.5
2.5Min.
3.5
0.51Min.
0.5 1.2 2.54
0.25
0 ~15
0.51Min.
2.5Min.
0.5 1.2 2.54
0.25
0 ~15
0.25
0.25
PC-17K4
6.5 0.25
16
15
14
13
12
11
10
9
1 Orientation Mark
2
3
4
5
6
7
8
19.8 0.25
0.25
7.62 0.25 6.5
3.5
0.51Min.
2.5Min.
1.2
0.5 2.54 0.25
0.25
0 ~15
1/3
Photocoupler
PC-17K1 * PC-17K2 * PC-17K4
MAXIMUM RATINGS Parameter
Forward Current Input Reverse Voltage Peak Forward Current Power Dissipation
*1
Symbol
IF VR IFP PD BVCEO BVECO IC PC Viso Tstg Topr Tsol Ptot
Rating
50 5 1 70 35 *4 6 50 150 AC5000 -55~+125 -30~+100 260 200
(Ta=25E) Unit
mA V A mW V V mA mW V rms E E E mW
Collector-Emitter Breakdown Voltage Output Emitter-Collector Breakdown Voltage Collector Current Collector Power Dissipation Input to Output Isolation Voltage *2 Storage Temperature Operating Temperature Lead Soldering Temperature *3 Total Power Dissipation
*1. Input current with 100A pulse width, 1% duty cycle *2. Measured at RH=40~60% for 1min *3. 1/16 inch form case for 10sec *4. Customer Option
ELECTRO-OPTICAL CHARACTERISTICS
Parameter Forward Voltage Input Reverse Current Capacitance Collector-Emitter Breakdown Voltage Output Emitter-Collector Breakdown Voltage Collector Dark Current Capacitance Current Transfer Ratio
*5
(Ta=25E, unless otherwise noted)
Symbol VF IR CT BVCEO BVECO ICEO CCE CTR VCE(SAT) CIO RIO tr tf Condition IF=10mA VR=5V V=0, f=1MHz IC=0.5mA IE=0.1mA IF=0, VCE=24V VCE=0, f=1MHz IF=5mA, VCE=5V IF=5mA, IC=1mA V=0, f=1MHz RH=40~60%, V=500V VCE=5V, RL=100U IC=2mA Min. 35 6 50 Typ. 1.15 30 10 0.15 1 10 4 4
11
Max. 1.30 10 100 600 0.4 -
Unit. V E pF V V nA pF % V pF U A A
Collector-Emitter Saturation Voltage Coupled Input-Output Capacitance Input-Output Isolation Resistance Rise Time Fall Time
*5. CTR=(IC/IF) X 100 (%)
2/3
Photocoupler
PC-17K1 * PC-17K2 * PC-17K4
Forward Current vs. Ambient Temperature
50
Collector Power Dissipation vs. Ambient Temperature
Collector Power Dissipation PC (mW)
250 100
Forward Current vs. Forward Voltage
Forward Current IF (mA)
Forward Current IF (mA)
40
200
80
30
150
60 Ta=70E Ta=25E
20
100
40
10
50
20 Ta=-55E 0.4 0.8 1.2 1.6
0 -20 0 20 40 60 80 100
0 -20 0 20 40 60 80 100
0
Ambient Temperature Ta (E )
Ambient Temperature Ta (E)
Forward Voltage VF (V)
Collector Current vs. Collector-Emitter Voltage
T a=25E 40 IF=30mA 1
Dark Current vs. Ambient Temperature
100
Collector Current vs. Ambient Temperature
Collector Current IC (mA)
IF=20mA 10 IF=10mA IF=5mA
Collector current IC (mA)
Dark Current ICEO (E )
0.1
30
IF=20mA IF=10mA PC(MAX.)
20
0.01
VCE=24V
1 IF=1mA
10
I F=5mA
IF=1mA 0 2 4 6 8 10 0.001 0 20 40 60 80 0 -20 0 20 40 60 80
Collector-Emitter voltage VCE (V)
Ambient Temperature Ta (E )
Ambient Temperature Ta (E )
Response Time vs. Load Resistance
500 VCE=5V 100
Collector Current vs. Forward Current
Ta=25E VCE=5V
Switching Time Test Circuit
VCC VIN R RL VO
IC=2mA Ta=25E
Response Time tr, tf ( i s)
Collector Current IC (mA)
100
10
10
tr
tf
1
Test Circuit
0.1 Input 0.01 Output
10%
1
0.1
0.1
1.0
2.0
0.001 0.1
1
10
100
90%
tr
tf
Load Resistance R L (U )
Forward Current IF (mA)
Waveform
3/3


▲Up To Search▲   

 
Price & Availability of PC-17K1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X