Part Number Hot Search : 
LS655 AS1753 A6277X HBDW94C TC123 F7103 SGM721 KBP10M
Product Description
Full Text Search
 

To Download OH-08FXL18F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CRYSTAL OSCILLATORS OH-X8FXXXXX Series HF/UHF OCXO Low Power SMD Description: OH-X8FXXXXX Series of Oven Controlled
Crystal Oscillators (OCXO) provides High and Ultra High Frequency with SC-cut stability performance, extremely low phase noise and power consumption, with variety of different output types in a miniature SMD package
1.0 (25,4 mm) 1
Data Sheet 0635C
Rev. A
5
Features
* * * * * * Very Low Power Consumption Very Low Phase Noise Excellent SC-cut Frequency Stability Ultra High Frequency - up to 1 GHz CMOS, Sine-Wave, PECL, LVDS outputs available Stratum3E available
2
0.87 (22,0 mm)
3
4
0.5 (12.72 mm)
0.1 (2,5 mm) 3 4 5 0.70 (17,8 mm) 2 6 0.2 (5 mm) 1 7 0.1 (2,5 mm)
Creating a Part Number OH - X 8F X X XX X Package Code
OH 7 pad 25x22mm SMD Supply Voltage
Code 0 A Specification 5V 5% 3.3V 5%
Temperature Range
Code A B C D E F Specification 0C to 50C -10C to 60C 0C to 70C -20C to 70C -30C to 70C -40C to 80C
OCXO/OCVCXO Option
Code X V Specification No V. Control W/ V. Control
Output Type
Code C S L P Specification CMOS Sine-wave LVDS PECL
Temperature Stability
Code 17 58 28 18 YZ Specification 1x10-7 5x10-8 2x10-8 1x10-8 Yx10-Z
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com
CRYSTAL OSCILLATORS
OH-X8FXXXXX Series HF/UHF OCXO Low Power SMD Specifications Parameter Symb
Input Break Down Voltage Storage temp. Contr. Voltage Vcc Ts Vc F CMOS Sine-wave PECL, LVDS Condition Min Typ Max Unit Note
Data Sheet 0635C
Rev. A
Absolute Maximum Ratings
-0.5 -40 -1 30 30 30 3.135 4.75 5.5 85 9 200 1,000 1,000 3.465 5.25 90 160 V C V MHz
Electrical
Frequency Range Input Voltage Input Current Frequency Stability
Vcc Icc F/F At room, steady state vs. Temperature vs. Vcc aging As shipped, 25C CMOS Sine PECL LVDS @50% 20 to 80 % CMOS CMOS PECL PECL Differential amplitude Amplitude error Offset voltage Offset error Sinewave Into 50 Ohm 1 Sine, PECL, LVDS CMOS, Sine Sine-wave @10 Hz @100 Hz @1 KHz @10 KHz @100 KHz @10 Hz @100 Hz @1 KHz @10 KHz @100 KHz
3.30 5.0
V mA
Calibration Load
F/F
Duty cycle Rise/Fall time Logic "1" level Logic "0" level Logic "1" level Logic "0" level Output Levels, LVDS
Tr/Tf Voh Vol Voh Vol Vo d Vo f
50 ppb 2 ppb/V 0.1 ppm/year 0.5 ppm 0.1 ppm 15pF/10KOhm Internally AC-coupled 50 Ohm 50 Ohm to Vcc-2V or Thevenin equivalent 100 Ohm between the outputs, receiving end 45 50 55 % 3 ns 0.35 0.9Vcc V 0.1Vcc V Vcc-0.96 Vcc-0.81 V Vcc-1.85 Vcc-1.65 V 247 330 454 mV 50 1.375 50 0 4 3 7 2 0.4 0.2 -45 mV V mV dBm ms ps dBc dBc dBc dBc/Hz
3 5 @ 100 MHz, 3.3V @ 622 MHz, 3.3V See chart First Year 15 years
CMOS, PECL, LVDS CMOS PECL, LVDS
100K available 100K available
1.125
1.25
Output power Start up time Phase jitter Subharmonics Spurious Harmonics SSB Phase Noise
P Ts
3.3V 5.0V 100 Hz to 20 MHz 12 KHz to 20 MHz F>250MHz F< 250 MHz
SSB Phase Noise
Input Impedance Control voltage Modulation bandwidth Deviation
-30 -100 -125 -140 -160 -165 -80 -100 -120 -145/-140 -150/-145 > 10KOhm 0 100 Hz
10 1 0.4 -40 none -60 -25
@100 MHz, CMOS, Sine
dBc/Hz
@622 MHz; Sine/PECL,LVDS
Vc MB
3.3
V Contact Factory for wider MB
Vc=0V to 3.3V,25C 0.5 1.0 ppm 357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com
CRYSTAL OSCILLATORS
OH-X8FXXXXX Series HF/UHF OCXO Low Power SMD Rev. A
Data Sheet 0635C
Environmental and Mechanical 0C to 70C , -40C to 85C, see chart, page 1 Operating temp. range Per MIL-STD-202, Method 213, Cond. E Mechanical Shock Per MIL-STD-883, Method 1011, Cond. A Thermal Shock Per MIL-STD-883, Method 2007, Cond. A Vibration 260C for 10 s leads only Soldering Conditions Hermetic Seal Leak rate less than 5x10-8 atm.cc/s of helium Electrical Connections Pin Out Pin #1- Voltage Control ; Pin #2 - N/C ; Pin #3 - Vcc; Pin#4 - Output, CMOS or Sine; Pin#5 - PECL/LVDS Output; Pin#6 - PECL/LVDS Complementary Out; Pin #7 - GND
Maximum solder reflow profile
SMD Reflow Profile
250
Temperature, C
200 150 100 50 0 0 50 100 150 200
Time, s
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com


▲Up To Search▲   

 
Price & Availability of OH-08FXL18F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X