Part Number Hot Search : 
NJW4308 B2409 OM350 PSB652X 2PC945 ON0527 SM15T68A 2SK33
Product Description
Full Text Search
 

To Download NC7WZ241L8XPRELIMINARY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NC7WZ241 TinyLogic UHS Dual Buffer with 3-STATE Outputs
March 2001 Revised April 2003
NC7WZ241 TinyLogic UHS Dual Buffer with 3-STATE Outputs
General Description
The NC7WZ241 is a Dual Non-Inverting Buffer with 3-STATE outputs. The output enable circuitry is organized as active LOW for one buffer and active HIGH for the other buffer, thus facilitating transceiver operation. The Ultra High Speed device is fabricated with advanced CMOS technology to achieve superior switching performance with high output drive while maintaining low static power dissipation over a broad VCC operating range. The device is specified to operate over the 1.65V to 5.5V VCC operating range. The inputs and outputs are high impedance when VCC is 0V. Inputs tolerate voltages up to 5.5V independent of VCC operating range. Outputs tolerate voltages above VCC when in the 3-STATE condition.
Features
s Space saving US8 surface mount package s MicroPak leadless package s Ultra High Speed; tPD 2.6 ns Typ into 50 pF at 5V VCC s High Output Drive; 24 mA at 3V VCC s Broad VCC Operating Range: 1.65V to 5.5V s Matches the performance of LCX when operated at 3.3V VCC s Power down high impedance inputs/outputs s Overvoltage tolerant inputs facilitate 5V to 3V translation s Outputs are overvoltage tolerant in 3-STATE mode s Patented noise/EMI reduction circuitry implemented
Ordering Code:
Product Order Number NC7WZ241L8X (Preliminary) Package Number MAC08A Code Top Mark WZ41 T7 8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide 3k Units on Tape and Reel 8-Lead MicroPak, 1.6 mm Wide 5k Units on Tape and Reel Package Description Supplied As
NC7WZ241K8X MAB08A
TinyLogic is a registered trademark of Fairchild Semiconductor Corporation. MicroPak is a trademark of Fairchild Semiconductor Corporation.
(c) 2003 Fairchild Semiconductor Corporation
DS500399
www.fairchildsemi.com
NC7WZ241
Logic Symbol
Connection Diagrams
Function Table
Inputs OE or OE L L H H
H = HIGH Logic Level L = LOW Logic Level Z = 3-STATE
Output An L H L H Y1 L H Z Z Y2 Z Z L H (Top View) Pad Assignments for MicroPak
Pin Descriptions
Pin Names OE, OE An Yn Description Enable Inputs for 3-STATE Outputs Inputs 3-STATE Outputs (Top Thru View)
www.fairchildsemi.com
2
NC7WZ241
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC) DC Input Voltage (VIN) (Note 2) DC Output Voltage (VOUT) DC Input Diode Current (IIK) @VIN < 0V DC Output Diode Current (IOK) @VOUT < 0V DC Output Source/Sink Current (IOUT) DC VCC/GND Current (ICC/IGND) Storage Temperature Range (TSTG) Junction Temperature under Bias (TJ) Junction Lead Temperature (TL) (Soldering, 10 seconds) Power Dissipation (PD) @+85C
-0.5V to +7.0V -0.5V to +7.0V -0.5V to +7.0V -50 mA -50 mA 50 mA 100 mA -65C to +150C +150C +260C
250 mW
Recommended Operating Conditions (Note 3)
Supply Voltage Operating (VCC) Supply Voltage Data Retention (VCC) Input Voltage (VIN) Output Voltage (VOUT) Active State 3-State Operating Temperature (TA) Input Rise and Fall Time (tr, tf) VCC = 1.8V, 0.15V, 2.5V 0.2V VCC = 3.8V 0.3V VCC = 5.0V 0.5V Thermal Resistance (JA) 0 ns/V to 20 ns/V 0 ns/V to 10 ns/V 0 ns/V to 5 ns/V 250C/W 0V to VCC 0V to 5.5V 1.65V to 5.5V 1.5V to 5.5V 0V to 5.5V
-40C to +85C
Note 1: Absolute maximum ratings are DC values beyond which the device may be damaged or have its useful life impaired. The datasheet specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. Fairchild does not recommend operation outside datasheet specifications. Note 2: The input and output negative voltage ratings may be exceeded is the input and output diode current ratings are observed. Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol VIH VIL VOH Parameter HIGH Level Input Voltage . LOW Level Input Voltage HIGH Level Output Voltage VCC (V) 2.3 to 5.5 1.65 to 1.95 2.3 to 5.5 1.65 2.3 3.0 4.5 1.65 2.3 3.0 3.0 4.5 VOL LOW Level Output Voltage 1.65 2.3 3.0 4.5 1.65 2.3 3.0 3.0 4.5 IIN IOZ IOFF ICC Input Leakage Current 3-STATE Output Leakage Power Off Leakage Current Quiescent Supply Current 0 to 5.5 1.65 to 5.5 0.0 1.65 to 5.5 1.55 2.2 2.9 4.4 1.29 1.9 2.4 2.3 3.8 1.65 2.3 3.0 4.5 1.52 2.15 2.80 3.68 4.20 0.0 0.0 0.0 0.0 0.08 0.10 0.15 0.22 0.22 0.10 0.10 0.10 0.10 0.24 0.3 0.4 0.55 0.55 0.1 0.5 1 1 Min 0.7 VCC 0.25 VCC 0.3 VCC 1.55 2.2 2.9 4.4 1.29 1.9 2.4 2.3 3.8 0.10 0.10 0.10 0.10 0.24 0.3 0.4 0.55 0.55 1 5 10 10 A A A A V or VIL IOL = 4 mA VIN = VIH IOL = 8 mA IOL = 16 mA IOL = 24 mA IOL = 32 mA VIN = 5.5V, GND VIN = VIH or VIL 0 VOUT 5.5V VIN or VOUT = 5.5V VIN = 5.5V, GND V VIN = VIH IOL = 100 A or VIL V or VIL IOH = -4 mA VIN = VIH IOH = -8 mA IOH = -16 mA IOH = -24 mA IOH = -32 mA V VIN = VIH IOH = -100 A or VIL 1.65 to 1.95 0.75 VCC TA = +25C Typ Max TA = -40C to +85C Min 0.75 VCC 0.7 VCC 0.25 VCC 0.3 VCC Max Unit V V Conditions
3
www.fairchildsemi.com
NC7WZ241
Noise Characteristics
Symbol VOLP (Note 4) VOLV (Note 4) VOHV (Note 4) VIHD (Note 4) VILD (Note 4) Parameter Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Quiet Output Minimum Dynamic VOH Minimum HIGH Level Dynamic Input Voltage Maximum LOW Level Dynamic Input Voltage VCC (V) 5.0 5.0 5.0 5.0 5.0 TA = +25C Typ Max 1.0 1.0 4.0 3.5 1.5 Units V V V V V Conditions CL = 50 pF CL = 50 pF CL = 50 pF CL = 50 pF CL = 50 pF
Note 4: Parameter guaranteed by design.
AC Electrical Characteristics
Symbol tPLH tPHL Parameter Propagation Delay An to Yn VCC (V) 1.8 0.15 2.5 0.2 3.3 0.3 5.0 0.5 tPLH tPHL tOSLH tOSHL tPZL tPZH Propagation Delay An to Yn Output to Output Skew (Note 5) Output Enable Time 3.3 0.3 5.0 0.5 3.3 0.3 5.0 0.5 1.8 0.15 2.5 0.2 3.3 0.3 5.0 0.5 tPLZ tPHZ Output Disable Time 1.8 0.15 2.5 0.2 3.3 0.3 5.0 0.5 CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance (Note 6) 0 5.0 3.3 5.0 3.0 1.8 1.2 0.8 2.5 1.5 0.8 0.3 2.5 4 10 12 Min 2.0 1.0 0.8 0.5 1.2 0.8 TA = +25C Typ Max 12.0 7.5 5.2 4.5 5.7 5.0 1.0 0.8 14.0 8.5 6.2 5.5 12.0 8.0 5.7 4.7 3.0 1.8 1.2 0.8 2.5 1.5 0.8 0.3 TA = -40C to +85C Min 2.0 1.0 0.8 0.5 1.2 0.8 Max 13.0 8.0 5.5 4.8 6.0 5.3 1.0 0.8 15.0 9.0 6.5 5.8 13.0 8.5 6.0 5.0 ns ns ns ns CL = 50 pF RD = 500 S1 = OPEN CL = 50 pF RD = 500 S1 = OPEN CL = 50 pF RD, RU = 500 S1 = GND for tPZH S1 = V I for tPZL VI = 2 x VCC CL = 50 pF RD, RU = 500 S1 = GND for tPHZ S1 = V I for tPLZ VI = 2 x VCC pF OE = GND OE = VCC Figures 1, 3 Figures 1, 3 Figures 1, 3 ns Units Conditions CL = 15 pF RD = 1 M S1 = OPEN Figures 1, 3 Figure Number
Figures 1, 3
pF
Figure 2
Note 5: Parameter guaranteed by design. tOSLH = | tPLHmax - tPLHmin |; tOSHL = | tPHLmax - tPHLmin |. Note 6: C PD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD ) at no output loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD dynamic operating current by the expression: ICCD = (CPD) (VCC) (fIN) + (ICC static).
www.fairchildsemi.com
4
NC7WZ241
AC Loading and Waveforms
CL includes load and stray capacitance Input PRR = 1.0 MHz, tw = 500 ns
FIGURE 1. AC Test Circuit
Input = AC Waveform; tr = tf = 1.8 ns; PRR = 10 MHz; Duty Cycle = 50%
FIGURE 2. ICCD Test Circuit FIGURE 3. AC Waveforms
5
www.fairchildsemi.com
NC7WZ241
Tape and Reel Specification
TAPE FORMAT for US8 Package Designator K8X Tape Section Leader (Start End) Carrier Trailer (Hub End) TAPE DIMENSIONS inches (millimeters) Number Cavities 125 (typ) 3000 75 (typ) Cavity Status Empty Filled Empty Cover Tape Status Sealed Sealed Sealed
TAPE FORMAT for MicroPak Package Designator L8X
Tape Section
Number Cavities 125 (typ) 3000 75 (typ)
Cavity Status Empty Filled Empty
Cover Tape Status Sealed Sealed Sealed
Leader (Start End) Carrier Trailer (Hub End) TAPE DIMENSIONS inches (millimeters)
www.fairchildsemi.com
6
NC7WZ241
Tape and Reel Specification
REEL DIMENSIONS inches (millimeters)
(Continued)
Tape Size 8 mm
A 7.0 (177.8)
B 0.059 (1.50)
C 0.512 (13.00)
D 0.795 (20.20)
N 2.165 (55.00)
W1 0.331 + 0.059/-0.000 (8.40 + 1.50/-0.00)
W2 0.567 (14.40)
W3 W1 + 0.078/-0.039 (W1 + 2.00/-1.00)
7
www.fairchildsemi.com
NC7WZ241
Physical Dimensions inches (millimeters) unless otherwise noted
8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide Package Number MAB08A
www.fairchildsemi.com
8
NC7WZ241 TinyLogic UHS Dual Buffer with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
8-Lead MicroPak, 1.6 mm Wide Package Number MAC08A (Preliminary)
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 9 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of NC7WZ241L8XPRELIMINARY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X