Part Number Hot Search : 
MC283 MUN5213 MUN5213 QESM042 KTK7132E CRD44600 ES51955 ES51955
Product Description
Full Text Search
 

To Download NANOSMDM100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tyco / Electronics Raychem Circuit Protection 308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 Fax: 800-227-4866
PolySwitch(R) PTC Devices
Overcurrent Protection Device
PRODUCT: NANOSMDM100
DOCUMENT: SCD 24572 PCN: 974958 REV LETTER: E REV DATE: AUGUST 10, 2001 PAGE NO.: 1 OF 1
Specification Status: Released
Maximum Electrical Rating
Voltage: 6.0V DC MAX Current: 40A
Notes: 1. All terminations are gold plated.
Partial coverage of plating with solder may occur without effect on solderability or electrical performance
2. Devices cannot be wave soldered. 3. Drawing not to scale.
Marking:
Manufacturer's Mark
100
Part Identification
TABLE I. DIMENSIONS:
A B C D MIN MAX MIN MAX MIN MAX MIN MAX mm: 3.0 3.4 0.8 1.2 1.4 1.8 0.75 1.05 in:* (0.118) (0.134) (0.032) (0.047) (0.055) (0.071) (0.030) (0.041)
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS:
CURRENT RATINGS** TIME TO TRIP ** SECONDS AT 25C, 8.0A MAX 0.30 RESISTANCE VALUES OHMS AT 25C MIN MAX* 0.06 0.21 TRIPPED-STATE POWER DISSIPATION** WATTS AT 25C, 6.0V MAX 0.6
AMPERES AT 0C HOLD TRIP 1.15 2.07
AMPERES AT 25C HOLD TRIP 1.00 1.80
AMPERES AT 60C HOLD TRIP 0.70 1.26
*Maximum resistance is measured 1 hour after reflow. ** Values s pecified were determined using PCB's with 0.030"X1.5 ounce copper traces.
Reference Documents: Precedence: Effectivity: CAUTION:
PS300 This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
www..com
www..com www..com


▲Up To Search▲   

 
Price & Availability of NANOSMDM100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X