Part Number Hot Search : 
200D1 0100CT 1N6050 74HCT5 BR400 1E104 MA28TAG MC33977
Product Description
Full Text Search
 

To Download MTG-12232B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MTG-12232B
GENERAL SPECIFICATION
Item
Number of Character Module Size Viewing Area Dot Size/Dot Pitch Backlight Options Built-in Controller 122x32 80.0(W)x36.0(H)x10.0/15.0(D)mm Max 60.5(W)x18.5(H)mm 0.42(W)x0.47(H)mm/0.44(W)x0.49(H)mm Without/EL/LED Gray STN/Yellow STN/Normal/Extended Temperature/Bottom/Top Viewing none
INTERFACE PIN ASSIGNMENT
Content
Pin No. Pin Out
1 2 3 V SS V DD V EE GND
Function Description
Logic supply voltage LCD driver supply voltage Display Data/Display commands switching input. Ao=0: DB0~DB7 are command input and status output, A0=1: DB0~DB7 are Display Data input/output. Chip select for the left half of the screen. Active Low Chip select for the right half of the screen. Active Low External clock input (typ. 2KHz) /RD for 80 series, E for 68 series
4
Ao
ELECTRICAL CHARACTERISTICS
Item
Power Supply for Logic Input Voltage LCM Recommend LCD Module Driving Voltage Power Supply Current for LCM
5
CS1 CS2 CL /RD(E)
Symbol
V DD- V SS V IL V IH
Condition
L level H level T a = 0 C
Min.
2.4 V SS 0 . 8 V DD 5.5 5.35 4.8 -
Typ
5.0 0 . 2 V DD V DD 5.68 5.54 5.0 0.6
Max. Unit note
6 7.0 5.9 5.75 5.2 1.1 mA 20 BKL2 Volt Volt Volt Volt 7 8 9 10~17 18 19
/WR(R/W) /WR for 80 series, R/W for 68 series DB0~DB7 RES BKL1 3 state I/O Data Bus Reset, H for 80 series, L for 68 series Power supply for backlight. 100V/400Hz AC for EL, 4.2V or 120~180mA DC for LED backlight. Don't care if no backlight
V DD- V EE
T a = 2 5 C T a = 5 0 C
I DD( L E D B/L OFF) I EE( L E D B/L ON)
V DD= 5 . 0 V V DD- V EE= 5 . 5 4 V FLM=64Hz V LED= 4 . 2 V
-
120
180
BLOCK DIAGRAM
POWER SUPPLY
MECHANICAL


▲Up To Search▲   

 
Price & Availability of MTG-12232B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X