Part Number Hot Search : 
56F8011 54000 SK1260C Y7C106 KBK10D C1909 APTM1 T2P1K
Product Description
Full Text Search
 

To Download MMDT2222A-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Lead-free
MMDT2222A
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
* * * *
Epitaxial Planar Die Construction Complementary PNP Type Available (MMDT2907A) Ultra-Small Surface Mount Package Lead Free/RoHS Compliant (Note 2)
E2 B2 C1
SOT-363
A
C2 B1 E1
Dim A
BC
Min 0.10 1.15 2.00 0.30 1.80 3/4 0.90 0.25 0.10 0
Max 0.30 1.35 2.20 0.40 2.20 0.10 1.00 0.40 0.25 8
B C D F
M
Mechanical Data
* * * * * * * * *
Case: SOT-363 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Terminal Connections: See Diagram Marking (See Page 2): K1P Ordering & Date Code Information: See Page 2 Weight: 0.006 grams (approximate)
E2
G H K
0.65 Nominal
H J K L M a
J
D
C2 B1 E1
F
L
B2
C1
All Dimensions in mm
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC Pd RqJA Tj, TSTG MMDT2222A 75 40 6.0 600 200 625 -55 to +150 Unit V V V mA mW C/W C
Characteristic
Collector Current - Continuous (Note 1) Total Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient (Note 1) Operating and Storage and Temperature Range
Note:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead.
DS30125 Rev. 9 - 2
1 of 4 www.diodes.com
MMDT2222A
a Diodes Incorporated
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 3) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current Base Cutoff Current ON CHARACTERISTICS (Note 3)
@ TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEX IEBO IBL Min 75 40 6.0 3/4 3/4 3/4 3/4 35 50 75 100 40 50 35 3/4 0.6 3/4 3/4 -- 300 3/4 Max 3/4 3/4 3/4 10 10 10 20 3/4 3/4 3/4 300 3/4 3/4 3/4 0.3 1.0 1.2 2.0 8 25 3/4 4.0 Unit V V V nA mA nA nA nA Test Condition IC = 10mA, IE = 0 IC = 10mA, IB = 0 IE = 10mA, IC = 0 VCB = 60V, IE = 0 VCB = 60V, IE = 0, TA = 150C VCE = 60V, VEB(OFF) = 3.0V VEB = 3.0V, IC = 0 VCE = 60V, VEB(OFF) = 3.0V IC = 100mA, VCE = 10V IC = 1.0mA, VCE = 10V IC = 10mA, VCE = 10V IC = 150mA, VCE = 10V IC = 500mA, VCE = 10V IC = 10mA, VCE = 10V, TA = -55C IC = 150mA, VCE = 1.0V IC = 150mA, IB = 15mA IC = 500mA, IB = 50mA IC = 150mA, IB = 15mA IC = 500mA, IB = 50mA VCB = 10V, f = 1.0MHz, IE = 0 VEB = 0.5V, f = 1.0MHz, IC = 0 VCE = 20V, IC = 20mA, f = 100MHz VCE = 10V, IC = 100mA, RS = 1.0kW, f = 1.0kHz
DC Current Gain
hFE
3/4
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage SMALL SIGNAL CHARACTERISTICS Output Capacitance Input Capacitance Current Gain-Bandwidth Product Noise Figure SWITCHING CHARACTERISTICS Delay Time Rise Time Storage Time Fall Time
VCE(SAT) VBE(SAT)
V V
Cobo Cibo fT NF
pF pF MHz dB
td tr ts tf
3/4 3/4 3/4 3/4
10 25 225 60
ns ns ns ns
VCC = 30V, IC = 150mA, VBE(off) = - 0.5V, IB1 = 15mA VCC = 30V, IC = 150mA, IB1 = IB2 = 15mA
Ordering Information (Note 4)
Device MMDT2222A-7-F
Notes:
Packaging SOT-363
Shipping 3000/Tape & Reel
3. Short duration test pulse used to minimize self-heating effect. 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K1P YM K1P YM
Date Code Key Year Code Month Code 1998 J Jan 1 1999 K Feb 2 2000 L March 3 2001 M Apr 4 2002 N May 5
K1P = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
2003 P Jun 6
2004 R Jul 7
2005 S Aug 8
2006 T Sep 9
2007 U Oct O
2008 V Nov N
2009 W Dec D
DS30125 Rev. 9 - 2
2 of 4 www.diodes.com
MMDT2222A
200
1000
PD, POWER DISSIPATION (mW)
150
hFE, DC CURRENT GAIN
TA = 125C
100 TA = -25C TA = +25C
100
10
50
VCE = 1.0V
0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE (C) Fig. 1, Max Power Dissipation vs Ambient Temperature
1 0.1 1 10 100 1000 IC, COLLECTOR CURRENT (mA) Fig. 2 Typical DC Current Gain vs Collector Current
35
VCE, COLLECTOR-EMITTER VOLTAGE (V)
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.001 0.01 0.1 1 10 100 IC = 300mA IC = 30mA IC = 1mA IC = 10mA IC = 100mA
30
CT, CAPACITANCE (pF)
25 20 15 10 5 0 Cobo Cibo
0
2
4
6
8
10
12
14
16
18
20
VR, REVERSE VOLTAGE (V) Fig. 3 Typical Capacitance Characteristics
IB, BASE CURRENT (mA) Fig. 4 Typical Collector Saturation Region
DS30125 Rev. 9 - 2
3 of 4 www.diodes.com
MMDT2222A
1.0
VCE(SAT), COLLECTOR TO EMITTER SATURATION VOLTAGE (V)
IC IB = 10 0.4 TA = 25C 0.3 TA = 150C 0.2
VBE(ON), BASE EMITTER VOLTAGE (V)
0.5
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1
VCE = 5V TA = -50C TA = 25C
TA = 150C
0.1 TA = -50C 0 1 10 100 1000 IC, COLLECTOR CURRENT (mA) Fig. 5 Collector Emitter Saturation Voltage vs. Collector Current
1
10
100
IC, COLLECTOR CURRENT (mA) Fig. 6 Base Emitter Voltage vs. Collector Current
1000
fT, GAIN BANDWIDTH PRODUCT (MHz)
VCE = 5V
100
10
1 10 100 IC, COLLECTOR CURRENT (mA) Fig. 7 Gain Bandwidth Product vs. Collector Current 1
IMPORTANT NOTICE Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhancements, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT The products located on our website at www.diodes.com are not recommended for use in life support systems where a failure or malfunction of the component may directly threaten life or cause injury without the expressed written approval of Diodes Incorporated.
DS30125 Rev. 9 - 2
4 of 4 www.diodes.com
MMDT2222A


▲Up To Search▲   

 
Price & Availability of MMDT2222A-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X