Part Number Hot Search : 
78DL09P KBP005 F060214 R1B05F0 SMAW250 SN8P1700 SM5102 NCE8205
Product Description
Full Text Search
 

To Download MC78L12F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
MC78L12F
*
* * *
Features
Case Material: Molded Plastic. Classification Rating 94V-0
&1
( *
(4&)
&
()
&/
(
&&'(
)
*+
, -.%
/0&,
UL Flammability


1
o
Maximum Ratings
1 ) ) 5 """"5 "33"""53
o
SOT-89



A B K
Electrical Characteristics( V i=19V, IO=500mA, 0 C Parameter

Sym
Min
11.5V 11.4V 11.4V
Typ
12V
Max
12.5V 12.6V
Test conditions
E C D G F H J
! "#$ #$ &#$ '#()$ &&$ '#()$ &&$ *$ #( "# "0)#$ 2&

""
25mV 12mV 25mV 20 2.0mA 80uV 37dB
14.5V27
14.5V 12.6V

150mV

40 75mV
300 14.527
250 1627
6.0 1627 10Hzf100KHz 1525 .
,-


1
2
3
1. OUT 2. GND 3. IN
65dB



7-86

,,9 &
:6
,

,&,:
,
: (&
)6

Input Cin 0.33F MC78L12F Output CO 0.1F
www.mccsemi.com
Revision: 2
1 of 2
2006/05/04
MCC
Micro Commercial Components
TM
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 2
2 of 2
2006/05/04


▲Up To Search▲   

 
Price & Availability of MC78L12F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X