Part Number Hot Search : 
9LV16 C1010 FM93C86 24012 ZMM5245B SSD1858Z 2SC245 2N305
Product Description
Full Text Search
 

To Download LL1608-FSL15NJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8
TYPE
LL1608FSL
Multilayer Chip Inductors
Meeting Your Needs
The LL1608-FSL Series is a multilayer ceramic chip inductor with an EIA standard 0603 footprint, lead-free terminations, and expanded electrical specifications with respect to inductance, Q, and self-resonant frequency.
L
W
T
A Polarity Marking
Unit: mm
Type L (mm) W (mm) T (mm) A (mm) LL1608FSL 1.60.15 0.80.15 0.80.15 0.30.2
Features
* Inductance range: 1.2-270nH (E-12 Series) * Miniature size: 0603 footprint (1.6mm x 0.8mm) * Inductance specified at 100MHz and 800MHz * Laminated ceramic allows high SRF * Self-resonant frequency specified at 15% * Q: 10 ~ 80 typical (at 1800MHz) * High current handling, up to 1A * Temperature coefficient of inductance: +250ppm/C * Temperature range: -40C to +100C * S-parameter data available upon request * Packaged on tape and reel in 4,000 piece quantity * Reflow solderable * Lead-free terminations
Part Numbering
LL 1608 - FSL 1N2 S Tolerance (S=0.3nH, J=5%) Inductance Material Dimensions (LxW) Type Name
STANDARD PARTS SELECTION GUIDE TYPE LL1608-FSL
Inductance & Tolerance TOKO Part Number at 100MHz Lo (nH) LL1608-FSL1N2S LL1608-FSL1N5S LL1608-FSL1N8S LL1608-FSL2N2S LL1608-FSL2N7S LL1608-FSL3N3S LL1608-FSL3N9S LL1608-FSL4N7S LL1608-FSL5N6S LL1608-FSL6N8J LL1608-FSL8N2J LL1608-FSL10NJ LL1608-FSL12NJ LL1608-FSL15NJ LL1608-FSL18NJ LL1608-FSL22NJ LL1608-FSL27NJ LL1608-FSL33NJ LL1608-FSL39NJ LL1608-FSL47NJ LL1608-FSL56NJ LL1608-FSL68NJ LL1608-FSL82NJ LL1608-FSLR10J LL1608-FSLR12J LL1608-FSLR15J LL1608-FSLR18J LL1608-FSLR22J LL1608-FSLR27J 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120** 150** 180** 220** 270*** L Tol.* S S S S S S S S S J J J J J J J J J J J J J J J J J J J J at 800 (500,300,200) MHz Lo (nH) 1. 1 1.4 1.7 2. 1 2. 6 3. 2 3. 8 4.6 5.5 6. 7 8. 1 9.9 12 15 18 23 29 37 45 58 60 77 104 136 133 174 222 293 319 L Tol.* 0.5nH 0.5nH 0.5nH 0.5nH 0.5nH 0.5nH 0.5nH 0.5nH 0.5nH 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% Freq. (MHz) 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 500 500 500 500 300 300 300 300 200 Q min. 10 0 MHz 10 10 10 10 11 12 12 12 12 12 12 13 13 13 13 13 13 15 15 15 15 15 15 15 12** 11** 11** 11** 8*** 100 MHz 14.0 14.1 11.6 13.0 13.1 13.8 14.4 14.9 15.7 15.8 16.8 17.3 18.2 18.0 18.7 19.9 19.6 19.6 20.6 21.0 21.5 21.7 21.1 20.5 23.1 20.0 18.8 22.3 21.9 300 MHz 18.8 27.9 20.7 26.5 28.4 27.8 30.4 29.7 28.8 29.4 30.4 29.3 31.8 31.8 33.5 32.2 27.3 33.2 32.2 32.6 31.7 29.5 34.7 35.5 31.3 27.5 27.1 25.1 21.1 Q (Typ.) SRF (MHz) 500 MHz 24.3 38.8 27.9 35.4 37.6 36.0 39.6 39.0 38.2 39.0 40.3 38.6 42.2 41.4 43.8 42.0 43.3 42.2 41.3 40.4 38.6 34.5 40.2 39.1 30.8 21.6 12.1 -- -- 800 MHz 30.5 49.1 36.4 44.2 48.2 46.4 50.2 49.2 47.7 49.3 51.1 48.1 53.0 51.2 53.7 50.4 50.4 48.0 46.1 40.8 38.6 29.1 32.5 20.4 -- -- -- -- -- 1000 MHz 35.6 56.8 40.2 51.9 54.7 52.9 56.8 55.6 53.3 55.8 56.8 53.8 58.4 55.8 58.5 52.7 51.8 47.9 44.8 37.1 33.5 19.1 19.5 -- -- -- -- -- -- 1800 MHz 48.0 80.0 52.0 63.9 72.0 68.0 70.0 70.0 61.9 67.5 63.8 56.7 53.3 49.7 46.1 34.5 24.3 15.9 11.4 9.7 -- -- -- -- -- -- -- -- -- 8000 min 7000 min 12000 15% 9100 15% 7300 15% 5800 15% 6500 15% 5600 15% 4800 15% 4700 15% 4200 15% 4000 15% 3400 15% 3200 15% 2900 15% 2500 15% 2300 15% 2000 15% 1900 15% 1600 15% 1500 15% 1300 15% 1000 15% 900 15% 800 15% 740 15% 650 15% 580 15% 470 15% RDC () max. IDC (mA) max.
0.10 0.10 0.10 0.10 0.11 0.13 0.15 0.17 0.20 0.22 0.26 0.30 0.35 0.40 0.47 0.54 0.62 0.70 0.80 0.90 1.00 1.20 1.40 1.60 2.00 2.40 2.70 3.00 3.50
1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 600 600 600 600 600 600 600 600 600 600 600 500 500 400 300 300 200 200 150 150 150
* Add tolerance to part number: S=0.3nH, J = 5% **50MHz, ***25MHz Testing Conditions: (1) L,Q: Agilent 4291A/B (Test fixture 16192A)
1.800.PIK.TOKO www.tokoam.com
(2) SRF: Agilent 8719D, 8720D
(3) RDC: Agilent 4338A/B
R-LOG0703A
1.847.297.0070
Multilayer Chip Inductors
Meeting Your Needs
TYPE
LL1608FSL
9
ELECTRICAL CHARACTERISTICS
Q vs. Frequency
Q vs Frequency 100
80
3N3
60
Q
40
22N
20 0 10
R18
1000 100 Frequency (MHz)
10000
Inductance vs. Frequency
Inductance vs Frequency 10000
1000
Inductance (nH)
R18
100
22N
10
3N3
1 10 1000 100 Frequency (MHz) 10000
R-LOG0703A
1.800.PIK.TOKO
www.tokoam.com
1.847.297.0070


▲Up To Search▲   

 
Price & Availability of LL1608-FSL15NJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X