Part Number Hot Search : 
MAU215 CMHZ4104 SI7348DP AA1101F 370910 SRL5017R TDA9105 TC920
Product Description
Full Text Search
 

To Download IBM42F21LNNAA10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
.
IBM42G21SNNAA10 IBM42F21SNNAA10 IBM42G21LNNAA10 IBM42F21LNNAA10 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
Applications
* * * * * * * * 2x Gigabit Fibre Channel Gigabit Fibre Channel Client/Server environments Distributed multi-processing Fault tolerant applications Visualization, real-time video, collaboration Channel extenders, data storage, archiving Data acquisition
Features
* * * * * * * * * * * International Class 1 laser safety certified 1.0625 Gb/s or 2.125 Gb/s data rates 1x and 2x (ANSI) Fibre Channel compliant [1] Short wavelength (SW) (distance 500 m) Long wavelength (LW) (distance 10,000 m) Gigabit electrical serial interface Low Power Dissipation, 500 mW Typical LVTTL Signal-Detect Output AC coupling of PECL signals Single +3.3 V Power Supply Withstand normal wave solder and aqueous spray cleaning * UL and CSA approved * Low bit error rate (< 10-12) * High reliability AFR < 0.01%/khr@50C, 100 FIT
Description
The 1.0625/2.125Gbps Small Form Factor (SFFPTH-SW/LW-2X5/2X6) is an integrated fiber optic transceiver that provides a high-speed serial link at a signaling rate up to 2.125Gb/s. The SFF-PTHSW/LW-2X5/2X6 conforms to the American National Standards Institute's (ANSI) Fibre Channel, FC-PI specification for short and long wavelength operation (200-M5-SN-I, 200-M6-SN-I,100-M5-SN-I,100M6-SN-I, 200-SM-LC-L, and 100-SM-LC-L). The transceiver is insensitive to the data rate of the incoming electrical and optical signals. The transceiver complies with the 1.0625Gb/s Fibre Channel specification and 2.125Gb/s FC Standard without an external control signal. The SFF-PTH-SW/LW-2X5/2X6 is ideally suited for Fibre Channel applications which include point to point links as well as Fibre Channel Arbitrated Loop (FC-AL). It can also be used for other serial applications where high data rates are required. This specification applies to a pin through hole (PTH) module which has a 2 by 5 electrical connector pin configuration. The SFF-PTH-2125-SW uses a short wavelength (850nm) VCSEL (Vertical Cavity Surface Emitting Laser) source. This enables low cost data transmission over optical fibers at distances up to 500m at 1.0625Gb/s and 300m at 2.125Gb/s. A 50/125m multimode optical fiber, terminated with an industry standard LC connector, is the preferred medium. (A 62.5/125m multimode fiber can be substituted with shorter maximum link distances.) The SFF-PTH-LW uses a long wavelength (1310nm) edge emitting laser. This enables data transmission over optical fibers at distances up to 10,000 m on a single mode (9/125m) optical fiber. Encoded (8B/10B) [3], [4], gigabit/sec serial differential PECL signals traverse a PTH connector interfacing the SFF-PTH-SW/LW-2X5/2X6 to the host card. The serial data modulates the laser and is sent out over the outgoing fiber of a duplex cable. Incoming modulated light is detected by a photoreceiver mounted in the LC receptacle. The optical signal is converted to an electrical one, amplified and delivered to the host card. This module is designed to work with industry standard "10b" Serializer/Deserializer modules. The SFF-PTH-SW/LW-2X5/2X6 is a Class 1 laser safe product. The optical power levels, under normal operation, are at eye safe levels. Optical fiber cables can be connected and disconnected without shutting off the laser transmitter.
w.D a
taS hee t4U .co
m
ww
03/14/01
Page 1 of 23
www..com
IBM42F21SNNAA10 IBM42G21SNNAA10 IBM42F21LNNAA10 IBM42G21LNNAA10 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
Package Outline
Pin Assignments
Pin Name Rx Ground Rx Power Rx_SD Rx_DAT Rx_DAT + Tx Power Tx Ground Tx_Disable Tx_DAT + Tx_DAT N/C Tx_Fault (2X6 Only) Type Ground Power Status Out Signal Out Signal Out Power Ground Control In Signal In Signal In Not Connected Status Out Pin # 1 2 3 4 5 6 7 8 9 10 A B
Ordering Information
Product Descriptor SFF-PTH-2125-SW-2X5 SFF-PTH-LW-2X5 SFF-PTH-2125-SW-2X6 SFF-PTH-LW-2X6 Part Number IBM42F21SNNAA10 IBM42F21LNNAA10 IBM42G21SNNAA10 IBM42G21LNNAA10 Maximum Signaling Rate 2.125Gb/s 2.125Gb/s 2.125Gb/s 2.125Gb/s Wavelength 850nm 1310nm 850nm 1310nm
Laser Safety Compliance Requirements The SFF-PTH-SW/LW-2X5/2X6 is designed and certified as a Class 1 laser product. If the power supply voltage exceeds 4.0 volts, the transceiver may no longer remain a Class 1 product. The system using the SFF-PTH-SW/LW-2X5/2X6 must provide power supply over voltage protection that guarantees the supply does not exceed 4.0 volts under all fault conditions.
taS hee t4U .co
contained in EN 60825. The person(s) performing such an act is required by law to recertify and reidentify the product in accordance with the provisions of 21 CFR(J) for distribution within the United States, and in accordance with provisions of CENELEC EN 60825 (or successive regulations) for distribution within the CENELEC countries or countries using the IEC 825 standard. ESD Notice It is advised that normal static precautions be taken in the handling and assembly of the SFF-PTHSW/LW-2X5/2X6 to prevent damage and/or degradation which may be introduced by electrostatic discharge.
Caution: Operating the power supply above 4.0V or otherwise operating the SFF-PTH-SW/LW-2X5/2X6 in a manner inconsistent with its design and function may result in hazardous radiation exposure, and may be considered an act of modifying or new manufacturing of a laser product under US regulations contained in 21 CFR(J) or CENELEC regulations
w.D a
ww
Page 2 of 23
m
03/14/01
www..com
IBM42G21SNNAA10 IBM42F21SNNAA10 IBM42G21LNNAA10 IBM42F21LNNAA10 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
Block Diagram
Optical Receive Section Electrical
Fiber Input Photoreceiver
Post-amp and Signal Detect
+Rx_DAT
-Rx_DAT
Rx_SD
Transmit Section Fiber Output Laser AC Modulation -Tx_DAT +Tx_DAT
DC Drive and Safety Control Fault Sense Tx_Disable Tx_Fault (Only available on 2 X 6)
w.D a
taS hee t4U .co
Transmit Section
The input, an AC coupled differential data stream from the host, enters the AC Modulation section of the laser driver circuitry where it modulates the output optical intensity of a semiconductor laser. The DC Drive maintains the laser at the correct preset power level. In addition, safety circuits in the DC Drive will shut off the laser if a fault is detected. The transceiver provides the AC coupling for the +Tx/-Tx lines. No AC coupling capacitors are required on the host card for proper operation. Receive Section
The incoming modulated optical signal is converted to an electrical signal by the photoreceiver. This electrical signal is then amplified and converted to a differential serial output data stream and delivered to the host. A transition detector detects sufficient AC level of modulated light entering the photoreceiver. This signal is provided to the host as a signal detect status line. The transceiver provides the AC coupling for the +Rx/-Rx lines. No AC coupling capacitors are required on the host card for proper operation.
m
ww
03/14/01
Page 3 of 23
www..com
IBM42F21SNNAA10 IBM42G21SNNAA10 IBM42F21LNNAA10 IBM42G21LNNAA10 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
Input Signal Definitions
Levels for the signals described in this section are listed in Transmit Signal Interface on page 8 and Control Electrical Interface on page 9. Tx_DAT A differential PECL serial data stream is presented to the SFF-PTH-SW/LW-2X5/2X6 for transmission onto an optical fiber by modulating the optical output intensity of the laser. Tx_Disable When high (a logical one), the Tx_Disable signal turns off the power to both the AC and DC laser driver circuits. It will also reset a laser fault if one should happen. When low (a logical zero), the laser will be turned on within 1 ms if a hard fault is not detected. The transceiver contains a pull-down resistor to enable the laser when the line is not connected on the host side. If driven, this line should be connected to a push-pull output driver. Timing of Tx_Disable Function
t_reset > 10s Tx_Disable
Transmitter optical signal t_off < 10s t_on < 1ms
w.D a
taS hee t4U .co
Page 4 of 23
m
ww
03/14/01
www..com
IBM42G21SNNAA10 IBM42F21SNNAA10 IBM42G21LNNAA10 IBM42F21LNNAA10 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
Output Signal Definitions
Levels for the signals described in this section are listed in Receive Signal Interface on page 8 and Control Electrical Interface on page 9. Rx_DAT The incoming optical signal is converted and repowered as a differential PECL serial data stream. The Receive Signal Interface table on page 8 gives the voltage levels and timing characteristics for the Rx_DAT signals. Rx_SD The Receive Signal Detect line is high (a logical one) when the incoming modulated light intensity is sufficient for reliable operation. This is the state for normal operation. The line is low (a logical zero) when incoming modulated light intensity is the below that required to guarantee the correct operation of the link. Normally, this only occurs when either the link is unplugged or the companion transceiver is turned off. This signal is normally used by the system for diagnostic purposes. This signal has a push-pull output driver. Tx_Fault (Only available on 2 X 6) Upon sensing an improper power level in the laser driver, the SFF sets this signal high and turns off the laser. The Tx_Fault signal can be reset with the Tx_Disable line. The laser is turned off within 100 s as shown in the Transmitter Fault Detection timing diagram below. This signal has an open drain TTL driver. A pull up resistor is required on the host side of the SFF connector. The recommended value for this resistor is 10 k.
m
Receive Signal Detection
transmitter safety fault
Transmitter Fault Detection
taS hee t4U .co
Optical Signal
Signal Removed
Tx_Fault
Rx_SD
Optical Power t_SD_off <100s t_SD_on <100s
t_fault Tx_Fault option is only available on 2 X 6 <100s
w.D a
ww
03/14/01
Page 5 of 23
www..com
IBM42F21SNNAA10 IBM42G21SNNAA10 IBM42F21LNNAA10 IBM42G21LNNAA10 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
Operation
Initialization Timings
SFF-PTH-2125-SW/LW-2X5/2X6 with Tx_Disable De-asserted
Vcc > 3.15V Tx_Fault Tx_Disable
1 0
SFF-PTH-2125-SW/LW-2X5/2X6 with Tx_Disable Asserted
Vcc > 3.15V Tx_Fault Tx_Disable
Optical Transmit Signal t_init < 300ms Tx_Fault option is only available on 2 X 6
Optical Transmit Signal t_init < 300ms Tx_Fault option is only available on 2 X 6
Resetting a Laser Fault Resetting a laser fault by toggling the Tx_Disable input will permit the SFF-PTH-SW/LW-2X5/2X6 to attempt to power on the laser following a fault condition. Continuous resetting and re-powering of the laser under a hard fault condition could cause a series of optical pulses with sufficient energy to violate laser safety standards. To alleviate the possibility of violating laser safety standards, the SFF-PTH-SW/LW-2X5/2X6 will turn off the laser if a second fault is detected within 25 ms of the laser powering on. This lock is cleared during each power on cycle. Please refer to the timing diagrams below.
Successful Recovery from a Transmitter Safety Fault
Occurrence of transmitter safety fault Tx_Fault
Unsuccessful Recovery from a Transmitter Safety Fault
Occurrence of transmitter safety fault Tx_Fault Tx_Disable Optical Power t_init* <300ms t_reset >10s Tx_Fault option is only available on 2 X 6 *only if the fault is transient
taS hee t4U .co
Tx_Disable Optical Power
m
t_reset >10s Tx_Fault option is only available on 2 X 6 *only if the fault is transient
t_fault <100s t_init* <300ms
w.D a
ww
Page 6 of 23
03/14/01
www..com
IBM42G21SNNAA10 IBM42F21SNNAA10 IBM42G21LNNAA10 IBM42F21LNNAA10 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
Absolute Maximum Ratings
Symbol TS RHS VCC VI TSOLD TSOLD Parameter Storage Temperature Relative Humidity-Storage Supply Voltage TTL DC Input Voltage Connector Pin Temp during soldering Optics Temperature during soldering Min. -40 0 -0.5 0 Typical Max. 85 95 4.0 VCC + 0.7 165/5 100/60 Unit C % V V C/s C/s Notes 1 1, 2 1 1 1,3 4
1. Stresses listed may be applied one at a time without causing permanent damage. Exposure to these values for extended periods may affect reliability. Specification Compliance is only defined within Specified Operating Conditions. 2. Non-condensing environment. 3. The connector pin temperature can be measured with a thermocouple attached to pin 3 of 2x5 header 4. The optics temperature can be measured with a thermocouple on the device with the cover off.
Specified Operating Conditions
Symbol TOP Parameter Ambient Operating Temperature Min. 0 3.135 8 3.3 Typical Max. 70 3.465 80 Unit C V %
VDDT, VDDR Supply Voltage RHOP Relative Humidity-Operating
Power Supply Interface
Symbol ITx IRx ITx IRx PTx Parameter Tx Power Current (@ 3.3 V) Rx Power Current (@ 3.3 V) Min Typical 60 90 85 115 200 300 300 400 100 Max. Unit mA mA mA mA mW mW mW mW mV (pk-pk)
w.D a
taS hee t4U .co
PRx PTx PRx
m
Tx Power Current (@ 3.465 V) Rx Power Current (@ 3.465 V) Tx Power Dissipation (@ 3.3 V) Rx Power Dissipation (@ 3.3 V) Tx Power Dissipation (@ 3.465 V) Rx Power Dissipation (@ 3.465 V) Ripple & Noise
ww
03/14/01
Page 7 of 23
www..com
IBM42F21SNNAA10 IBM42G21SNNAA10 IBM42F21LNNAA10 IBM42G21LNNAA10 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
Transmit Signal Interface (from host to SFF-PTH-SW/LW-2X5/2X6)
Symbol Vo DJelec-xmit TJelec-xmt Parameter PECL Amplitude PECL Deterministic Jitter PECL Total Jitter PECL Rise/Fall PECL Differential Skew 50 Min 400 Max. 2000 0.14 0.26 200 20 Unit mV UI UI ps ps Notes 1 2,4 2,4 3,4 4
1. At 100, differential peak-to-peak, the figure below shows the simplified circuit schematic for the SFF-PTH-SW/LW-2X5/2X6 highspeed differential input lines. The PECL input data lines have AC coupling capacitors. The capacitors are not required on the host card. +Tx_DAT 50 8pF VDD 2.4K 3.8K
50 -Tx_DAT
2. Deterministic jitter (DJ) and total jitter (TJ) values are measured according to the methods defined in [2]. Jitter values at the output of a transmitter or receiver section assume worst case jitter values at its respective input. [1UI(Unit Interval)=470.6ps at 2.125Gb/s] 3. Rise and fall times are measured from 20 - 80%, 100 differential. 4. When in 1Gb/s mode the transceiver is compliant with 1G specifications as defined in [1].
Receive Signal Interface (from SFF-PTH-SW/LW-2X5/2X6 to host)
Symbol Vo DJelec-rcv TJelec-rcv Parameter PECL Amplitude PECL Deterministic Jitter PECL Total Jitter PECL Differential Skew Min 600 Max. 1000 0.39 0.64 102 Unit mV UI UI ps Note(s) 1 2,3 2,3 3
taS hee t4U .co
1. At 100, differential peak-to-peak, the figure below shows the simplified circuit schematic for the SFF-PTH-SW/LW-2X5/2X6 highspeed differential output lines. The PECL input data lines have AC coupling capacitors. The capacitors are not required on the host card. Rx_VDD 50 +Rx_DAT -Rx_DAT 50
...
m
Rx_Gnd
w.D a
2. Deterministic jitter (DJ) and total jitter (TJ) values are measured according to the methods defined in [2]. Jitter values at the output of a transmitter or receiver section assume worst case jitter values at its respective input. [1UI(Unit Interval)=470.6ps at 2.125Gb/s] 3. When in 1Gb/s mode the transceiver is compliant with 1G specifications as defined in [1]. 1UI(Unit Interval)=941.2ps at 1.0625Gb/s)
ww
Page 8 of 23
03/14/01
www..com
IBM42G21SNNAA10 IBM42F21SNNAA10 IBM42G21LNNAA10 IBM42F21LNNAA10 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
Control Electrical Interface
Symbol Voltage Levels VOL TTL Output (from SFF-PTH-SW/LW-2X5/2X6) VOH VIL TTL Input (to SFF-PTH-SW/LW-2X5/2X6) VIH Timing Characteristics t_off t_on t_reset t_init t_fault t_SD_on t_SD_off Tx_Disable Assert time Tx_Disable De-assert time Tx_Disable Time to start reset Initialization Time Tx_Fault Assert Time (only available on the 2 X 6) Rx_SD Assert Delay Rx_SD De-Assert Delay 10 300 100 100 100 10 1 s ms s ms s s s 2 2 2 3 3 4 4 2.0 VDDT+0.3 V VCC-0.5 0 VCC+0.3 0.8 V V 1 0.0 0.50 V Parameter Min Max. Unit Note(s)
1. A 1 k pull-down resistor to GND is present on the SFF-PTH-SW/LW-2X5/2X6 to allow the laser to be active when no input signal is provided on Tx_Disable. 2. See Tx_Disable on page 4 for timing relationships. 3. See Operation on page 6 4. See Rx_SD on page 5 for timing relations.
w.D a
taS hee t4U .co
m
ww
03/14/01
Page 9 of 23
www..com
IBM42F21SNNAA10 IBM42G21SNNAA10 IBM42F21LNNAA10 IBM42G21LNNAA10 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
Optical Specifications (Short Wavelength)
Receiver Specifications
Symbol RL OMA OMA Poff Pon Parameter Operating Wavelength Return Loss of Receiver Optical Modulation Amplitude - 2.125Gb/s Optical Modulation Amplitude - 1.0625Gb/s Rx_SD De-Assert (negate) Level Rx_SD Assert Level Rx_SD Hysteresis 0.5 2.5 Min 830 12 49 31 -27.0 2000 2000 -17.5 -17.0 5.0 Typical Max. 860 Unit nm dB W (pk-pk) W (pk-pk) dBm (avg) dBm (avg) dB (optical) 1, 2 1, 2 3 3 3 Notes
1. The minimum and maximum values of the average received power in dBm give the input power range to maintain a BER < 10-12 when the data is sampled in the center of the receiver eye. These values take into account power penalties caused by the use of a laser transmitter with a worst-case combination of spectral width, extinction ratio and pulse shape characteristics. 2. Optical Modulation Amplitude (OMA) is defined as the difference in optical power between a logic level one and a logic level zero. The Optical Modulation Amplitude is defined in terms of average optical power (PAVG in W) and extinction ratio (ER) as given by OMA=2PAVG((ER-1)/(ER+1)). The extinction ratio, defined as the ratio of the average optical power (in W) in a logic level one to the average optical power in a logic level zero measured under fully modulated conditions in the presence of worst case reflections, must be the absolute (unitless linear) ratio and not expressed in dB.The specified Optical Modulation Amplitude at 2.125Gb/s is equivalent to an average power of -15 dBm at an extinction ratio of 9 dB. At 1.0625Gb/s, the specified OMA is equivalent to an average power of -17 dBm at an ER of 9 dB. 3. The Rx_SD has hysteresis to minimize "chatter" on the output line. In principle, hysteresis alone does not guarantee chatter-free operation. The SFF-PTH-SW/LW-2X5/2X6, however, presents an Rx_SD line without chatter, where chatter is defined as a transient response having a voltage level of greater than 0.5 volts (in the case of going from the negate level to the assert level) and of any duration that can be sensed by the host logic.
w.D a
taS hee t4U .co
Page 10 of 23
m
ww
03/14/01
www..com
IBM42G21SNNAA10 IBM42F21SNNAA10 IBM42G21LNNAA10 IBM42F21LNNAA10 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
Transmitter Specifications
Symbol C PT Trise/Tfall OMA OMA RIN12 Parameter Spectral Center Wavelength Spectral Width Launched Optical Power Optical Rise/Fall Time Optical Modulation Amplitude (2.125Gb/s) Optical Modulation Amplitude (1.0625Gb/s) Relative Intensity Noise Eye Opening DJ CPR Deterministic Jitter Coupled Power Ratio 9 0.56 0.26 196 156 -117 -10 Min 830 Typical Max. 860 0.85 -4.0 150 Unit nm nm (rms) dBm (avg) ps W (pk-pk) W (pk-pk) dB/Hz UI UI dB 1 2 3 3 4 5 6 7 Notes
1. Launched optical power is measured at the end of a two meter section of a 50/125m fiber (N.A.=0.20). The maximum and minimum of the allowed range of average transmitter power coupled into the fiber are worst case values to account for manufacturing variances, drift due to temperature variations, and aging effects. The minimum launched optical power specified assumes an infinite extinction ratio at the minimum specified OMA. 2. Optical transition time is the time interval required for the rising or falling edge of an optical pulse to transition between the 20% and 80% amplitudes relative to the logical 1 and 0 levels. This is measured through a 4th order Bessel -Thompson filter with 0.75 * Data Rate 3-dB bandwidth and corrected to the full bandwidth value. 3. Optical Modulation Amplitude (OMA) is defined as the difference in optical power between a logic level one and a logic level zero. The Optical Modulation Amplitude is defined in terms of average optical power (PAVG in W) and extinction ratio (ER) as given by OMA=2PAVG((ER-1)/(ER+1)). In this expression, the extinction ratio, the ratio of the average optical power (in W) in a logic level one to the average optical power in a logic level zero measured under fully modulated conditions in the presence of worst case reflections, must be the absolute (unitless linear) ratio and not expressed in dB. The specified Optical Modulation Amplitude is equivalent to an average power of -9 dBm at an extinction ratio of 9 dB. 4. RIN12 is the laser noise, integrated over a specified bandwidth, measured relative to average optical power with 12dB return loss. See ANSI Fibre Channel Specification Annex A. 5. Eye opening is the portion of the bit time where the bit error rate (BER) 10-12. 1.0625Gb/s values meet the criteria listed in Ref [1]. 6. Deterministic Jitter is measured as the peak-to-peak timing variation of the 50% optical signal crossings when transmitting repetitive K28.5 characters. It is defined in FC-PH, version 4.3, clause 3.1.87 as:
w.D a
taS hee t4U .co
Timing distortions caused by normal circuit effects in the transmission system. Deterministic jitter is often subdivided into duty cycle distortion (DCD) caused by propagation differences between the two transitions of a signal and data dependent jitter (DDJ) caused by the interaction of the limited bandwidth of the transmission system components and the symbol sequence. 1.0625Gb/s values meet the criteria listed in Ref [1].
7. Coupled Power Ratio is the ratio of the average power coupled into a multimode fiber to the average power coupled into a single mode fiber. This measurement is defined in EIA/TIA-526-14A.
m
ww
03/14/01
Page 11 of 23
www..com
IBM42F21SNNAA10 IBM42G21SNNAA10 IBM42F21LNNAA10 IBM42G21LNNAA10 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
Optical Specifications (Long Wavelength)
Receiver Specifications
Symbol RL OMA Poff Pon Parameters Operating Wavelength Return Loss of Receiver Optical Modulation Amplitude (2.125Gb/s and 1.0625Gb/s) Rx_SD De-Assert (negate) Level Rx_SD Assert Level Rx_SD Hysteresis 0.5 2.5 Min 1270 12 15 -30.0 1000 -20.0 -20.5 5.0 Typical Max 1355 Units nm dB W dBm (avg) dBm (avg) dB (optical) 1,2 3 3 3 Notes
1. The minimum and maximum values of the average received power in dBm allow the input power range to maintain a BER < 10-12 when the data is sampled in the center of the receiver eye. These values take into account power penalties caused by the use of a laser transmitter with a worst-case combination of spectral width, extinction ratio, and pulse shape characteristics. 2. Optical Modulation Amplitude (OMA) is defined as the difference in optical power between a logic level one and a logic level zero. The Optical Modulation Amplitude is defined in terms of average optical power (PAVG in W) and extinction ratio (ER) as given by OMA=2PAVG((ER-1)/(ER+1)). The extinction ratio, defined as the ratio of the average optical power (in W) in a logic level one to the average optical power in a logic level zero measured under fully modulated conditions in the presence of worst case reflections, must be the absolute (unitless linear) ratio and not expressed in dB.The specified Optical Modulation Amplitude at 2.125Gb/s is equivalent to an average power of -15 dBm at an extinction ratio of 9 dB. At 1.0625Gb/s, the specified OMA is equivalent to an average power of -17 dBm at an ER of 9 dB. 3. The RX_SD has hysteresis to minimize "chatter" on the output line. In principle, hysteresis alone does not guarantee chatter-free operation. These SFFs, however, present an RX_SD line without chatter, where chatter is defined as a transient response having a voltage level of greater than 0.5 volts (in the case of going from the negate level to the assert level) and of any duration that can be sensed by the host logic.
w.D a
taS hee t4U .co
Page 12 of 23
m
ww
03/14/01
www..com
IBM42G21SNNAA10 IBM42F21SNNAA10 IBM42G21LNNAA10 IBM42F21LNNAA10 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
Transmitter Specifications
Symbol C PT Trise/Tfall OMA RIN12 Parameter Spectral Center Wavelength Spectral Width Launched Optical Power Optical Rise/Fall Time Optical Modulation Amplitude Relative Intensity Noise Eye Opening DJ Deterministic Jitter 0.56 0.26 150 -117 -8.0 Min 1295 Typical Max 1335 2.0 -3.0 160 Units nm nm (rms) dBm (avg) ps W dB/Hz UI UI 1 2 3 4 5 6 Notes
1. Launched optical power is measured at the end of a two meter section of a 9/125m fiber for the SFF-PTH-LW. The maximum and minimum of the allowed range of average transmitter power coupled into the fiber are worst case values to account for manufacturing variances, drift due to temperature variations, and aging effects. The minimum launched optical power specified assumes an infinite extinction ratio at the minimum specified OMA. 2. Optical transition time is the time interval required for the rising or falling edge of an optical pulse to transition between the 20% and 80% amplitudes relative to the logical 1 and 0 levels. This is measured through a 4th order Bessel -Thompson filter with 0.75 * Data Rate 3-dB bandwidth and corrected to the full bandwidth value. 3. Optical Modulation Amplitude (OMA) is defined as the difference in optical power between a logic level one and a logic level zero. The Optical Modulation Amplitude is defined in terms of average optical power (PAVG in W) and extinction ratio (ER) as given by OMA=2PAVG((ER-1)/(ER+1)). In this expression, the extinction ratio, the ratio of the average optical power (in W) in a logic level one to the average optical power in a logic level zero measured under fully modulated conditions in the presence of worst case reflections, must be the absolute (unitless linear) ratio and not expressed in dB. The specified Optical Modulation Amplitude is equivalent to an average power of -9 dBm at an extinction ratio of 9 dB. 4. RIN12 is the laser noise, integrated over a specified bandwidth, measured relative to average optical power with 12 dB return loss. See ANSI Fibre Channel Specification Annex A.5. 5. Eye opening is the portion of the bit time where the bit error rate (BER) is < 10-12. 1.0625Gb/s values meet the criteria listed in Ref [1]. 6. Deterministic Jitter is measured as the peak-to-peak timing variation of the 50% optical signal crossings when transmitting repetitive K28.5 characters. It is defined in FC-PC, version 4.3, clause 3.1.87 as: Timing distortions caused by normal circuit effects in the transmission system. Deterministic jitter is often subdivided into duty cycle distortion (DCD) caused by propagation differences between the two transitions of a signal and data dependent jitter (DDJ) caused by the interaction of the limited bandwidth of the transmission system components and the symbol sequence. 1.0625Gb/s values meet the criteria listed in Ref [1].
w.D a
taS hee t4U .co
m
ww
03/14/01
Page 13 of 23
www..com
IBM42F21SNNAA10 IBM42G21SNNAA10 IBM42F21LNNAA10 IBM42G21LNNAA10 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
Optical Cable and Connector Specifications (Short Wavelength)
Symbol Parameter Min Typical Max. Unit Notes 50/125 m Cable Specifications (Multimode 850nm, 400 MHz-km) L L BW c N.A. Length - 2.125Gb/s Length - 1.0625Gb/s Bandwidth @ = 850nm Attenuation @ = 850nm Numerical Aperture 0.20 2 2 400 3.5 260 450 m m MHz-km dB/km
50/125 m Cable Specifications (Multimode 850nm, 500 MHz-km) L L BW c N.A. Length - 2.125Gb/s Length - 1.0625Gb/s Bandwidth @ = 850nm Attenuation @ = 850nm Numerical Aperture 0.20 2 2 500 3.5 300 500 m m MHz-km dB/km
62.5/125 m Cable Specifications (Multimode 850nm, 160 MHz-km) Length - 2.125Gb/s Length - 1.0625Gb/s BW Bandwidth @ = 850nm Attenuation @ = 850nm N.A. Numerical Aperture 0.275 2 2 160 3.75 120 250 m m MHz-km dB/km
62.5/125 m Cable Specifications (Multimode 850nm, 200 MHz-km) Length - 2.125Gb/s Length - 1.0625Gb/s BW Bandwidth @ = 850nm 2 2 200 3.75 0.275 150 300 m m MHz-km dB/km
N.A.
Numerical Aperture
taS hee t4U .co
con
LC Optical Connector Specifications (Multimode) Nominal Attenuation Attenuation Standard Deviation Connects/Disconnects 0.25 0.15 250 0.4 dB dB cycles 1 1 1
con
1. The optical interface connector dimensionally conforms to the industry standard LC type connector documented in [1]. A dual keyed LC receptacle mechanically aligns the optical transmission fiber to the SFF-PTH-SW/LW-2X5/2X6.
w.D a
ww
Page 14 of 23
m
Attenuation @ = 850nm
03/14/01
www..com
IBM42G21SNNAA10 IBM42F21SNNAA10 IBM42G21LNNAA10 IBM42F21LNNAA10 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
Optical Cable and Connector Specifications (Long Wavelength)
Symbol Parameter Min Typical Max. Unit Notes
9/125m Cable Specifications (Singlemode 1310nm) L L c Length - 2.125Gb/s Length - 1.0625Gb/s Attenuation @ = 1310nm 10000 10000 0.5 m m dB/km
LC Optical Connector (Singlemode) con con Nominal Attenuation Attenuation Standard Deviation Connects/Disconnects 0.2 0.1 250 0.4 dB dB cycles 1 1 1
1. The optical interface connector dimensionally conforms to the industry standard LC type connector documented in [1]. A dual keyed LC receptacle mechanically aligns the optical transmission fiber to the SFF-PTH-SW/LW-2X5/2X6.
w.D a
taS hee t4U .co
m
ww
03/14/01
Page 15 of 23
www..com
IBM42F21SNNAA10 IBM42G21SNNAA10 IBM42F21LNNAA10 IBM42G21LNNAA10 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
Reliability Projections
Symbol AFR Average Failure Rate Parameter Max. 0.01 Unit %/khr Note 1
1. AFR specified over 44 khours at 50 C, with minimum airflow of 100 fpm.
ESD Compliance
Symbol ESDEP ESDLC Parameter HBM ESD Rating to Electrical Pins Air Discharge into Front Bezel Compliance +/- 2000 +/- 15000 Unit V V Notes 1 2
1. The HBM (human body model) is a 100 pF capacitor discharged through a 1.5 k resistor into each pin per JESD22-A114-B. 2. Complies with European ESD Immunity Test (C-B-2-0001-034).
Soldering Information
The SFF transceiver comes with a process/dust plug. When the plug is in place the transceiver can withstand normal wave soldering and aqueous spray cleaning processes. While the transceiver is able to withstand an aqueous cleaning process, it is not hermetically sealed; it was not designed to be immersed in cleaning solvents. An opening in the back of the top lid is to allow compressed air to be blown into the module to aid in the removal of trapped water. This process should be performed after aqueous cleaning with the plug still inserted. If the plug was not contaminated during the wave soldering and aqueous spray cleaning process it can be reused as a dust plug.
w.D a
taS hee t4U .co
Page 16 of 23
m
ww
03/14/01
www..com
IBM42G21SNNAA10 IBM42F21SNNAA10 IBM42G21LNNAA10 IBM42F21LNNAA10 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
Mechanical Description (2 X 5 Pin Configuration)
w.D a
taS hee t4U .co
The SFF-PTH-SW/LW-2X5/2X6 is intended to be used on a host card having a thickness of 0.062" to 0.100". The host card footprint with essential keepouts and drill holes is shown in Host Card Footprint (2 X 5 Pin Configuration) on page 18.
m
ww
03/14/01
Page 17 of 23
www..com
IBM42F21SNNAA10 IBM42G21SNNAA10 IBM42F21LNNAA10 IBM42G21LNNAA10 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
Host Card Footprint (2 X 5 Pin Configuration)
w.D a
taS hee t4U .co
Page 18 of 23
m
ww
03/14/01
www..com
IBM42G21SNNAA10 IBM42F21SNNAA10 IBM42G21LNNAA10 IBM42F21LNNAA10 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
Mechanical Description (2 X 6 Pin Configuration)
w.D a
taS hee t4U .co
The SFF-PTH-SW/LW-2X5/2X6 is intended to be used on a host card having a thickness of 0.062" to 0.100". The host card footprint with essential keepouts and drill holes is shown in Host Card Footprint (2 X 6 Pin Configuration) on page 20.
m
ww
03/14/01
Page 19 of 23
www..com
IBM42F21SNNAA10 IBM42G21SNNAA10 IBM42F21LNNAA10 IBM42G21LNNAA10 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
Host Card Footprint (2 X 6 Pin Configuration)
w.D a
taS hee t4U .co
Page 20 of 23
m
ww
03/14/01
www..com
IBM42G21SNNAA10 IBM42F21SNNAA10 IBM42G21LNNAA10 IBM42F21LNNAA10 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
Suggested Transceiver/Host Interface
SFF
1 uH
+3.3 V
VccT
0.1uF
Tx_Disable
6
10 uF
0.1uF
10 uF
1 kohm 8 9
TX+
TD+
0.01uF
TX+3.3 V
TD-
10
100 ohm 0.01uF
Transmitter Driver
100 ohm differential pair
ASIC
+3.3 V
10 kohm Fault detection logic
Tx_Fault VeeT
B 1
100 ohm differential pair
RX+
1 uH
VccR
2
RX-
10 uF
0.1 uF
10 uF
0.1 uF 0.01 uF
RX+
5
RX-
4
100 ohm 0.01 uF
Receiver Amplifier
Rx_SD
3
VeeR
7
w.D a
taS hee t4U .co
m
ww
03/14/01
Page 21 of 23
www..com
IBM42F21SNNAA10 IBM42G21SNNAA10 IBM42F21LNNAA10 IBM42G21LNNAA10 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
References
Standards 1. American National Standards Institute Inc. (ANSI), T11/Project 1235-DT/Rev 10, Fibre Channel-Physical Interface (FC-PI). Drafts of this standard are available to members of the standards working committee. For further information see the T11.2 website at www.t11.org. To be added to the email reflector, send an E-mail to: majordomo@dpt.com containing the line: subscribe t11.2
2. American National Standards Institute Inc. (ANSI), T11.2/Project 1230/Rev10, Fibre Channel-Methodologies for Jitter Specifications (MJS). Drafts of this standard are available to members of the standards working committee. For further information see the T11.2 website at www.t11.org. To be added to the email reflector, send an E-mail to: majordomo@network.com containing the line: subscribe T11
Industry Specifications 3. A.X. Widmer and P.A. Franaszek, "A DC-Balanced, Partitioned-Block, 8B/10B Transmission Code," IBM Journal of Research and Development, vol. 27, no. 5, pp. 440-451, September 1983. This paper fully defines the 8B/10B code. It is primarily theoretical. 4. A.X. Widmer, The ANSI Fibre Channel Transmission Code, IBM Research Report, RC 18855 (82405), April, 23 1993. Copies may be requested from: Publications IBM Thomas J. Watson Research Center Post Office Box 218 Yorktown Heights, New York 10598 Phone: (914) 945-1259 Fax: (914) 945-4144
w.D a
taS hee t4U .co
Page 22 of 23
m
ww
03/14/01
www..com
IBM42G21SNNAA10 IBM42F21SNNAA10 IBM42G21LNNAA10 IBM42F21LNNAA10 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
Revision Log
Date 08/15/00 Initial release. Page 1, Added Dissipation words Page 7, Added Dissipation words and rounded off numbers Page 13, Changed Fall Time, Wavelength, Launched Power, and OMA to match industry specs. Page 16, Rearranged ESD table Page 21, New updated schematic Page 17,19, New pictures with air access hole Description of Modification
3/14/01
w.D a
taS hee t4U .co
m
ww
03/14/01
Page 23 of 23
www..com
(R) Copyright and Disclaimer
(c) Copyright International Business Machines Corporation 2000,2001. All Rights Reserved Printed in the United States of America, March 2001
The following are trademarks of International Business Machines Corporation in the United States, or other countries, or both. IBM IBM Logo
Other company, product and service names may be trademarks or service marks of others.
All information contained in this document is subject to change without notice. The products described in this document are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. The information contained in this document does not affect or change IBM product specifications or warranties. Nothing in this document shall operate as an express or implied license or indemnity under the intellectual property rights of IBM or third parties. All information contained in this document was obtained in specific environments, and is presented as an illustration. The results obtained in other operating environments may vary.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN "AS IS" BASIS. In no event will IBM be liable for damages arising directly or indirectly from any use of the information contained in this document.
IBM Microelectronics Division 1580 Route 52, Bldg. 504 Hopewell Junction, NY 12533-6351
The IBM home page can be found at http://www.ibm.com
The IBM Microelectronics Division home page can be found at http://www.chips.ibm.com
1/2Gbps SFF PTH.02
ww
w.D a
taS hee t4U .co
03/14/01
m


▲Up To Search▲   

 
Price & Availability of IBM42F21LNNAA10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X