Part Number Hot Search : 
C3216X7 R48D1 STM32 100C1585 A26KB1 3V10X DG459 UPD6308
Product Description
Full Text Search
 

To Download HDM64GS12Y-1-L12F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDM64GS12
Dimensional Drawing 128 X 64 Dots Graphic
(White LED Backlight)
Dimension tolerance: +/-0.3mm
Features Features Backlight............................(White) LED, EL or NONE optional Options...................Gray or Yellow STN, Black & White FSTN Normal/Extended Temperature Bottom / Top Viewing Built-in Controller.........................................Samsung KS108B Physical Data Module Size (LED Backlight)........93.0W x 70.0H x 14.0T mm (White LED Backlight).........93.0W x 70.0H x 12.5T mm (None or EL Backlight)...........93.0W x 70.0H x 8.5T mm Viewing Area Size......................................70.7W x 38.8H mm Dot Pitch....................................................0.52W x 0.52H mm Dot Size.....................................................0.48W x 0.48H mm Weight.........................54.4g (None), 56.5g (EL), 76.5g (LED) Power Supply
Absolute Maximum Ratings
PARAMETER Supply Voltage Input Voltage Operating Temperature Storage Temperature LED Peak Forward Current (White LED) EL Applied Voltage EL Applied Frequency SYMBOL VDD-VSS VIN TOP TSTG IP VL FL 0 0 -20 MIN MAX 7.0 7.0 50 70 540 60 150 1000 UNIT V V C C mA mA Vrms Hz
Pin Connections
PIN NO. 1 2 3 4 5 6 7 8 9 10 11 SYMBOL VSS VDD VL D/I R/W E DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 CS1 CS2 RS VEE K A 20 A K 0V 5V H/L H/L H/H->L H/L H/L H/L H/L H/L H/L H/L H/L H H L Output (-F TYPE) (-S TYPE) (-F TYPE) (-S TYPE) Left Half Chip Select Right Half Chip Select Reset # LED Cathode LED Anode (White LED, -F TYPE) LED Anode LED Cathode (White LED, -F TYPE) Data bus Ground Power supply for logic Operating voltage for LC 1=Data, 0=Instruction 1=Data read, 0=Data write Enable FUNCTION
White LED
7.2V
@20mA
Electrical Characteristics (VDD=5.00.25V 25C)
PARAMETER Input High Voltage Input Low Voltage Power Supply Voltage Power Supply Current LED Forward Current (White LED) EL Current EL Power Consumption DRIVE METHOD SYM VIH VIL VDD-VL IDD IF IL PL CONDITION VDD=5.0V VDD=5.0V VF=4.6V VF=7.2V 13.0 8.9 1/64 Duty MIN .7 VDD TYP MAX VDD .3 VDD UNIT V V V mA mA mA mArms W
12 13 14 15 16 17 18 19
13.5 14.0 9.2 9.5 1.9 250 20 5.0 2.9 540 30 8.0
0.55 -
# Has built-in inverter for negative power supply
Page 13


▲Up To Search▲   

 
Price & Availability of HDM64GS12Y-1-L12F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X