Part Number Hot Search : 
BD667 BA340 KRA309E MSK3001 WA06X220 AV3842A A1142 BA3131
Product Description
Full Text Search
 

To Download H25030-3S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bussmann(R)
Class H Fuseblocks
250 Volts
H250 Series
Catalog Symbol: H250 Series Ampere Rating: to 600A Voltage Rating: 250V Agency Information: UL Listed, UL 512, Guide IZLT, File 14853 CSA Certified, C22.2 No. 39, Class 6225-01, File 47235 Withstand Rating: 10,000A RMS Sym. For use with Class H Fuses (NON and REN) UL Flammability: 94VO Materials: Thermoplastic
Class H Fuseblocks (250V) Catalog Data (for NON and REN Fuses)
Terminal Type (Suffix No.) Screw Box Lug w/ Pressure Plate & Clip with Reinforced Spring -- Clip w/ Reinforced Spring (Copper Only) 0.25 Quick Connect Dimensions (Inches) - See Next Page For Figures
Clip with Reinforced Spring
Clip with Reinforced Spring
Pressure Plate
Amps to 30
1 2 3
Basic Catalog Number H25030-1 H25030-2 H25030-3
Copper Only
S S S
SR SR SR
P P P
PR PR PR
C C C
CR COR CR COR CR COR
CO CO CO
Q Q Q
Fig. No. 1 2 3
A
B
C
D
E
F (See Figures)
G
H
J Dia. x C' Bore
Poles
K
Wire Range C, CR #2-14 CU, #2-12 AL CO, COR #6-14 CU ONLY P, PR #10-18 CU ONLY Q N/A S, SR #10-18 CU ONLY C, CR #2-14 CU, #2-8 AL CO, COR #2-14 CU ONLY COR #1/0-8 CU ONLY CR #1/0-8 CU/AL SR #8W/ Ring Terminal
31 to 60 61 to 100 101 to 200 201 to 400 401
1 2 3 1 2 3 1 3 1 3
H25060-1 H25060-2 H25060-3 H25100-1 H25100-2 H25100-3 H25200-1 H25200-3 H25400-1 H25400-3
--
---- ---- ---- -- SR -- SR -- SR -- -- -- -- -- -- -- --
-- -- -- -- -- -- -- -- -- --
-- C CR -- C CR -- C CR -- -- CR -- -- CR -- -- CR -- -- -- -- -- CR -- CR -- CR*
COR COR COR COR COR COR -- -- --
CO CO CO -- -- -- -- -- -- -- -- --
-- -- -- -- -- -- -- -- -- -- -- --
4 5 6 7 8 9 10 11 10 12 10 12
4.25
1.73
1.5 2.81 4.125
1.5
0.5
0.5
1.25
-- 1.94 1.31
0.22 0.41 0.27
(See Figures)
7.125
3.09
3.0
2.06
0.5
2.0
3.0
0.75
--
0.31 CR 250kcmil-6 CU/AL
(See Figures) 9.06 9.06 11.0 11.0 4.0 4.0 4.97 4.97 3.0 4.0 3.0 5.0 3.02 2.50 4.0 3.0 0.63 0.82 1.125 1.87 1.75 9.25 1.75 11.0 3.0 10.88 4.0 1.0 -- 0.31 CR 500kcmil-4 CU/AL 1.0 1.00 -- 0.31 CR (2) 500kcmil-4/0 CU/AL
-- CR -- -- CR --
1 H25600-1 -- -- ---- to 3 H25600-3 -- -- ---- 600 *U.L. Recognized, CSA Certification. No UL, No CSA Certification.
-- CR --
14.74 1.00
CE logo denotes compliance with European Union Low Voltage Directive (50-1000Vac, 75-1500Vdc). Refer to Data Sheet: 8002 or contact Bussmann Application Engineering at 314-527-1270 for more information.
10-4-02
SB02295
Form No. H250 Series Page 1 of 2 Data Sheet: 1112
Bussmann(R)
Class H Fuseblocks
250 Volts
Dimensional Data
250V, A to 30A
1.41" 0.22" 1.09" 0.17" 0.75" 0.41" 2.05" 1.25" 0.95" 3" 2.5" 0.25" 0.95"
H250 Series
0.95"
1.27"
3.03" 0.5" 1.52"
0.22" DIAMETER
0.55"
0.55"
FIGURE 1
FIGURE 2
FIGURE 3
250V, 31A to 60A
B K
C F
E
C H F
C E F H H
J
J
J
A
G
D
FIGURE 4
FIGURE 5
3.38" 1.56" 0.62"
FIGURE 6
4.94" 1.56"
250V, 61A to 100A
2.06" 0.25" 0.62"
1.81"
0.59"
0.59" 0.62"
1.56"
0.28" DIA. x 0.5" C'BORE
7.36"
2.38"
2.125"
FIGURE 7
FIGURE 8
FIGURE 9
250V, 101A to 600A
B H K G F
250V, 101A to 200A
8" 5" 3.4" 1" .5" 2" 3" 6"
250V, 201A to 600A
B H E G F
E
0.34 DIAMETER
4.5"
.34" DIA. HOLE THROUGH EYELETS TO ACCEPT .25" DIA. SCREW
7.13"
0.75" C'BORE
CA
3"
A
C
.34" DIA. HOLE THROUGH
2.06"
D
D
9"
FIGURE 10
FIGURE 11
FIGURE 12
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
10-4-02
SB02295
Form No. H250 Series Page 2 of 2 Data Sheet: 1112


▲Up To Search▲   

 
Price & Availability of H25030-3S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X