Part Number Hot Search : 
SC1062A 56F8011 SK1260C C1909 TC4422CP MM1571G 00001 2SK444
Product Description
Full Text Search
 

To Download GT-25-24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
GT-25 SERIES 25W
Switching Power Supplies
SWITCHING POWER SUPPLY, SINGLE OUTPUT: 25 WATTS, ENCLOSED, UNIVERSAL INPUT
ISO 9001
REGISTERED
1. NOTES: DIMENSIONS ARE IN MM UNLESS SPECIFIED OTHERWISE. 2. ELECTRICAL SPECIFICATIONS: INPUT VOLTAGE: INPUT CURRENT: INPUT FREQUENCY: OUTPUT VOLTAGE / CURRENT: 85 VAC TO 264 VAC 0.35A @ 230V 47 HZ - 63 HZ P/N : GT-25-5 GT-25-12 GT-25-15 GT-25-24
MODEL: S-25-5 S-25-12 S-25-15 S-25-24
OUTPUT: +5 VDC +/-2%, 5A +12 VDC +/-1%, 2.1A +15 VDC +/-1%, 1.7A +24 VDC +/-1%, 1.1A
OUTPUT CURRENT : OUTPUT POWER (RATED): OUTPUT RIPPLE (PEAK TO PEAK): ADJUSTABILITY: OUTPUT REGULATION (LINE): LOAD REGULATION (LINE): TURN ON/ TURN OFF OVERSHOOT: TURN-ON DELAY: HOLD-UP TIME: INRUSH CURRENT: EFFICIENCY: SWITCHING FREQUENCY: OVER-VOLTAGE PROTECTION: OVER-CURRENT / SHORT CIRCUIT: OTHER PROTECTION: SAFETY APPROVALS : DIELECTRIC WITHSTAND VOLTAGE: LEAKAGE CURRENT: LINE SURGE: EMI:
NO LOAD TO FULL LOAD, NO MINIMUM LOAD REQUIRED 25 WATTS MAX 50 mV (P-P) FOR 5V, 100 mV (P-P) FOR ALL OTHER OUTPUTS +10, -5% OUTPUT + 5 % FOR OUTPUT 5V MODEL +/-1%, 0.5% FOR ALL OTHER OUTPUTS 4% MAX 500uS MAX RECOVERY TIME FOR 25% STEP LOAD 1 SEC MAX 10 mSEC MIN AT NOMINAL INPUT 115 VAC AND FULL LOAD 15 A MAX AT COLD START FOR N.A. (30A FOR EURO) 75 % TYPICAL 100 KHZ TYPICAL VOLTAGE LIMITED LESS 115% ~ 135% OF NOMINAL VOLTAGE FOR MAIN OUTPUT HICCUP WITH AUTO RECOVERY TO 1.1 - 1.3 IO INPUT FUSING UL1012, UL 60950 / 1950, CUL TO 22.2 # 234, 950, TUV TO EN 60950, CE CLASS I 3000VAC PRIMARY-SECONDARY; 1500 VAC PRIMARY- GROUND < 0.75 mA @ 240 VAC EN 61000-4-5 LEVEL 4 COMPLIES WITH EN55022, 1 CLASS B AND FCC PART 15 CLASS B WHEN TESTED WITH A RESISTIVE LOAD, BOTH CONDUCTED AND RADIATED TESTED TO COMPLY WITH EN61000-3-2, EN61000-3-3 AND EN50082-1 INCLUDING EN61000-4-2, EN61000-4-3, EN61000-4-4, EN61000-4-5, EN61000-4-6, EN61000-4-11 LEVEL 4, UNIT IS ELIGIBLE FOR CE MARK.
CE MARK :
(201)784-1000
www.globtek.com
Te l . : 2 0 1 - 7 8 4 - 1 0 0 0 F a x : 2 0 1 - 7 8 4 - 0 111
G l o b t e k , I n c . 1 8 6 Ve t e r a n s D r i v e , N o r t h v a l e , N J 0 7 6 4 7 .
1
GT-25 SERIES 25W
Switching Power Supplies
Data Sheet
ISO 9001
REGISTERED
SWITCHING POWER SUPPLY, SINGLE OUTPUT: 25 WATTS, ENCLOSED, UNIVERSAL INPUT
MTBF: OPERATING TEMPERATURE: STORAGE TEMPERATURE: HUMIDITY: WEIGHT: VIBRATION: 3. MECHANICAL: MM
GREATER THAN 50,000 HOURS AT 25C AMBIENT TEMPERATURE 0C TO 45 C, DERATE LINEARY TO 60% OUTPUT POWER AT 60C -40C TO 80 C 0% TO 90% RELATIVE HUMIDITY 0.37 kg REF. 10-500 Hz 2G 10 MIN/ CYCLE (PERIOD = 60 MINUTES, EACH AXIS)
3.1. CONFIGURATION: ENCLOSED SWITCHING POWER SUPPLY, AL. ALLOY 3003 OR EQUIVALENT, GOLD IRRIDITE, CHEM. TREATEDFINISH,, CHASSIS: "U' CHANNEL, WITH (5) MOUNTING METRIC INSERT M3, AS SHOWN BELOW: (2) BOTTOM; (3) RIGHT SIDE. COVER: "L" SHAPE WITH HOLES SCREENED PATTERN FOR NATURAL CONVECTION COOLING THERMAL TRANSFER.
3.2. INPUT / OUTPUT CONNECTOR: STRAIGHT MOUNT BARRIER STRIP, 5 POSITIONS, 9.5 MM PITCH FOR LUG/TERMINALS INPUT/OUTPUT HARNESS CONNECTIONS 3.3. WIRING DIAGRAM:
186 Veterans Dr. Northvale, NJ 07647 Tel 201 784 1000 Fax 201 784 0111
2
www.globtek.com
G l o b t e k , I n c . 1 8 6 Ve t e r a n s D r i v e , N o r t h v a l e , N J 0 7 6 4 7 .
(201)784-1000
Te l . : 2 0 1 - 7 8 4 - 1 0 0 0 F a x : 2 0 1 - 7 8 4 - 0 111
Data Sheet
GT-25 SERIES 25W
Switching Power Supplies
SWITCHING POWER SUPPLY, SINGLE OUTPUT: 25 WATTS, ENCLOSED, UNIVERSAL INPUT
ISO 9001
REGISTERED
LABEL: MATERIAL: .007 (0.18) THICK FLAT THERMAL TRANSFER, IMPRINTABLE, WHITE OR GRAY POLYESTER SHEET WITH BLACK NOMENCLATURE. MANUFACTURER: STEVEN LABEL, MATERIAL I.D. NO.3302-33, UL FILE NO. MH12821(N), UL MATERIAL DESIGNATION FILE NO. GHW332RL. OPTIONAL LABEL MATERIAL CAN BE SUBSTITUTED PROVIDING MATERIAL IS UL LISTED AND COMPLIES WITH APPLICABLE SAFETY REQUIREMENTS. 4.1. FIRST LABEL: INSTALLED ON TOP OF T1
ITE POWER SUPPLY P/N: GT-25-XX MODEL: S-25-XX INPUT: 100-240 VAC 50-60 Hz 1.6A OUTPUT: VDC A
XX = O/P V
WWYY MADE IN XXXX
XXXX - USA OR CHINA
DATE CODE WW - WEEK YY - YEAR
4.2. SECOND LABEL: INSTALLED ON COVER FACING TERMINAL BLOCK
LN
FG
COM + V
VERIFY WIRE POSITIONS BEFORE HOOKUP
5. INDIVIDUAL PACKING BOX: MATERIAL: CORRUGATED FIBERBOARD, F-FLUTE 0.8 (2.0) THICK, DOUBLE WALL CONSTRUCTION. EXTERNAL FINISH: WHITE, COATED WITH GLOSS FINISH (AQUEOUS OR VARNISH) STYLE: TUCK SIDES WITH LOCKING TABS ON BOTH SIDES OF BOX. NO PRINTING ON THE OUTSIDE OF BOX.
X = 164 mm Y = 42 mm Z = 101 mm
www.globtek.com
186 Veterans Dr. Northvale, NJ 07647 Tel. 201-784-1000 Fax 201.784.0111
DWG TITLE: MODEL NO: PART NO:
SWITCHING POWER SUPPLY, SINGLE OUTPUT: 25 WATTS, ENCLOSED, UNIVERSAL INPUT S-25-XX GT-25-XX
REV. A SHEET 3 OF
(201)784-1000
www.globtek.com
Te l . : 2 0 1 - 7 8 4 - 1 0 0 0 F a x : 2 0 1 - 7 8 4 - 0 111
G l o b t e k , I n c . 1 8 6 Ve t e r a n s D r i v e , N o r t h v a l e , N J 0 7 6 4 7 .
3


▲Up To Search▲   

 
Price & Availability of GT-25-24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X