Part Number Hot Search : 
00111 AMS317A R0100FEA 74HCT4 IRFZ46N AOD476 DTC114E SA130
Product Description
Full Text Search
 

To Download DSEP15-06A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DSEP 15-06A
HiPerFREDTM Epitaxial Diode
with soft recovery
IFAV = 15 A VRRM = 600 V trr = 35 ns
A C
VRSM V 600
VRRM V
Type
TO-220 AC
C
600
DSEP 15-06A
A
C (TAB)
A = Anode, C = Cathode, TAB = Cathode
Symbol IFRMS IFAVM IFSM EAS IAR TVJ TVJM Tstg Ptot Md Weight
Conditions TC = 140C; rectangular, d = 0.5 TVJ = 45C; tp = 10 ms (50 Hz), sine TVJ = 25C; non-repetitive IAS = 1 A; L = 180 H VA = 1.5*VR typ.; f = 10 kHz; repetitive
Maximum Ratings 35 15 110 0.1 0.1 -55...+175 175 -55...+150 A A Features A
q
mJ A C C C W Nm g
q q q q q q
International standard package Planar passivated chips Very short recovery time Extremely low switching losses Low IRM-values Soft recovery behaviour Epoxy meets UL 94V-0
TC = 25C mounting torque typical
95 0.4...0.6 2
Applications
q
q q
Symbol IR x
Conditions TVJ = 25C VR = VRRM TVJ = 150C VR = VRRM IF = 15 A; TVJ = 150C TVJ = 25C
Characteristic Values typ. max. 100 0.5 1.35 2.04 1.6 0.5 mA mA V V K/W K/W ns
q
q
q q q
VF y RthJC RthCH trr IRM
Antiparallel diode for high frequency switching devices Antisaturation diode Snubber diode Free wheeling diode in converters and motor control circuits Rectifiers in switch mode power supplies (SMPS) Inductive heating Uninterruptible power supplies (UPS) Ultrasonic cleaners and welders
Advantages
q
IF = 1 A; -di/dt = 100 A/ms; VR = 30 V; TVJ = 25C VR = 100 V; IF = 25 A; -diF/dt = 100 A/ms TVJ = 100C
35 4.9
A
q
q
Avalanche voltage rated for reliable operation Soft reverse recovery for low EMI/RFI Low IRM reduces: - Power dissipation within the diode - Turn-on loss in the commutating switch
Pulse test: x Pulse Width = 5 ms, Duty Cycle < 2.0 % y Pulse Width = 300 ms, Duty Cycle < 2.0 % Data according to IEC 60747 and per diode unless otherwise specified
Dimensions see outlines.pdf
(c) 2000 IXYS All rights reserved
1-2
013
IXYS reserves the right to change limits, test conditions and dimensions.
DSEP 15-06A
40 A IF 30
2000
TVJ= 100C nC VR = 300V
40 A 30 IRM
TVJ= 100C VR = 300V
1500
20
TVJ=150C TVJ=100C TVJ= 25C
Qr 1000
IF= 30A IF= 15A IF= 7.5A
20
IF= 30A IF= 15A IF= 7.5A
10
500
10
0 0 1 VF 2 V
0 100
0 A/ms 1000 -diF/dt 0 200 400 600 A/ms 1000 800 -diF/dt
Fig. 1 Forward current IF versus VF
Fig. 2 Reverse recovery charge Qr versus -diF/dt
120 ns
Fig. 3 Peak reverse current IRM versus -diF/dt
20
2.0
TVJ= 100C VR = 300V
TVJ= 100C V IF = 15A
1.6
VFR
s tfr 1.2
1.5 Kf
trr
110
VFR 15
100 1.0
IF= 30A IF= 15A IF= 7.5A
tfr
10 0.8
IRM
0.5
90
Qr
80
5
0.4
0.0 0 40 80 120 C 160 TVJ
70 0 200 400 600 -diF/dt 800 A/ms 1000
0 0 200 400
0.0 600 A/ms 1000 800 diF/dt
Fig. 4 Dynamic parameters Qr, IRM versus TVJ
10 K/W 1 ZthJC 0.1
Fig. 5 Recovery time trr versus -diF/dt
Fig. 6 Peak forward voltage VFR and tfr versus diF/dt Constants for ZthJC calculation: i 1 2 3 Rthi (K/W) 0.908 0.35 0.342 ti (s) 0.0052 0.0003 0.017
0.01
0.001 0.00001
DSEP 15-06A
0.0001
0.001
0.01
0.1 t
s
1
Fig. 7 Transient thermal resistance junction to case
NOTE: Fig. 2 to Fig. 6 shows typical values
(c) 2000 IXYS All rights reserved
2-2


▲Up To Search▲   

 
Price & Availability of DSEP15-06A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X