Part Number Hot Search : 
SKB101 2N2484 1941123W P30N20 1941123W BC179 XFGIB100 SG310
Product Description
Full Text Search
 

To Download DDS-CJS-J2L1-1-I2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DOMINANT
Semiconductors
Innovating Illumination
TM
DATA SHEET:
DomiLEDTM
AlInGaP : DDx-xJS-I2
DomiLED
TM TM
Synonymous with function and performance, the DomiLED series is perfectly suited for a variety of cross-industrial applications due to its small package outline, durability and superior brightness.
Features:
> > > > > > High brightness surface mount LED. 120 viewing angle. Small package outline (LxWxH) of 3.2 x 2.8 x 1.8mm. Qualified according to JEDEC moisture sensitivity Level 2. Compatible to both IR reflow soldering and TTW soldering. Environmental friendly; RoHS compliance.
Applications:
> > > > > Automotive: interior applications, eg: switches, telematics, climate control system, dashboard, etc. Consumer Appliances: LCD illumination as in PDAs, LCD TV. Communication: indicator and backlight in mobilephone. Display: full color display video notice board. Industry: white goods (eg: Oven, microwave, etc.).
(c) 2005 DomiLED is a trademark of DOMINANT Semiconductors. All rights reserved. Product specifications are subject to change without notice.
1
06/09/2006 V2.0
DOMINANT TM
Semiconductors
Innovating Illumination
AlInGaP : DDx-xJS-I2
Part Ordering Number
DDS-CJS-J2L1-1-I2 * DDS-CJS-J2 * DDS-CJS-K1 * DDS-CJS-K2 * DDS-CJS-L1 DDO-CJS-KL2-1-I2 * DDO-CJS-K1 * DDO-CJS-K2 * DDO-CJS-L1 * DDO-CJS-L2 DDY-CJS-KL2-1-I2 * DDY-CJS-K1 * DDY-CJS-K2 * DDY-CJS-L1 * DDY-CJS-L2
Chip Technology / Color
AlIGaP Super-red, 632nm
Viewing Angle
120
Luminous Intensity @ IF = 2mA IV (mcd)
5.6 - 14.0 5.6 - 7.2 7.2 - 9.0 9.0 - 11.2 11.2 -14.0
AlIGaP Orange, 605nm
120
7.2 - 18.0 7.2 - 9.0 9.0 - 11.2 11.2 - 14.0 14.0 - 18.0
AlIGaP Yellow, 587nm
120
7.2 - 18.0 7.2 - 9.0 9.0 - 11.2 11.2 - 14.0 14.0 - 18.0
NOTE 1. All part number above comes in a quantity of 2000 units per reel. 2. Luminous intensity is measured with an accuracy of 11%. 3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
2
06/09/2006 V2.0
DOMINANT TM
Semiconductors
Innovating Illumination
AlInGaP : DDx-xJS-I2
Wavelength Grouping
Color Group Wavelength distribution (nm)
DDS; Super-red DDO; Orange
Full Full W X Y Z
625 - 640 600 - 612 600 - 603 603 - 606 606 - 609 609 - 612 582 - 594 582 - 585 585 - 588 588 - 591 591 - 594
DDY; Yellow
Full W X Y Z
Dominant wavelength is measured with an accuracy of 1 nm.
Electrical Characteristics at Ta=25C
Part Number
DDS-CJS, DDO-CJS, DDY-CJS
Vf @ If = 2mA Typ. (V) Max. (V)
1.8 2.2
Vr @ Ir = 10uA Min. (V)
12
Forward voltages are measure using a current pulse of 1 ms and with an accuracy of 0.1V.
Absolute Maximum Ratings
Maximum Value
DC forward current Peak pulse current; (tp 10s, Duty cycle = 0.1) Reverse voltage ESD Thereshold (HBM) LED junction temperature Operating temperature Storage temperature Power dissipation (at room temperature) 20 100 12 2 125 -40 ... +100 -40 ... +100 45
Unit
mA mA V KV C C C mW
3
06/09/2006 V2.0
DOMINANT TM
Semiconductors
Innovating Illumination
AlInGaP : DDx-xJS-I2
Forward Current Vs Forward Voltage
20 18 16 14 12 10 8 6 4 2 0 1.2 1.4 1.6 1.8 2 2.2 2.4
30 25 20 15 10 5 0
Maximum Current Vs Temperature
Forward Current, mA
Forward Current, mA
0
20
40
60
80
100
Forward Voltage, V
Ambient Temperature
Relative Intensity vs Wavelength
1 0.9 0.8 0.7
Yellow Orange
Radiation Pattern
30 20 10 0
1.0
40
0.8
Relative Intensity
0.6 0.5 0.4 0.3 0.2 0.1 0 500
Super Red
50
0.6
60 70 80
0.4
0.2
600
700
800
90
0
Wavelength, nm
4
06/09/2006 V2.0
DOMINANT TM
Innovating Illumination
TM
Semiconductors
AlInGaP : DDx-xJS-I2
DomiLED * AllnGap : DDx-xJS-I2 Package Outlines
5
06/09/2006 V2.0
DOMINANT TM
Semiconductors
Innovating Illumination
AlInGaP : DDx-xJS-I2
Recommended Solder Pad
6
06/09/2006 V2.0
DOMINANT TM
Semiconductors
Innovating Illumination
AlInGaP : DDx-xJS-I2
Taping and orientation
* Reels come in quantity of 2000 units. * Reel diameter is 180 mm.
7
06/09/2006 V2.0
DOMINANT TM
Semiconductors
Innovating Illumination
AlInGaP : DDx-xJS-I2
Packaging Specification
8
06/09/2006 V2.0
DOMINANT TM
Semiconductors
Innovating Illumination
AlInGaP : DDx-xJS-I2
Packaging Specification
Moisture sensitivity level
Barcode label
DOMINANT Semiconductors
LOT NO : lotno
ROHS Compliant PB Free
S/N : xxx D/C: xxxx
PART NO : partno QTY : qty GROUP : group
Reel Moisture absorbent material + Moisture indicator The reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag
Average 1pc DomiLED/Multi DomiLED
Weight (gram) Weight (gram) 0.034 0.034
1 completed bag (2000pcs)
190 10 190 10
DOMINANT TM
Semiconductors
Cardboard Box
For DomiLED
TM
Cardboard Box Size
Small Large
Dimensions (mm)
Empty Box Weight (kg)
0.58 1.74
Reel / Box
Quantity / Box (pcs)
300 x 250 x 250 416 x 516 x 476
15 reels MAX 55 reels MAX
30,000 MAX 110,000 MAX
9
06/09/2006 V2.0
DOMINANT TM
Semiconductors
Innovating Illumination
AlInGaP : DDx-xJS-I2
Recommended Sn-Pb IR-Reflow Soldering Profile
Classification Reflow Profile (JEDEC J-STD-020C)
275 250 225 200 Ramp-up 3C/sec max. 235-240C 10-30s
Temperature (C)
175 150 125 100 75 50 25 0 50 100 150 200 Preheat 60-120s 360s max Rampdown 6C/sec max. 183C 60-150s
Recommended Pb-free Soldering Profile
Classification Reflow Profile (JEDEC J-STD-020C)
300 275 250 225 217C Ramp-up 3C/sec max. 255-260C 10-30s
Temperature (C)
200 175 150 125 100 75 50 25 0 50 Preheat 60-180s 480s max 100 150 200 Rampdown 6C/sec max. 60-150s
Time (sec)
10
06/09/2006 V2.0
DOMINANT TM
Innovating Illumination
Semiconductors
AlInGaP : DDx-xJS-I2
Revision History
Page Subjects New Format Date of Modification 06 Sep 2006
NOTE All the information contained in this document is considered to be reliable at the time of publishing. However, DOMINANT Semiconductors does not assume any liability arising out of the application or use of any product described herein. DOMINANT Semiconductors reserves the right to make changes at any time without prior notice to any products in order to improve reliability, function or design. DOMINANT Semiconductors products are not authorized for use as critical components in life support devices or systems without the express written approval from the Managing Director of DOMINANT Semiconductors.
11
06/09/2006 V2.0
DOMINANT TM
Semiconductors
Innovating Illumination
AlInGaP : DDx-xJS-I2
About Us DOMINANT Semiconductors is a dynamic Malaysian Corporation that is among the world's leading SMT LED Manufacturers. An excellence - driven organization, it offers a comprehensive product range for diverse industries and applications. Featuring an internationally certified quality assurance acclaim, DOMINANT's extra bright LEDs are perfectly suited for various lighting applications in the automotive, consumer and communications as well as industrial sectors. With extensive industry experience and relentless pursuit of innovation, DOMINANT's state-of-art manufacturing, research and testing capabilities have become a trusted and reliable brand across the globe. More information about DOMINANT Semiconductors can be found on the Internet at http://www.dominant-semi.com.
Please contact us for more information: Head Quarter DOMINANT Semiconductors Sdn. Bhd. Lot 6, Batu Berendam, FTZ Phase III, 75350 Melaka, Malaysia Tel: (606) 283 3566 Fax: (606) 283 0566 E-mail: sales@dominant-semi.com
DOMINANT China Sales Office DOMINANT Semiconductors (Shenzhen) Co. Ltd. 24B.C Newbaohui Building, No. 1007 West Nanhai Blvd., Nanshan, Shenzhen, China P.C. 518054 Tel: +86 (755) 86031785 / +86 (755) 86031786 Fax: +86 (755) 86031789 E-mail: sales_china@dominant-semi.com
DOMINANT Korea Sales Office DOMINANT Semiconductors Korea Inc. 902 Sunil Technopia, 440 Sangdaewon-dong, Jungwon-gu, Sungnam-si, Kyunggi-do, Korea 462726 Tel: 82-31-777-3978 Fax: 82-31-777-3976 E-mail: sales_korea@dominant-semi.com
DOMINANT
Semiconductors
Innovating Illumination
TM


▲Up To Search▲   

 
Price & Availability of DDS-CJS-J2L1-1-I2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X