Part Number Hot Search : 
SF088 00CTT ET110 TC9329FA 361505 0J100 SMCJ90 VP0109
Product Description
Full Text Search
 

To Download DDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DOMINANT
Semiconductors
Innovating Illumination
TM
DATA SHEET:
DomiLEDTM
InGaN : DDx-xJx
DomiLED
TM TM
Synonymous with function and performance, the DomiLED series is perfectly suited for a variety of cross-industrial applications due to its small package outline, durability and superior brightness.
Features:
> > > > > > > High brightness surface mount LED. Based on InGaN technology. 120 viewing angle. Small package outline (LxWxH) of 3.2 x 2.8 x 1.8mm. Qualified according to JEDEC moisture sensitivity Level 2. Compatible to IR reflow soldering. Environmental friendly; RoHS compliance.
Applications:
> > > > > Automotive: interior applications, eg: switches, telematics, climate control system, dashboard, etc. Consumer Appliances: LCD illumination as in PDAs, LCD TV. Communication: indicator and backlight in mobilephone. Display: full color display video notice board. Industry: white goods (eg: Oven, microwave, etc.).
(c) 2005 DomiLED is a trademark of DOMINANT Semiconductors. All rights reserved. Product specifications are subject to change without notice.
1
07/05/2007 V12.0
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN : DDx-xJx
Part Ordering Number
DDT-CJS-RS2-1 * DDT-CJS-R1 * DDT-CJS-R2 * DDT-CJS-S1 * DDT-CJS-S2 DDT-SJS-ST2-1 * DDT-SJS-S1 * DDT-SJS-S2 * DDT-SJS-T1 * DDT-SJS-T2 DDT-UJS-TU2-1 * DDT-UJS-T1 * DDT-UJS-T2 * DDT-UJS-U1 * DDT-UJS-U2 DDC-CJS-RS2-1 * DDC-CJS-R1 * DDC-CJS-R2 * DDC-CJS-S1 * DDC-CJS-S2 DDC-SJS-ST2-1 * DDC-SJS-S1 * DDC-SJS-S2 * DDC-SJS-T1 * DDC-SJS-T2 DDC-UJS-TU1-1 * DDC-UJS-T1 * DDC-UJS-T2 * DDC-UJS-U1 DDB-CJS-PQ2-1 * DDB-CJS-P1 * DDB-CJS-P2 * DDB-CJS-Q1 * DDB-CJS-Q2 DDB-SJS-QR2-1 * DDB-SJS-Q1 * DDB-SJS-Q2 * DDB-SJS-R1 * DDB-SJS-R2
Chip Technology / Color
InGaN True Green, 525nm
Viewing Angle
120
Luminous Intensity @ IF = 20mA IV (mcd)
112.5 - 285.0 112.5 - 140.0 140.0 - 180.0 180.0 - 224.0 224.0 - 285.0 180.0 - 450.0 180.0 - 224.0 224.0 - 285.0 285.0 - 355.0 355.0 - 450.0 285.0 - 715.0 285.0 - 355.0 355.0 - 450.0 450.0 - 560.0 560.0 - 715.0
InGaN Cyan, 505nm
120
112.5 - 285.0 112.5 - 140.0 140.0 - 180.0 180.0 - 224.0 224.0 - 285.0 180.0 - 450.0 180.0 - 224.0 224.0 - 285.0 285.0 - 355.0 355.0 - 450.0 285.0 - 560.0 285.0 - 355.0 355.0 - 450.0 450.0 - 560.0
InGaN Blue, 470nm
120
45.0 - 112.5 45.0 - 56.0 56.0 - 71.5 71.5 - 90.0 90.0 - 112.5 71.5 - 180.0 71.5 - 90.0 90.0 - 112.5 112.5 - 140.0 140.0 - 180.0
2
07/05/2007 V12.0
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN : DDx-xJx
Part Ordering Number
DDB-UJS-RS1-1 * DDB-UJS-R1 * DDB-UJS-R2 * DDB-UJS-S1
Chip Technology / Color
InGaN Blue, 470nm
Viewing Angle
120
Luminous Intensity @ IF = 20mA IV (mcd)
112.5 - 224.0 112.5 - 140.0 140.0 - 180.0 180.0 - 224.0
NOTE 1. All part number above comes in a quantity of 2000 units per reel. 2. Other luminious intensity groups are also available upon request. 3. Luminous intensity is measured with an accuracy of 11%. 4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel. 5. An optional Vf bining is also available upon request. Bining scheme is as per following table.
3
07/05/2007 V12.0
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN : DDx-xJx
Wavelength Grouping
Color
DDT; True Green
Group
Full W X Y Z Full W X Y Full W X Y
Wavelength distribution (nm)
520 - 536 520 - 524 524 - 528 528 - 532 532 - 536 499 - 511 499 - 503 503 - 507 507 - 511 464 - 476 464 - 468 468 - 472 472 - 476
DDC; Cyan
DDB; Blue
Dominant wavelength is measured with an accuracy of 1 nm.
Vf Bining (Optional)
Vf Bin @ 20 mA
0A 00 01 02 03
Forward Voltage, Vf is measured with an accuracy of 0.1 V. Please consult sales and marketing for special part number to incorporate Vf bining.
Forward Voltage (V)
2.75 ... 3.05 3.05 ... 3.35 3.35 ... 3.65 3.65 ... 3.95 3.95 ... 4.25
4
07/05/2007 V12.0
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN : DDx-xJx
Electrical Characteristics at Ta=250C
Part Number
DDC, DDB DDT
Vf @ If = 20 mA Min. (V)
2.9 2.9
Typ. (V)
3.2 3.4
Max. (V)
3.8 4.0
Vr @ Ir = 10 A Min. (V)
5.0 5.0
Forward Voltage, Vf is measured with an accuracy of 0.1 V.
Absolute Maximum Ratings
Maximum Value
DC Forward Current Peak Pulse Current; (tp 10s, Duty cycle = 0.005) 20 DDB = 300 DDC, DDT = 400 Reverse Voltage ESD Threshold (HBM) LED Junction Temperature Operating Temperature Storage Temperature Power Dissipation (at room temperature) Thermal Resistance Junction/Solder Point 5 2 125 -40 ... +100 -40 ... +100 85 230 V kV C C C mW K/W
Unit
mA mA
5
07/05/2007 V12.0
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN : DDx-xJx
Forward Current Vs Forward Voltage
60 50 40 30 20 10 0
Relative Intensity Vs Forward Current
2.2 2 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 10 20 30 40 50 1.8
Forward Current, mA
Relative Intensity
2
2.5
3
3.5
4
4.5
Forward Current, mA
Forward Voltage, V
Maximum Current Vs Temperature
25
Blue
Dominant Wavelength Shift Vs Forward Current
12
Dominant Wavelength Shift, nm
True Green
True Green Blue
10 8 6 4 2 0 -2 -4
Blue True Green
538 536
Forward Current, mA
20
15
10
5
0
0 10 20 30 40 50 60 70 80 90 100
0
5
10
15
20
25
30
Ambient Temperature
Forward Current, mA
Relative Intensity Vs Wavelength Relative Inyensity Vs Wavelength
1 0.9
Radiation Pattern
30 20 10 0
1.0
Relative Intensity
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 400 450 500 550 600
True Green
40
0.8
Blue
50
0.6
60 70 80
650 700 750 800
0.4
0.2
90
0
Wavelength, nm
6
07/05/2007 V12.0
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN : DDx-xJx
Permissible Pulse Handling Capability Duty cyclePermissible Pulse Handling Capability Cyan D = parameter, Ta=25 C, True Green,
0.45
Permissible Pulse Handling Capability Permissible parameter, Ta=25 C, Blue Duty cycle D = Pulse Handling Capability
0.35 0.3 0.25
D=0.005
0.4 0.35
D=0.005 D=0.01
I(F)
I(F)
0.2 0.15 0.1 0.05 0 0.0001 0.001
D=0.01 D=0.1 D=0.2 D=0.5
0.3 0.25 0.2 0.15 0.1 0.05 0
D=0.1 D=0.2 D=0.5
0.01
0.1
1
10
100
0.0001 0.001
0.01
0.1
1
10
100
T(p)
T(p)
Multiple X-Y Plot
0.45 0.4 0.35 0.3 0.25 0.2 0.15 0.1 0.05 0 0.0001 0.001 0.01 0.1 1 10 100 Variables Col_7 Col_8 Col_9 Col_10 Col_11
Permissible Pulse Handling Capability
0.18 0.16 0.14 0.12 0.1 0.08 0.06 0.04 0.02 0.001 0.01 0.1 1 10 100
Col_6 Col_7 Col_8 Col_9 Col_10
Col_6
t(p)
Permissible Pulse Handling Capability
0.18 0.16 0.14 0.12 0.1 0.08 0.06 0.04 0.02 0.001 0.01 0.1 1 10 100
7
Col_6 Col_7 Col_8 Col_9 Col_10
Permissible Pulse Handling Capability
0.18 0.16 0.14 0.12 0.1 0.08 0.06 0.04 0.02 0.001 0.01 0.1 1 10 100
07/05/2007 V12.0
Col_6 Col_7 Col_8 Col_9 Col_10
t(p)
t(p)
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN : DDx-xJx
DomiLED * InGaN : DDx-xJx Package Outlines
TM
8
07/05/2007 V12.0
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN : DDx-xJx
Recommended Solder Pad
9
07/05/2007 V12.0
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN : DDx-xJx
Taping and orientation
* Reels come in quantity of 2000 units. * Reel diameter is 180 mm.
10
07/05/2007 V12.0
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN : DDx-xJx
Packaging Specification
11
07/05/2007 V12.0
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN : DDx-xJx
Packaging Specification
Moisture sensitivity level
Barcode label
DOMINANT Semiconductors
LOT NO : lotno
ROHS Compliant PB Free
S/N : xxx D/C: xxxx
PART NO : partno QTY : qty GROUP : group
Reel Moisture absorbent material + Moisture indicator The reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag
Average 1pc DomiLED/Multi DomiLED
Weight (gram) Weight (gram) 0.034 0.034
1 completed bag (2000pcs)
190 10 190 10
DOMINANT TM
Semiconductors
Cardboard Box
For DomiLED
TM
Cardboard Box Size
Small Large
Dimensions (mm)
Empty Box Weight (kg)
0.58 1.74
Reel / Box
Quantity / Box (pcs)
300 x 250 x 250 416 x 516 x 476
15 reels MAX 55 reels MAX
30,000 MAX 110,000 MAX
12
07/05/2007 V12.0
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN : DDx-xJx
Recommended Sn-Pb IR-Reflow Soldering Profile
Classification Reflow Profile (JEDEC J-STD-020C)
275 250 225 200 Ramp-up 3C/sec max. 235-240C 10-30s
Temperature (C)
175 150 125 100 75 50 25 0 50 100 150 200 Preheat 60-120s 360s max Rampdown 6C/sec max. 183C 60-150s
Recommended Pb-free Soldering Profile
Classification Reflow Profile (JEDEC J-STD-020C)
300 275 250 225 217C Ramp-up 3C/sec max. 255-260C 10-30s
Temperature (C)
200 175 150 125 100 75 50 25 0 50 Preheat 60-180s 480s max 100 150 200 Rampdown 6C/sec max. 60-150s
Time (sec)
13
07/05/2007 V12.0
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN : DDx-xJx
Revision History
Page 5 6 5 7 4 Subjects New Format LED Junction Temperature from 115C to 125C Modify Graph: Maximum Current Vs Temperature Add thermal resistance junction/solder point Add Permissible Pulse Handling Capability Graph Take out "Z" grouping for Blue color Date of Modification 06 Sept 2005 11 Jan 2006 11 Jan 2006 11 Sep 2006 11 Sep 2006 07 May 2007
NOTE All the information contained in this document is considered to be reliable at the time of publishing. However, DOMINANT Semiconductors does not assume any liability arising out of the application or use of any product described herein. DOMINANT Semiconductors reserves the right to make changes at any time without prior notice to any products in order to improve reliability, function or design. DOMINANT Semiconductors products are not authorized for use as critical components in life support devices or systems without the express written approval from the Managing Director of DOMINANT Semiconductors.
15
07/05/2007 V12.0
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN : DDx-xJx
About Us DOMINANT Semiconductors is a dynamic Malaysian Corporation that is among the world's leading SMT LED Manufacturers. An excellence - driven organization, it offers a comprehensive product range for diverse industries and applications. Featuring an internationally certified quality assurance acclaim, DOMINANT's extra bright LEDs are perfectly suited for various lighting applications in the automotive, consumer and communications as well as industrial sectors. With extensive industry experience and relentless pursuit of innovation, DOMINANT's state-of-art manufacturing, research and testing capabilities have become a trusted and reliable brand across the globe. More information about DOMINANT Semiconductors can be found on the Internet at http://www.dominant-semi.com.
Please contact us for more information: Head Quarter DOMINANT Semiconductors Sdn. Bhd. Lot 6, Batu Berendam, FTZ Phase III, 75350 Melaka, Malaysia Tel: (606) 283 3566 Fax: (606) 283 0566 E-mail: sales@dominant-semi.com
DOMINANT China Sales Office DOMINANT Semiconductors (Shenzhen) Co. Ltd. 24BC Newbaohui Building, No. 1007 West Nanhai Blvd., Nanshan, Shenzhen, China P.C. 518054 Tel: +86 (755) 86031785 / +86 (755) 86031786 Fax: +86 (755) 86031789 E-mail: sales_china@dominant-semi.com
DOMINANT Korea Sales Office DOMINANT Semiconductors Korea Inc. 902 Sunil Technopia, 440 Sangdaewon-dong, Jungwon-gu, Sungnam-si, Kyunggi-do, Korea 462726 Tel: 82-31-777-3978 Fax: 82-31-777-3976 E-mail: sales_korea@dominant-semi.com
Semiconductors
Innovating Illumination
DOMINANT
TM


▲Up To Search▲   

 
Price & Availability of DDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X