Part Number Hot Search : 
06400 PT239610 16100 0TQCN BAV19WS SST441 CM8369 93533P1
Product Description
Full Text Search
 

To Download DC-ME-9210-NET-J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Digi Connect ME(R) Family
Wired and Wireless Device Server Modules
The industry's first interchangeable, secure wired and wireless device server modules with plug-and-play functionality and professional development tools for custom applications.
Overview
The Digi Connect ME family of secure device server modules delivers complete and versatile embedded IPv6-ready network connectivity. The modules are cost effective and easy to use in existing and new product designs, while powerful enough to meet future product performance needs. Target applications include retail systems, security/access control, medical devices and building/industrial automation. Form factor compatibility allows the drop-in replacement of a wired or wireless module in your product design. The modules offer true long-term product availability and state-of-the-art wired and wireless security capabilities such as SSL/TLS and WPA2/802.11i. Built on Digi's 32-bit NET+ARM processors, the modules deliver off-the-shelf serial-to-network functionality through Digi's plug-and-play firmware, and the freedom and flexibility of professional embedded development provided by the easyto-use and cost-effective Digi JumpStart Kits(R) for NET+OS(R) and .NET Micro Framework.
Block Diagram
Features/Benefits Platforms and Services
* Compactandsecure32-bitdeviceservermodules * Completefamilyofpin-compatiblemodulesolutions * 10/100Ethernetinterfaceor802.11bWLANinterface * StrongWPA2/802.11isecurity(PSKandEnterprise) * Highlyintegratedlowemissiondesign(FCCClassB)
Design Services Accessory Kits Support
* Extendedandindustrialoperatingtemperature * DigiprocessorandWLANtechnologyfortrue long-termavailability * SeamlessmigrationpathtoNET+ARMchipdesign
NET OS
Supported Software Platforms
www.digi.com
Integration Kits / Development Kits Integration Kits and Digi JumpStart Kits(R): Overview
Plug-and-Play Integration Kits
Digi Integration Kits provide everything needed for evaluation, rapid prototyping and integration of Digi Connect device server modules using the feature-rich Digi plug-and-play device server firmware. They deliver fully transparent wired and wireless serial-to-network functionality and allow you to quickly network-enable your existing and new product designs. Digi plug-and-play firmware offers industry-leading features such as a robust IPv6-ready TCP/IP stack, fullyfeatured serial tunneling, Modbus/TCP, web user interface with private labeling/branding options, user management, file system, SSL/TLS, SSH, Modbus/TCP, intelligent device management via SNMP, configurable e-mail alarms, and patented RealPort(R) COM/TTY port redirection. * Completekitforproductevaluation,rapidprototyping, and integration * Digiplug-and-playfirmwareeliminatesembedded software development * Transparentwiredandwirelessdeviceserver functionality * Fullprivate-labeling/brandingsupportedout-of-the-box
Digi JumpStart Kit(R) for NET+OS(R)
This royalty-free turnkey solution for embedded software development is based on the ThreadX Real-Time Operating System (RTOS), one of the most reliable and field-proven RTOS solutions available. In addition to ThreadX, NET+OS provides the integrated building blocks needed to create product solutions with leading network security using Digi embedded modules and microprocessors. ForprofessionalNET+OSsoftwaredevelopment,theMicrosoft Windows based Digi ESPTM Integrated Development Environment (IDE), with graphical user interface and a high-speed USB 2.0 hardware debugger, is provided out-of-the-box. * Royalty-freeturnkeysolutionforembeddedsoftware development * Builtonfield-provenandcompactThreadXRTOS * Fullyintegratedsupportforsecure,IPv4/IPv6networking applications * ProfessionalsoftwaredevelopmentusingWindows-based Digi ESP IDE
Digi JumpStart Kit(R) for Microsoft .NET Micro Framework
This complete off-the-shelf development solution enables easyMicrosoft.NETMicroFrameworkembeddedsoftware development. The kit includes a fully functional 90-day trial of Microsoft Visual Studio(R) 2005. Built on the .NET foundation and optimized for use in small intelligentdevices,the.NETMicroFrameworkcombines the reliability and efficiency offered by a .NET enabled C# managed code environment with the professional Visual Studio development tools. It makes rapid embedded application development accessible to software designers with experience on Microsoft desktop and server operating system platforms. * Completeandroyalty-freeembeddeddevelopment solution * Robustmanagedcodeenvironmentbasedon.NET programming model * DigiTCP/IPnetworkstackandplatform-specific extensions * State-of-the-artsoftwaredevelopmentusingMicrosoft Visual Studio 2005
Digi JumpStart Kit(R) and Integration Kit Contents
Software Platform Module Development Board Digi Plug-and-Play Device Server Firmware NET+OS(R) .NET Micro Framework DigiConnectMEmodulew/2MBFlash,8MB SDRAM DigiConnectMEorDigiConnectWi-MEmodulew/2MBFlash,8MBSDRAM
1 RS-2323 serial port, GPIO configuration switches, Screw terminal for GPIO signals, Prototyping area, Status LEDs (serial, GPIO, power), Logic signal header, Testpoints,Resetbutton,Userbuttons,PoEmoduleheader,9-30VDCpowersupply,JTAGheaderandRS-232console/debugportforJTAG-equippedmodules Digi Connect Integration Kit CD: Device discovery tool w/source code, Device discovery library, Java applet sample source code, C/C++ samples, (TCP, UDP, SSL) Digi NET+OS CD: NET+OS 7, Digi ESP IDE, BSP source code, Sample code, Green Hills MULTI IDE support files, User documentation Quick start guide, Digi ESP tutorial, NET+OS porting guide,NET+OSAPIdocumentation,AdvancedWeb Server, Hardware reference manual, Development board schematics Digi.NETMicroFrameworkCD: Platform support, Templates and samples, Documentation Microsoft Visual Studio 2005 CD with 90-day trial license Quick start guide, Getting started guide, Hardware reference manual, Development board schematics
CD/DVD
Documentation
Getting started, Hardware reference manual, Development board schematics Digi Connect user's guide, Command line reference, RCI specification
Power Supplies Accessories Other Kit Part Numbers Ethernet Only WLAN + Ethernet
Externalwallpowersupply(110/240VACto12VDC@850mA)withinterchangeableoutletadapters(NorthAmerica,EU,UK,andAustralia) Crossover serial cable, Ethernet cable or 2 dBi dipole antenna - DigiJTAGlinkUSB2.0hardwaredebugger -
DC-ME-KT DC-WME-KT
DC-ME-NET DC-WME-NET
DC-ME-MF -
Please refer to the feature specs on our website for detailed information about the specific software platform capabilities.
Platform
Hardware Processor Type ARM Core Processor Speed Memory Base Population Pins/Form Factor
Digi Connect ME(R)
32-bit Digi NS7520 processor ARM7TDMI 55 MHz 2/4MBNORflash 8MBSDRAM
Digi Connect(R) Wi-ME
4MBNORflash
RJ-45connectorstylewith20-pinmicropinheader(SamtecFTS-110-01-F-DV-TR) Up to 230 Kbps data rate FullsignalsupportforTXD,RXD,RTS,CTS,DTR,DSRandDCD Hardware/Softwareflowcontrol Up to 10 shared with 1 external IRQ * NET+OSdevelopmentmodulesonly(P/NDC-ME-01T-JT,DC-ME4-01T-JT) Nocleanfluxprocess 1.445in(36.7mm)x0.75in(19.05mm)x0.854in(21.69mm) 1.845in(46.86mm)x0.75in(19.05mm)x0.854in(21.69mm)
High-Speed TTL Serial Interface
GPIO On-module Power Supervisor JTAG Interface Wave-Solderable Design Dimensions (L x W x H) Network Interface - Wired Standard Physical Layer Data Rate Mode Connector Integrated Ethernet MAC/PHY PoE Power Pass-Through Network Interface - Wireless LAN Standard Frequency Data Rate Modulation Typical Transmit Power Receive Sensitivity Connector WLAN Security WEP (Wired Equivalent Privacy) IEEE802.3 10/100Base-T 10/100 Mbps (auto-sensing)
Full-orhalf-duplex(auto-sensing) RJ-45 * * See website for available options
- - - - - - -
IEEE802.11b 2.4GHz Up to 11 Mbps with automatic fallback CCK (11/5.5 Mbps), DQPSK (2 Mbps), DBPSK (1 Mbps) 16 dBm typical -82dBm@11Mbps 1xRP-SMA
- - - - - - - - -
64/128-bitencryption(RC4) 128-bitTKIP/CCMP(AES)encryption
WPA/WPA2/802.11i
Enterprisemode(802.1X):LEAP(WEPonly),PEAP,TTLS,TLS; EAP-FAST,GTC,MD5,OTP,PAP,CHAP,MSCHAP,MSCHAPv2, TTLS-MSCHAPv2 Pre-shared key mode (PSK/Personal)
*ModuleFeature
Platform
Environmental Operating Temperature Storage Temperature Relative Humidity Altitude Power Requirements (3.3V) Maximum Regulatory Approvals FCC Part 15 Class B, EN 55022 Class B EN 61000-3-2 and EN 61000-3-3 ICES-003 Class B, VCCI Class II, AS 3548 FCC Part 15 Sub C Section 15.247 IC RSS-210 Issue 5 Section 6.2.2(o) EN 300 328, EN 301 489-17 UL 60950-1, EN 60950 (EU) CSA C22.2, No. 60950 EN 55024
Digi Connect ME(R)
-40Cto+85C(-40Fto+185F)
Digi Connect(R) Wi-ME
-30Cto+75C(-22Fto+167F)
-50Cto+125C(-58Fto+257F) 5% to 90% (non-condensing) 12,000feet(3,658meters)
270mA(891mW)
400mA(1.32W)
* * * * * * * * * *ModuleFeature
Digi Connect ME(R) - Side
Digi Connect(R) Wi-ME - Bottom
Recommended PCB Layout
Visit www.digiembedded.com for part numbers.
DIGISERVICEANDSUPPORT-YoucanpurchasewithconfidenceknowingthatDigiisheretosupportyou
withexperttechnicalsupportandastrongfive-yearwarranty.www.digi.com/support
91001258 E2/1009
Digi International
877-912-3444 952-912-3444 info@digi.com
Digi International France
+33-1-55-61-98-98 www.digi.fr
Digi International KK
+81-3-5428-0261 www.digi-intl.co.jp
Digi International (HK) Limited
+852-2833-1008 www.digi.cn
BUY ONLINE * www.digiembedded.com
(c) 2004-2009 Digi International Inc. Digi, Digi International, the Digi logo, the Making Wireless M2M Easy logo, Digi Connect, Digi Connect ME, Digi JumpStart Kit, Digi ESP, NET+, NET+OS and RealPort are trademarks or registered trademarks of Digi International Inc. in the United States and other countries worldwide. ARM and NET+ARM are trademarks or registered trademarks of ARM Limited. All other trademarks are the property of their respective owners.


▲Up To Search▲   

 
Price & Availability of DC-ME-9210-NET-J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X