Part Number Hot Search : 
25LV10 LC89972M LN476YPX BSP52T3 MCZ33 2N4221 29W320 TFS70H47
Product Description
Full Text Search
 

To Download D15XB60H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
General Purpose Rectifiers
SIL Bridges
D15XB60H
600V 15A
FEATURES Thin Single In-Line Package High current capacity with Small Package High IFSM Superior Thermal Conductivity APPLICATION Switching power supply Home Appliances, Office Equipment Factory Automation, Inverter
OUTLINE DIMENSIONS
Case : 5S Unit : mm
RATINGS
Absolute Maximum Ratings (If not specified Tc=25) Item Symbol Storage Temperature Tstg Operating Junction Temperature Tj VRM Maximum Reverse Voltage IO Average Rectified Forward Current 50Hz sine wave, R-load
Peak Surge Forward Current Current Squared Time Dielectric Strength Mounting Torque
Conditions
I FSM I 2t Vdis TOR
With heatsink Tc=107 50Hz sine wave, R-load Without heatsink Ta=25 50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25 1mst10ms@Tj=25 Terminals to case, AC 1 minute iRecommended torque : 0.5Nmj
Ratings -40150 150 600 15 3.5 240 200 2.5 0.8 Ratings Max.1.05 Max.10 Max.1.5 Max.5 Max.22
Unit V A A A 2s kV Nm Unit V EA /W
Electrical Characteristics (If not specified Tc=25) Item Symbol Conditions VF Forward Voltage IF=7.5A, Pulse measurement, Rating of per diode IR VR=VRM , Pulse measurement, Rating of per diode Reverse Current AEjc junction to case @@With heatsink Thermal Resistance AEjl junction to lead @@ Without heatsink AEja junction to ambient Without heatsink
Copyright & Copy;2001 Shindengen Electric Mfg.Co.Ltd
D15XBxH
100
Forward Voltage
10
Forward Current IF [A]
1
Tc=150C [TYP]
Tc=25C [TYP]
Pulse measurement per diode
0.1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Voltage VF [V]
D15XBxH
40
Forward Power Dissipation
SIN
35
Forward Power Dissipation PF [W]
30 25 20 15 10 5 0
0
5
10
15
20
Average Rectified Forward Current IO [A]
Tj = 150C Sine wave
D15XBxH
20
Derating Curve
Heatsink Tc Tc
Average Rectified Forward Current IO [A]
SIN 15
10
5
0 80
90
100
110
120
130
140
150
160
Case Temperature Tc [C]
Sine wave R-load with heatsink
D15XBxH
5
Derating Curve
Average Rectified Forward Current IO [A]
4 SIN
PCB Glass-epoxy substrate Soldering land 5mm
3
2
1
0
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta [C]
Sine wave R-load Free in air
D15XBxH
300
Peak Surge Forward Capability
IFSM
10ms 10ms
250
1 cycle
Peak Surge Forward Current IFSM [A]
non-repetitive, sine wave, Tj=25C before surge current is applied
200
150
100
50
0
1
2
5
10
20
50
100
Number of Cycles [cycles]


▲Up To Search▲   

 
Price & Availability of D15XB60H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X