Part Number Hot Search : 
SP200 ITSX93C 00140 TIC256 1N3701B C4885 2N3644 CX9SM
Product Description
Full Text Search
 

To Download CS10-B2GA102KYNS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (1/2)
Disk Ceramic Capacitors with Lead Safety Standard Approved CS Series
BASIC INSULATION TYPE Temperature range: -25 to +125C CLASS 2 HIGH DIELECTRIC FEATURES * Smaller than conventional capacitors. * Flame-resistant reinforced outer insulation prevents fires, electrical shock, and other potential hazards. * Compliant with the safety standards of 11 countries (conforms to European standards in accordance with IEC Pub. 384-14 Version 2). MARKINGS
Item 1. Series 2. Nominal capacitance 3. Capacitance tolerance 4. Rated voltage Eac 5. Sub-class of safety performance 6. TDK's logogram 7. Date code 8. Regulatory body safety standards compliance markings CS 222(2200pF) M(20%) (AC.250V) 250V X1Y2 or T 64 (1996.4) Marking examples
Front
CS222M
Back
BS415 250V X1Y2 TJ508 64
(Marking position of the monogram is reference.) BSI (U.K.) SEMKO (Sweden) VDE (Germany)
BS415
SEV (Switzerland) UL (U.S.A.) CSA (Canada)
TJ508
FIMKO (Finland) SAA (Australia) DEMKO (Denmark)
NEMKO (Norway) IMQ (Italy)
Year and month of production: last digit of year + month denoted by 1, 2, 3, 4, 5, 6, 7, 8, 9, O (October), N (November), or D (December).
SHAPES AND DIMENSIONS
oD max. 7 max.
51
51
od F
4max.
4max.
Dimensions in mm
* For more information about products with other capacitance or other data, please contact us.
* All specifications are subject to change without notice. 002-02 / 20060408 / e4b3_cs.fm
(2/2)
BASIC INSULATION TYPE Temperature range: -25 to +125C CLASS 2 HIGH DIELECTRIC INTERNATIONALLY CERTIFIED STATUS IEC60384-14 2nd. ed. EN132400 Approved
Safety standard Standard No. of IEC IEC 60065 IEC 60384-14 2nd. ed. IEC 60384-14 2nd. ed. IEC 60384-14 2nd. ed. IEC 60384-14 2nd. ed. IEC 60384-14 2nd. ed. IEC 60384-14 2nd. ed. IEC 60384-14 2nd. ed. IEC 60384-14 2nd. ed. IEC 60065 -- -- Standard No. Temperature characteristics Insulation sub-class Rated voltage Eac(V) 250 Approval report No. Japan Taiwan Xiamen
BSI
BS EN 60065:1998 (BS415:1998) B, E, F BS EN132400:1995 (EN132400:1994) EN132400 EN132400 EN132400 EN132400 EN132400 EN132400 EN132400 AS3250 UL 1414 C22.2 No.0 & No.1 B, E, F B, E, F B, E, F B, E, F B, E, F B, E, F B, E, F B, E, F B, E, F B, E, F
X1, Y2
226494
226494
226494
VDE SEV SEMKO NEMKO DEMKO FIMKO IMQ SAA UL CSA
X1, Y2 X1, Y2 X1, Y2 X1, Y2 X1, Y2 X1, Y2 X1, Y2 -- (X, Y) (X, Y)
250 250 250 250 250 250 250 400 250 250
138559 01.15.05 0139186/01-02 P01101988 310966-01 FI 17416 V3692 6268 E37861 LR35801
138560 01.15.05 0139186/01-02 P01101988 310966-01 FI 17416 V3692 6268 E37861 LR65972
12006 99.7 70564 9945094 P99102682 99-04087 14237 V3691 6268 E37861 201723
* Certificate numbers shall be changed owing to the revisions of the related standards.
CAPACITANCE AND DIMENSIONS
Part No. CS70-B2GA101KYNS CS70-B2GA151KYNS CS70-B2GA221KYNS CS85-B2GA331KYNS CS85-B2GA471KYNS CS95-B2GA681KYNS CS10-B2GA102KYNS CS80-E2GA102MYNS CS90-E2GA152MYNS CS11-E2GA222MYNS CS13-E2GA332MYNS CS14-E2GA392MYNS CS15-E2GA472MYNS CS12-F2GA472MYNS CS17-F2GA103MYNS Capacitance temperature characteristics Capacitance (pF) 100 150 220 330 470 680 1,000 1,000 1,500 2,200 3,300 3,900 4,700 4,700 1,0000 Capacitance tolerance K(10%) K(10%) K(10%) K(10%) K(10%) K(10%) K(10%) M(20%) M(20%) M(20%) M(20%) M(20%) M(20%) M(20%) M(20%) Dimensions (mm) oD max. 7 7 7 8.5 8.5 9.5 10 8 9 10.5 12.5 13.5 14.5 12 16.5 F 7.51.5 7.51.5 7.51.5 7.51.5 7.51.5 7.51.5 7.51.5 7.51.5 7.51.5 7.51.5 7.51.5 7.51.5 7.51.5 7.51.5 102 od 0.60.05 0.60.05 0.60.05 0.60.05 0.60.05 0.60.05 0.60.05 0.60.05 0.60.05 0.60.05 0.60.05 0.60.05 0.60.05 0.60.05 0.60.05
B(10%)
E(+20, -55%)
F(+30, -80%)
* For more information about products with other capacitance or other data, please contact us.
* All specifications are subject to change without notice. 002-02 / 20060408 / e4b3_cs.fm


▲Up To Search▲   

 
Price & Availability of CS10-B2GA102KYNS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X