Part Number Hot Search : 
HT82V M7S25 RCMA1 STC2200 SR5004 TSYS01 AON6538 22100
Product Description
Full Text Search
 

To Download CS10-B2GA102KYGS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Mid-high Voltage Ceramic Capacitors
Disk type with lead Safety standard approved CS series
Issue date: June 2009
* All specifications are subject to change without notice. * Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
(1/3)
Mid-high Voltage Ceramic Capacitors(Disk with Lead) Safety Standard Approved CS Series
BASIC INSULATION TYPE Temperature range: -25 to +105C CLASS 2 HIGH DIELECTRIC FEATURES * Smaller than conventional capacitors. * Flame-resistant reinforced outer insulation prevents fires, electrical shock, and other potential hazards. * Compliant with the safety standards of 11 countries. PRODUCT IDENTIFICATION
Conformity to RoHS Directive
CS 11 -E 2GA 222 M Y N S (1) (2) (3) (4) (5) (6) (7) (8) (9) (1) Type (2) Shape (3) Capacitance temperature characteristics (4) Rated voltage (5) Nominal capacitance (6) Capacitance tolerance (7) Class (8) Lead type (9) Safety standard
MARKINGS
Item 1. Series 2. Nominal capacitance 3. Capacitance tolerance 4. Rated voltage Eac 5. Sub-class of safety performance 6. TDK's logogram 7. Date code 8. Regulatory body safety standards compliance markings CS 222(2200pF) M(20%) (AC.250V) 250V X1Y2 94 (2009.4) Marking examples
Front
CS222M
Back
BSI 250V X1Y2 TJ508 94
(Marking position of the monogram is reference.) BSI (U.K.) SEMKO (Sweden) VDE (Germany)
BSI
SEV (Switzerland) UL (U.S.A.) CSA (Canada)
TJ508
FIMKO (Finland) DEMKO (Denmark)
NEMKO (Norway) IMQ (Italy)
Year and month of production: last digit of year + month denoted by 1, 2, 3, 4, 5, 6, 7, 8, 9, O (October), N (November), or D (December).
INTERNATIONALLY CERTIFIED STATUS IEC60384-14 EN60384-14 Approved
Safety standard BSI VDE SEV SEMKO NEMKO DEMKO FIMKO IMQ SAA UL CSA Standard No. of IEC IEC 60065 IEC 60384-14 IEC 60384-14 IEC 60384-14 IEC 60384-14 IEC 60384-14 IEC 60384-14 IEC 60384-14 IEC 60384-14 IEC 60065 -- -- Standard No. BS EN 60065(8.8.14.2) BS EN60384-14 EN60384-14 EN60384-14 EN60384-14 EN60384-14 EN60384-14 EN60384-14 EN60384-14 AS3250 UL 1414 CSA C22.2 No.0 & No.1 Temperature characteristics B, E, F B, E, F B, E, F B, E, F B, E, F B, E, F B, E, F B, E, F B, E, F B, E, F B, E, F Insulation sub-class X1, Y2 X1, Y2 X1, Y2 X1, Y2 X1, Y2 X1, Y2 X1, Y2 X1, Y2 -- (X, Y) (X, Y) Rated voltage Eac(V) 250 250 250 250 250 250 250 250 400 250 250 Approval report No. Japan 226494 138559 08.0890 0139186/01-02 P01101988 310966-01 FI 17416 V3692 6268 E37861 LR35801 Taiwan 226494 138560 08.0890 0139186/01-02 P01101988 310966-01 FI 17416 V3692 6268 E37861 LR65972 Xiamen 226494 122006 08.0890 9945094 P99102682 99-04087 FI 24306 V3692 6268 E37861 LR65972
* Certificate numbers shall be changed owing to the revisions of the related standards.
* Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
* All specifications are subject to change without notice. 004-03 / 20090605 / e4b3_cs.fm
(2/3)
CAPACITANCE AND DIMENSIONS
Part No. CS70-B2GA101KY CS70-B2GA151KY CS70-B2GA221KY CS85-B2GA331KY CS85-B2GA471KY CS95-B2GA681KY CS10-B2GA102KY CS80-E2GA102MY CS90-E2GA152MY CS11-E2GA222MY CS13-E2GA332MY CS14-E2GA392MY CS15-E2GA472MY CS12-F2GA472MY CS17-F2GA103MY
S
Capacitance temperature characteristics S S S S S S S S S S S S S S
Capacitance (pF) 100 150 220 330 470 680 1,000 1,000 1,500 2,200 3,300 3,900 4,700 4,700 1,0000
Capacitance tolerance K(10%) K(10%) K(10%) K(10%) K(10%) K(10%) K(10%) M(20%) M(20%) M(20%) M(20%) M(20%) M(20%) M(20%) M(20%)
Dimensions (mm) D max. 7 7 7 8.5 8.5 9.5 10 8 9 10.5 12.5 13.5 14.5 12 16.5 F 7.51.5 7.51.5 7.51.5 7.51.5 7.51.5 7.51.5 7.51.5 7.51.5 7.51.5 7.51.5 7.51.5 7.51.5 7.51.5 7.51.5 102 od 0.60.05 0.60.05 0.60.05 0.60.05 0.60.05 0.60.05 0.60.05 0.60.05 0.60.05 0.60.05 0.60.05 0.60.05 0.60.05 0.60.05 0.60.05
Taping dimensions V2 V2 V2 V2 V2 V2 V2 V2 V2 V2 V2 V2 V3 V2 --
B(10%)
E(+20, -55%)
F(+30, -80%)
: Lead shape symbol
SHAPES AND DIMENSIONS VERTICAL KINK LEAD TYPE
Long lead Symbol G
D T 4max.
Dimensions in mm
Short lead Symbol N
D T 4max.
Taping Symbol V
D 4max. T
25min.
F
od
* We recommend using a vertical kink type. * For bulk products, we recommend a short lead type with the symbol N.
* All specifications are subject to change without notice. 004-03 / 20090605 / e4b3_cs.fm
51
F
od
16+1.5 -0.5
Vertical kink
(3/3)
TAPING DIMEMSIONS VERTICAL KINK LEAD TYPE
P P2 A D h T h D P P2 A h T h
C
H0
H0
W2
H1
H1
W2
S H0
S H0
W1
W1
L
L
W0 W
P1 F P0
D0 od t
V1, V2
P0 od
P1 F
D0
W0 W
V3
Item Body diameter Body thickness Lead-wire diameter Pitch of component Feed hole pitch Feed hole center to lead Feed hole center to component center Lead-to lead distance Component alignment, F-R Tape width Adhesive tape width Hole position Adhesive tape position Bottom of kink from tape center Height of body from tape center Lead-wire protrusion Feed hole diameter Total tape tickness Length of snipped lead Coating on lead Height of kink Spring action
Symbol D T od P P0 P1 P2 F h W W0 W1 W2 H0 H1 D0 t L C A S
Dimensions(mm) V1 V2 V3 Depends on the specification of each product. Depends on the specification of each product. 0.60.05 12.71.0 12.70.3 3.850.7 6.351.3 5+0.8, -0.2 02.0 11.5min. 9.00.5 3.0max. 46.0max. 1.0max. 4.00.2 0.60.3 11.0max. 4.0max. 4.0max. 2.0max. 0.60.05 15.01.0 15.00.3 3.750.7 7.51.3 7.50.8 02.0 11.5min. 9.00.5 3.0max. 46.0max. 1.0max. 4.00.2 0.60.3 11.0max. 4.0max. 4.0max. 2.0max. 0.60.05 30.01.0 15.00.3 3.750.7 7.51.3 7.50.8 02.0 11.5min. 9.00.5 3.0max. 46.0max. 1.0max. 4.00.2 0.60.3 11.0max. 4.0max. 4.0max. 2.0max.
Remarks
Including the slant of body Excepting the tape splicing part
Including the slanting body due to bending lead-wire Measuring point is bottom kink Including the slanting body due to bending lead-wire
18.0+1.0, -0.5 18.0+1.0, -0.5 18.0+1.0, -0.5
Adhesive tape do not stick out the tape
16.0+1.5, -0.5 16.0+1.5, -0.5 16.0+1.5, -0.5
Including adhesive tape
Measuring point is bottom kink
* For more information about products with other capacitance or other data, please contact us.
* All specifications are subject to change without notice. 004-03 / 20090605 / e4b3_cs.fm
t
C


▲Up To Search▲   

 
Price & Availability of CS10-B2GA102KYGS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X