Part Number Hot Search : 
1N5818WB ABC3821 ADM205AN P2811B ADM205AN HC1G86 711HB A1212
Product Description
Full Text Search
 

To Download B2520 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bay Linear
Inspire the Linear Power
N-CHANNEL DMOS FET SWITCH
VIDEO TRANSISTOR
B2520/B2515
Series
Description
The B2520 series consists of enhancement-mode MOSFETs designed for high speed low-glitch switching in audio, video, and high-frequency applications. The B2520 is optimized as a +-7V Switch driver. The B2515 is optimized as an Analog Switch with a 20V Source to Body breakdown and low Drain Leakage. The B2500 series uses Bay Linear ULTRA REL DMOS Process for reliability and robust performance. These MOSFETs utilize lateral construction to achieve low capacitance and ultra-fast switching speeds. An integrated Zener diode provides ESD protection.
Features
* * * * High Input to Output Isolation - 120dB typical Low feed through and feedback transients Low Inter-electrode Capacitances 25V Drain-to Source breakdown for B2520
Application
* * * High Frequency Drivers Video Switches A to D Converters
Pin Connection
SOT-143 Package Lead Code Identification (top view)
Ordering Information
Package
SOT-143 SOT-143
Part No.
B2520K4 -X.X B2515K4-XX
Body Substrate
1
4
Gate
Source
2
3
Drain
Bay Linear, Inc
2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B2520/B2515
Electrical Specifications (TC = +25C unless otherwise noted)
Parameter Symbol Test Conditions B2520 Min Typ Max Drain-Source Breakdown Voltage Source-Drain Breakdown Voltage Drain-Substrate Breakdown Voltage Source-Substrate Breakdown Voltage Drain-Source Leakage Source - Drain Leakage Gate Leakage Gate Threshold Voltage Drain-Source ON Resistance STATIC STATIC BVDS BVDS BVSD ID=10 A VGS=VBS=0 ID=50 nA VGS=VBS=0 IS=50 nA VGD=VBD=-5 ID=50 nA, VGB=0 Source Open ID=10 A, VGB=0 Drain Open VGS/BS=-5 VGD/BS=-5 VDS=10V VDS=20V IS (OFF) VDS=10V VDS=20V IGBS VGS (th) rDS (ON) VDB/SB= 0 VGS=20V 0.5 1 1.0 50 30 10 2.0 70 45 0.1 1 50 1 1 1.0 50 30 50 10 2.0 70 45 25 10 10 30 25 25 20 15 25 V B2515 Min Typ Max V Units
BVDB
15
20
V
BVSB
15
20
V
ID (OFF)
1
50 1 50
nA nA nA nA A V Ohm Ohm
VDS=VGS ID=1 A VSB=0 ID=1 mA VSB= 0V VGS=5V VGS=10V
Bay Linear, Inc
2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B2520
Parameter Symbol Test B2520 B2515 Units Conditions Min Typ Max Min Typ Max VDS= 10V ID= 20mA 10 15 10 15 V f = 1MHz, VSB=0 Pulsed 2.4 VDS= 10V VGS=VBS= -15V f = 1MHz 1.3 3.5 0.3 V= 10V VG(on)= 10V RL= 680 RG= 51 CL = 1.5pF 0.7 0.8 1.5 3.5 1.5 4.0 0.5 1.0 1.0 2.4 1.3 3.5 0.3 0.7 0.8 1.5 3.5 1.5 4.0 0.5 1.0 1.0 pF pF pF pF ns ns ns
Common-Source Forward gfS Transconductance Gate Node Capacitance Drain Node Capacitance Source Node Capacitance Reverse Transfer Capacitance Turn On Delay Time Rise Time Turn Off Delay Time C(gs+gd+gb) C(gd+db) C(gs+sb) C(dg) td(on) tr Td(off)
Bay Linear, Inc
DYNAMIC
2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B2520
Switching Time Test Circuit
To Scope +VDD
510
RL VOUT To Scope
VIN 51
Input Pulse: td, tr < 1ns Pulse width: 100 ns Rep rate: 1 MHz Sampling Scope Tr < 360 ps RIN = 1 M CIN = 2 pF BW = 500 MHz
+5 V VIN 0V
td(on) td(off) 90% 50%
VDD VOUT 0V
tf 50% 10% tf
Bay Linear, Inc
2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B2520
Absolute Maximum Ratings, Tc = +25C
Parameter Unit Absolute Maximum[1] SOT-143 Drain-Source Voltage Gate-Source Voltage Gate-Drain Voltage Continuous Drain Current Power dissipation Tc=25 Linear Derating Factor Junction Temperature Storage Temperature V V V mA mW mW/C C C +30 / +20 -15 / +20 -25 / +20 50 300 3 -55 to +125 -55 to +125
Notes: 1. 2. Operation in excess of any one of these conditions may result in permanent damage to the device TC = +25C, where TC is defined to be the temperature at the package pins where contact is made to the circuit board.
ESD WARNING: Handling Precautions Should Be Taken To Avoid Static Discharge.
Advance Information- These data sheets contain descriptions of products that are in development. The specifications are based on the engineering calculations, computer simulations and/ or initial prototype evaluation. Preliminary Information- These data sheets contain minimum and maximum specifications that are based on the initial device characterizations. These limits are subject to change upon the completion of the full characterization over the specified temperature and supply voltage ranges.
The application circuit examples are only to explain the representative applications of the devices and are not intended to guarantee any circuit design or permit any industrial property right to other rights to execute. Bay Linear takes no responsibility for any problems related to any industrial property right resulting from the use of the contents shown in the data book. Typical parameters can and do vary in different applications. Customer's technical experts must validate all operating parameters including " Typical" for each customer application.
LIFE SUPPORT AND NUCLEAR POLICY Bay Linear products are not authorized for and should not be used within life support systems which are intended for surgical implants into the body to support or sustain life, in aircraft, space equipment, submarine, or nuclear facility applications without the specific written consent of Bay Linear President.
Bay Linear, Inc
2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com


▲Up To Search▲   

 
Price & Availability of B2520

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X