Part Number Hot Search : 
2SK18 FSB50550 SB560A CPC5601 CPC5601 T1010 CAT5121 LT5500
Product Description
Full Text Search
 

To Download B18B-13-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B170/B - B1100/B
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER Features
* * * * * * *
Guard Ring Die Construction for Transient Protection Ideally Suited for Automatic Assembly Low Power Loss, High Efficiency Surge Overload Rating to 30A Peak For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Application High Temperature Soldering: 260C/10 Second at Terminal Lead Free Finish/RoHS Compliant (Note 3) SMA Min 2.29 4.00 1.27 0.15 4.80 0.10 0.76 2.01 Max 2.92 4.60 1.63 0.31 5.59 0.20 1.52 2.30 SMB Min 3.30 4.06 1.96 0.15 5.00 0.10 0.76 2.00 Max 3.94 4.57 2.21 0.31 5.59 0.20 1.52 2.40
B
Dim A
A
C
B C D
Mechanical Data
J
D
E G H
* * * * * * * *
Case: SMA / SMB Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Lead Free Plating (Matte Tin Finish). Solderable per MIL-STD-202, Method 208 e3 Polarity: Cathode Band or Cathode Notch Marking: Type Number SMA Weight: 0.064 grams (approximate) SMB Weight: 0.093 grams (approximate)
H
G E
J
All Dimensions in mm No Suffix Designates SMA Package "B" Suffix Designates SMB Package
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TT = 125C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Forward Voltage @ IF = 1.0A Peak Reverse Current at Rated DC Blocking Voltage Typical Total Capacitance (Note 2) Typical Thermal Resistance Junction to Terminal (Note 1) Operating and Storage Temperature Range
Notes:
@ TA = 25C unless otherwise specified
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM CT RqJT Tj, TSTG
B170/B 70 49
B180/B 80 56 1.0 30 0.79 0.69 0.5 5.0 80 25
B190/B 90 63
B1100/B 100 70
Unit V V A A V mA pF C/W C
@ TA = 25C @ TA = 100C @ TA = 25C @ TA = 100C
-65 to +150
1. Valid provided that terminals are kept at ambient temperature. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 3. RoHS revision 13.2.2003. High Temperature Solder Exemption Applied, see EU Directive Annex Note 7.
DS30018 Rev. 6 - 2
1 of 3 www.diodes.com
B170/B - B1100/B
a Diodes Incorporated
Ordering Information
Device* B1x-13-F B1xB-13-F
Notes:
(Note 4) Packaging SMA SMB Shipping 5000/Tape & Reel 3000/Tape & Reel
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
* x = Device type, e.g. B180-13-F (SMA package); B1100B-13-F (SMB package).
Marking Information
XXX = Product type marking code, ex: B170 (SMA package) XXXX = Product type marking code, ex: B190B (SMB package) = Manufacturers' code marking YWW = Date code marking Y = Last digit of year ex: 2 for 2002 WW = Week code 01 to 52
YWW XXX(X)
I(AV), AVERAGE FORWARD CURRENT (A)
1.0
IF, INSTANTANEOUS FORWARD CURRENT (A)
10
1.0
0.5
0.1
0 25 50 75 100 125 150
0.01 0 0.2 0.4 0.6 0.8 1.0
TT, TERMINAL TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
40 IFSM, PEAK FORWARD SURGE CURRENT (A)
Single Half Sine-Wave
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
1000
Tj = 25C f = 1.0MHz
30
CT, TOTAL CAPACITANCE (pF)
Tj = 150C
20
100
10
0 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Forward Surge Current
10 0.1 1 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Total Capacitance
DS30018 Rev. 6 - 2
2 of 3 www.diodes.com
B170/B - B1100/B
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30018 Rev. 6 - 2
3 of 3 www.diodes.com
B170/B - B1100/B


▲Up To Search▲   

 
Price & Availability of B18B-13-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X