Part Number Hot Search : 
150051 78024AP MR752RL WR300 GBL10 752E052 LES020ZG GBU4A
Product Description
Full Text Search
 

To Download AV133-315 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIP3TM Variable Attenuator for UMTS Base Stations
AV133-315 Features
23 dB Attenuation Range 1.5 dB Insertion Loss, 1.5 SWR 0-12 V Control Voltage 43 dBm IP3 Small Footprint LGA Package Designed for UMTS Base Stations
Description
The AV133-315 is a voltage controlled variable attenuator from Alpha's series of HIP3TM components. It is specifically designed and specified for use as a wide dynamic range low distortion attenuator for UMTS base station applications centered at 2140 MHz. The AV133315 employs a monolithic quadrature hybrid and a pair of silicon PIN diodes to achieve the specified low distortion performance. It operates from 0-12 V at 1.6 mA typical control current at maximum attenuation. The AV133-315 is packaged in a small outline LGA (Land Grid Array) surface mount package with the internal elements affixed to an organic BT substrate.
Electrical Specifications at 25C
Parameter UMTS Frequency Range (BW) Control Voltage (CV) Range Insertion Loss in BW Attenuation Range VSWR in BW IP3 IM3 2140/2145 MHz, CV = 0 V 8 dBm 43 -70 CV = 0 V At FO, CV = 12 V 23 1.5 dBm dBc Condition FO 12.5 MHz Min. 2110 0 Typ. Max. 2170 12 1.5 Unit MHz V dB dB
Alpha Industries, Inc. [978] 241-7000 * Fax [978] 241-7906 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 1/02A
1
HIP3TM Variable Attenuator for UMTS Base Stations
AV133-315
Typical Performance Data
0 0V 4V 8V -10 0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 2.12 2.13 2.14 2.15 2.16 2.17 0 2 4 6 8 10 12
-20 -30 -40
12 V -50 2.11
Frequency (GHz)
Control Voltage (V)
Loss (dB)
Flatness (dB)
Insertion Loss vs. Frequency and Control Voltage -- UMTS Band
-10 -15 14 12 0V 4V -25 -30 -35 -40 2.11
Insertion Loss Flatness vs. Control Voltage -- UMTS Band
Return Loss (dB)
Phase (Degrees)
11 V 10 8 6 4 2 0 2.11 0V 2.12 4V 2.13 2.14 2.15 2.16 2.17 8V
-20
8V
12 V
2.12
2.13
2.14
2.15
2.16
2.17
Frequency (GHz)
Frequency (GHz)
Input/Output Return Loss vs. Frequency and Control Voltage -- UMTS Band
50 48 2.0
Phase vs. Frequency and Control Voltage -- UMTS Band
Total Current (mA)
46 44
1.5
IP3 (dBm)
42 40 38 36 34 32 30 0 2 4 6 8 10 12
1.0
0.5
0
0
3
6
9
12
Control Voltage (V)
Control Voltage (V)
3rd Order Intermod Intercept vs. Control Voltage RF1 = 2.140 GHz, RF2 = 2.145 GHz @ 8 dBm
2
Total Current vs. Control Voltage
Alpha Industries, Inc. [978] 241-7000 * Fax [978] 241-7906 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 1/02A
HIP3TM Variable Attenuator for UMTS Base Stations
AV133-315
Pin Out (Bottom View)
Vcontrol Vcontrol GND
Connection Diagram
RF IN/OUT B3 GND A3 IN/OUT 10 pF
C1 GND B1 A1 IN/OUT
C2
C3
Vcontrol 10 pF CONTROL VOLTAGE
AV133
A2 GND
RF IN/OUT 10 pF
Vcontrol
Terminal No. A1 A2 A3 B1 B3 C1 C2 C3
Terminal Name IN/OUT GND IN/OUT GND GND Vcontrol GND Vcontrol
0.126 B (3.20 mm) 1
10 pF
-315
0.193 (4.90 mm) A1 0.091 (2.32 mm)
0.000 0.027 (0.68 mm)
0.058 (1.48 mm) 0.081 (2.05 mm)
0.112 (2.85 mm) 0.135 (3.42 mm)
0.166 (4.22 mm) 0.193 (4.90 mm)
Absolute Maximum Ratings
Characteristic RF Input Power Control Voltage Control Current Operating Temperature Storage Temperature Maximum Reverse Diode Voltage Electrostatic Discharge Value 0.5 W CW, 4 W @ 12.5% Duty Cycle 15 V 50 mA Each Diode -40 to +85C -40 to +85C -10 V +125 V
0.000 0.037 (1.00 mm) 0.047 (1.20 mm) 0.079 (2.00 mm)
0.079 (2 mm) ENCAP 0.014 (0.36 mm) SUBSTRATE
C1 B1 A1
C2
C3 B3
0.024 (0.60 mm)
A2
A3
0.031 (0.775 mm) 0.054 (1.370 mm)
Note: Operating this device above any of these parameters may cause irreversible damage.
Alpha Industries, Inc. [978] 241-7000 * Fax [978] 241-7906 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 1/02A
3


▲Up To Search▲   

 
Price & Availability of AV133-315

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X