Part Number Hot Search : 
DF5A8 P99446G PP2FFXX A71A1 DT74ALV OPI2630 TDA154 MC1117SJ
Product Description
Full Text Search
 

To Download AT27BV512 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Fast Read Access Time - 70 ns * Dual Voltage Range Operation * * *
- Unregulated Battery Power Supply Range, 2.7V to 3.6V or Standard 5V 10% Supply Range Pin Compatible with JEDEC Standard AT27C512R Low Power CMOS Operation - 20 A max. (less than 1 A typical) Standby for VCC = 3.6V - 29 mW max. Active at 5 MHz for VCC = 3.6V JEDEC Standard Surface Mount Packages - 32-Lead PLCC - 28-Lead 330-mil SOIC - 28-Lead TSOP High Reliability CMOS Technology - 2,000V ESD Protection - 200 mA Latchup Immunity RapidTM Programming Algorithm - 100 s/byte (typical) CMOS and TTL Compatible Inputs and Outputs - JEDEC Standard for LVTTL and LVBO Integrated Product Identification Code Commercial and Industrial Temperature Ranges
* * * * *
512K (64K x 8) Unregulated Battery-VoltageTM High Speed OTP EPROM AT27BV512
Description
The AT27BV512 is a high performance, low power, low voltage 524,288-bit one-time programmable read only memory (OTP EPROM) organized as 64K by 8 bits. It requires only one supply in the range of 2.7V to 3.6V in normal read mode operation, making it ideal for fast, portable systems using either regulated or unregulated battery power. (continued)
Pin Configurations
Pin Name A0 - A15 O0 - O7 CE OE/VPP NC Function Addresses Outputs Chip Enable Output Enable/ Program Supply No Connect
SOIC Top View
A15 A12 A7 A6 A5 A4 A3 A2 A1 A0 O0 O1 O2 GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 VCC A14 A13 A8 A9 A11 OE/VPP A10 CE O7 O6 O5 O4 O3
PLCC Top View
A7 A12 A15 NC VCC A14 A13
TSOP Top View Type 1
A8 A9 A11 NC OE/VPP A10 CE O7 O6 OE/VPP A11 A9 A8 A13 A14 VCC A15 A12 A7 A6 A5 A4 A3 22 23 24 25 26 27 28 1 2 3 4 5 6 7 21 20 19 18 17 16 15 14 13 12 11 10 9 8 A10 CE O7 O6 O5 O4 O3 GND O2 O1 O0 A0 A1 A2
O1 O2 GND NC O3 O4 O5
14 15 16 17 18 19 20
A6 A5 A4 A3 A2 A1 A0 NC O0
5 6 7 8 9 10 11 12 13
4 3 2 1 32 31 30
29 28 27 26 25 24 23 22 21
Note: PLCC package pins 1 and 17 are DON'T CONNECT.
Rev. 0602B-10/98
1
Atmel's innovative design techniques provide fast speeds that rival 5V parts while keeping the low power consumption of a 3V supply. At V C C = 2.7V, any byte can be accessed in less than 70 ns. With a typical power consumption of only 18 mW at 5 MHz and V CC = 3V, the AT27BV512 consumes less than one fifth the power of a standard 5V EPROM. Standby mode supply current is typically less than 1 A at 3V. The AT27BV512 simplifies system design and stretches battery lifetime even further by eliminating the need for power supply regulation. The AT27BV512 is available in industry standard JEDECapproved one-time programmable (OTP) plastic PLCC, SOIC, and TSOP packages. All devices feature two-line control (CE, OE) to give designers the flexibility to prevent bus contention. The AT27BV512 operating with VCC at 3.0V produces TTL level outputs that are compatible with standard TTL logic devices operating at VCC = 5.0V. At VCC = 2.7V, the part is compatible with JEDEC approved low voltage battery operation (LVBO) interface specifications. The device is also capable of standard 5-volt operation making it ideally suited for dual supply range systems or card products that are pluggable in both 3-volt and 5-volt hosts. Atmel's AT27BV512 has additional features to ensure high quality and efficient production use. The RapidTM Program-
ming Algorithm reduces the time required to program the part and guarantees reliable programming. Programming time is typically only 100 s/byte. The Integrated Product Identification Code electronically identifies the device and manufacturer. This feature is used by industry standard programming equipment to select the proper programming algorithms and voltages. The AT27BV512 programs exactly the same way as a standard 5V AT27C512R and uses the same programming equipment.
System Considerations
Switching between active and standby conditions via the Chip Enable pin may produce transient voltage excursions. Unless accommodated by the system design, these transients may exceed data sheet limits, resulting in device non-conformance. At a minimum, a 0.1 F high frequency, low inherent inductance, ceramic capacitor should be utilized for each device. This capacitor should be connected between the V CC and Ground terminals of the device, as close to the device as possible. Additionally, to stabilize the supply voltage level on printed circuit boards with large EPROM arrays, a 4.7 F bulk electrolytic capacitor should be utilized, again connected between the VCC and Ground terminals. This capacitor should be positioned as close as possible to the point where the power supply is connected to the array.
Block Diagram
2
AT27BV512
AT27BV512
Absolute Maximum Ratings*
Temperature Under Bias .................................. -40C to +85C Storage Temperature ..................................... -65C to +125C Voltage on Any Pin with Respect to Ground .........................................-2.0V to +7.0V(1) Voltage on A9 with Respect to Ground ......................................-2.0V to +14.0V(1) VPP Supply Voltage with Respect to Ground .......................................-2.0V to +14.0V(1) Note: 1. Minimum voltage is -0.6V dc which may undershoot to -2.0V for pulses of less than 20 ns. Maximum output pin voltage is VCC + 0.75V dc which may be exceeded if certain precautions are observed (consult application notes) and which may overshoot to +7.0V for pulses of less than 20 ns. *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability
Operating Modes
Mode \ Pin Read
(2) (2)
CE VIL VIL VIH
(3)
OE/VPP VIL VIH X VPP VIL VPP VIL
Ai Ai X
(1)
VCC VCC(2) VCC(2) VCC(2) VCC(3) VCC(3) VCC(3) VCC(3)
Outputs DOUT High Z High Z DIN DOUT High Z Identification Code
Output Disable Standby(2)
X Ai Ai X A9 = VH(4) A0 = VIH or VIL A1 - A15 = VIL
Rapid Program PGM Verify
(3) (3)
VIL VIL VIH VIL
PGM Inhibit
Product Identification(3)(5) Notes: 1. X can be VIL or VIH.
2. Read, output disable, and standby modes require, 2.7V VCC 3.6V, or 4.5V VCC 5.5V. 3. Refer to Programming Characteristics. Programming modes require VCC = 6.5V. 4. VH = 12.0 0.5V. 5. Two identifier bytes may be selected. All Ai inputs are held low (VIL), except A9 which is set to VH and A0 which is toggled low (VIL) to select the Manufacturer's Identification byte and high (VIH) to select the Device Code byte.
3
DC and AC Operating Conditions for Read Operation
AT27BV512 -70 Operating Temperature (Case) VCC Power Supply Com. Ind. 0C - 70C -40C - 85C 2.7V to 3.6V 5V 10% -90 0C - 70C -40C - 85C 2.7V to 3.6V 5V 10% -12 0C - 70C -40C - 85C 2.7V to 3.6V 5V 10% -15 0C - 70C -40C - 85C 2.7V to 3.6V 5V 10%
DC and Operating Characteristics for Read Operation
Symbol Parameter Condition Min Max Units VCC = 2.7V to 3.6V ILI ILO IPP1(2) ISB ICC VIL Input Load Current Output Leakage Current VPP(1) Read/Standby Current VCC(1) Standby Current VCC Active Current Input Low Voltage VIN = 0V to VCC VOUT = 0V to VCC VPP = VCC ISB1 (CMOS), CE = VCC 0.3V ISB2 (TTL), CE = 2.0 to VCC + 0.5V f = 5 MHz, IOUT = 0 mA, CE = VIL, VCC = 3.6V VCC = 3.0 to 3.6V VCC = 2.7 to 3.6V Input High Voltage VCC = 3.0 to 3.6V VCC = 2.7 to 3.6V IOL = 2.0 mA VOL Output Low Voltage IOL = 100 A IOL = 20 A IOH = -2.0 mA VOH Output High Voltage IOH = -100 A IOH = -20 A VCC = 4.5V to 5.5V ILI ILO IPP1(2) ISB ICC VIL VIH VOL VOH Input Load Current Output Leakage Current VPP(1) Read/Standby Current VCC(1) Standby Current VCC Active Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage IOL = 2.1 mA IOH = -400 A 2.4 VIN = 0V to VCC VOUT = 0V to VCC VPP = VCC ISB1 (CMOS), CE = VCC 0.3V ISB2 (TTL), CE = 2.0 to VCC + 0.5V f = 5 MHz, IOUT = 0 mA, CE = VIL -0.6 2.0 1 5 10 100 1 20 0.8 VCC + 0.5 0.4 A A A A mA mA V V V V 2.4 VCC - 0.2 VCC - 0.1 -0.6 -0.6 2.0 0.7 x VCC 1 5 10 20 100 8 0.8 0.2 x VCC VCC + 0.5 VCC + 0.5 0.4 0.2 0.1 A A A A A mA V V V V V V V V V V
VIH
Notes:
1. VCC must be applied simultaneously with or before OE/VPP, and removed simultaneously with or after OE/VPP . . 2. VPP may be connected directly to VCC, except during programming. The supply current would then be the sum of ICC and IPP
4
AT27BV512
AT27BV512
AC Characteristics for Read Operation
VCC = 2.7V to 3.6V and 4.5V to 5.5V
AT27BV512 -70 Symbol tACC(3) tCE(2) tOE
(2)(3)
-90 Min Max 90 90 50 40 Min
-12 Max 120 120 50 40 Min
-15 Max 150 150 60 50 Units ns ns ns ns
Parameter Address to Output Delay CE to Output Delay OE/VPP to Output Delay OE/VPP or CE High to Output Float, whichever occurred first Output Hold from Address, CE or OE/VPP, whichever occurred first
Condition CE = OE/VPP = VIL OE/VPP = VIL CE = VIL
Min
Max 70 70 50 40
tDF(4)(5)
tOH
0
0
0
0
ns
AC Waveforms for Read Operation(1)
Notes:
1. Timing measurement references are 0.8V and 2.0V. Input AC drive levels are 0.45V and 2.4V, unless otherwise specified. 2. OE/VPP may be delayed up to tCE-tOE after the falling edge of CE without impact on tCE. 3. OE/VPP may be delayed up to tACC-tOE after the address is valid without impact on tACC. 4. This parameter is only sampled and is not 100% tested. 5. Output float is defined as the point when data is no longer driven. 6. When reading a 27BV256, a 0.1 F capacitor is required across VCC and ground to suppress spurious voltage transients.
5
Input Test Waveform and Measurement Level
Output Test Load
tR, tF < 20 ns (10% to 90%)
Note: CL = 100 pF including jig capacitance.
Pin Capacitance
f = 1 MHz, T = 25C(1)
Symbol CIN COUT Note: Typ 4 8 Max 6 12 Units pF pF Conditions VIN = 0V VOUT = 0V
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
6
AT27BV512
AT27BV512
Programming Waveforms(1)
Notes:
1. 2. 3.
The Input Timing Reference is 0.8V for VIL and 2.0V for VIH. tOE and tDFP are characteristics of the device but must be accommodated by the programmer. When programming the AT27BV512, a 0.1 F capacitor is required across VPP and ground to suppress spurious voltage transients.
DC Programming Characteristics
TA = 25 5C, VCC = 6.5 0.25V, OE/VPP = 13.0 0.25V
Limits Symbol ILI VIL VIH VOL VOH ICC2 IPP2 VID Parameter Input Load Current Input Low Level Input High Level Output Low Voltage Output High Voltage VCC Supply Current (Program and Verify) OE/VPP Current A9 Product Identification Voltage CE = VIL 11.5 IOL = 2.1 mA IOH = -400 A 2.4 25 25 12.5 Test Conditions VIN = VIL, VIH -0.6 2.0 Min Max Units
A
10
0.8 VCC + 0.5 0.4
V V V V mA mA V
7
AC Programming Characteristics
TA = 25 5C, VCC = 6.5 0.25V, OE/VPP = 13.0 0.25V
Limits Symbol tAS tOES tOEH tDS tAH tDH tDFP tVCS tPW tDV tVR tPRT Notes: Parameter Address Setup Time OE/VPP Setup Time OE/VPP Hold Time Data Setup Time Address Hold Time Data Hold Time CE High to Output Float Delay(2) VCC Setup Time CE Program Pulse Width Data Valid from CE(2) OE/VPP Recovery Time OE/VPP Pulse Rise Time During Programming
(3)
Test Conditions
(1)
Min 2 2
Max
Units s s s s s s
Input Rise and Fall Times: (10% to 90) 20 ns Input Pulse Levels: 0.45V to 2.4V Input Timing Reference Level: 0.8V to 2.0V Output Timing Reference Level: 0.8V to 2.0V
2 2 0 2 0 2 95 105 1 2 50 130
ns s s s s ns
1. VCC must be applied simultaneously or before OE/VPP and removed simultaneously or after OE/VPP . 2. This parameter is only sampled and is not 100% tested. Output Float is defined as the point where data is no longer driven-- see timing diagram. 3. Program Pulse width tolerance is 100 sec 5%.
Atmel's 27BV512 Integrated Product Identification Code(1)
Pins Codes Manufacturer A0 0 O7 0 O6 0 O5 0 O4 1 O3 1 O2 1 O1 1 O0 0 Hex Data 1E
Device Type 1 0 0 0 0 1 1 0 1 0D Note: 1. The AT27BV512 has the same Product Identification Code as the AT27C512R. Both are programming compatible.
8
AT27BV512
AT27BV512
Rapid Programming Algorithm
A 100 s CE pulse width is used to program. The address is set to the first location. VCC is raised to 6.5V and OE/VPP is raised to 13.0V. Each address is first programmed with one 100 s CE pulse without verification. Then a verification / reprogramming loop is executed for each address. In the event a byte fails to pass verification, up to 10 successive 100 s pulses are applied with a verification after each pulse. If the byte fails to verify after 10 pulses have been applied, the part is considered failed. After the byte verifies properly, the next address is selected until all have been checked. OE/VPP is then lowered to VIL and VCC to 5.0V. All bytes are read again and compared with the original data to determine if the device passes or fails.
9
Ordering Information
tACC (ns) 70 ICC (mA) Active 8 Standby 0.02 Ordering Code AT27BV512-70JC AT27BV512-70RC AT27BV512-70TC AT27BV512-70JI AT27BV512-70RI AT27BV512-70TI AT27BV512-90JC AT27BV512-90RC AT27BV512-90TC AT27BV512-90JI AT27BV512-90RI AT27BV512-90TI AT27BV512-12JC AT27BV512-12RC AT27BV512-12TC AT27BV512-12JI AT27BV512-12RI AT27BV512-12TI AT27BV512-15JC AT27BV512-15RC AT27BV512-15TC AT27BV512-15JI AT27BV512-15RI AT27BV512-15TI Package 32J 28R 28T 32J 28R 28T 32J 28R 28T 32J 28R 28T 32J 28R 28T 32J 28R 28T 32J 28R 28T 32J 28R 28T Operation Range Commercial (0C to 70C) Industrial (-40C to 85C) Commercial (0C to 70C) Industrial (-40C to 85C) Commercial (0C to 70C) Industrial (-40C to 85C) Commercial (0C to 70C) Industrial (-40C to 85C)
8
0.02
90
8
0.02
8
0.02
120
8
0.02
8
0.02
150
8
0.02
8
0.02
Package Type 32J 28R 28T 32-Lead, Plastic J-Leaded Chip Carrier (PLCC) 28-Lead, 0.330" Wide, Plastic Gull Wing Small Package (SOIC) 28-Lead, Plastic Thin Small Outline Package (TSOP)
10
AT27BV512
AT27BV512
Packaging Information
32J, 32-Lead, Plastic J-Leaded Chip Carrier (PLCC) Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-016 AE
28R, 28-Lead, 0.330" Wide, Plastic Gull Wing Small Outline (SOIC) Dimensions in Inches and (Millimeters)
.045(1.14) X 45
PIN NO. 1 IDENTIFY
.025(.635) X 30 - 45 .012(.305) .008(.203) .530(13.5) .490(12.4) .021(.533) .013(.330) .030(.762) .015(.381) .095(2.41) .060(1.52) .140(3.56) .120(3.05)
.032(.813) .026(.660)
.553(14.0) .547(13.9) .595(15.1) .585(14.9)
.050(1.27) TYP
.300(7.62) REF .430(10.9) .390(9.90) AT CONTACT POINTS
.022(.559) X 45 MAX (3X) .453(11.5) .447(11.4) .495(12.6) .485(12.3)
28T, 28-Lead, Plastic Thin Small Outline Package (TSOP) Dimensions in Millimeters and (Inches)*
INDEX MARK AREA 11.9 (0.469) 11.7 (0.461) 13.7 (0.539) 13.1 (0.516)
0.55 (0.022) BSC 7.15 (0.281) REF 8.10 (0.319) 7.90 (0.311)
0.27 (0.011) 0.18 (0.007)
1.25 (0.049) 1.05 (0.041)
0.20 (0.008) 0.10 (0.004) 0 5 REF 0.20 (0.008) 0.15 (0.006)
0.70 (0.028) 0.30 (0.012)
*Controlling dimension: millimeters
11
Atmel Headquarters
Corporate Headquarters
2325 Orchard Parkway San Jose, CA 95131 TEL (408) 441-0311 FAX (408) 487-2600
Atmel Operations
Atmel Colorado Springs
1150 E. Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TEL (719) 576-3300 FAX (719) 540-1759
Europe
Atmel U.K., Ltd. Coliseum Business Centre Riverside Way Camberley, Surrey GU15 3YL England TEL (44) 1276-686677 FAX (44) 1276-686697
Atmel Rousset
Zone Industrielle 13106 Rousset Cedex, France TEL (33) 4 42 53 60 00 FAX (33) 4 42 53 60 01
Asia
Atmel Asia, Ltd. Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon, Hong Kong TEL (852) 27219778 FAX (852) 27221369
Japan
Atmel Japan K.K. Tonetsu Shinkawa Bldg., 9F 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan TEL (81) 3-3523-3551 FAX (81) 3-3523-7581
Fax-on-Demand
North America: 1-(800) 292-8635 International: 1-(408) 441-0732
e-mail
literature@atmel.com
Web Site
http://www.atmel.com
BBS
1-(408) 436-4309
(c) Atmel Corporation 1998. Atmel Cor poration makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's website. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual proper ty of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life suppor t devices or systems. Marks bearing
(R)
and/or
TM
are registered trademarks and trademarks of Atmel Corporation. Printed on recycled paper.
0602B-10/98/xM
Terms and product names in this document may be trademarks of others.


▲Up To Search▲   

 
Price & Availability of AT27BV512

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X