Part Number Hot Search : 
KSR1206 ZL5001 C105M ASH1201 AS14F G701LBR MBR3035W BD244
Product Description
Full Text Search
 

To Download ANT-GPS-SH-MCX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ANT-GPS-SH-xxx DATA SHEET
Product Dimensions Description
The SH Series is the flagship of the Antenna Factor GPS line. These high-performance GPS antennas combine superior performance, advanced operational and protection features, and low power consumption. This makes them ideal for telematics, fleet management, navigation, tracking, and other applications that require a compact, highperformance GPS antenna. For maximum compatibility with the host receiver, the SH accepts supply voltages from +2.5VDC to +12VDC and is protected against shorts, over current, or reverse polarity situations. The antennas attach via an SMA, MCX, MMCX, or customer-specified connector.
0.49" (12.5)
Side
1.77" (45.0)
Features
* * * * * * * * * * Compact High-gain, low-noise design Low current consumption Wide operating voltage Protection circuit Wide operating temperature Fully weatherized Waterproof Rugged & damage-resistant Magnetic mount
Top
Electrical Specifications
1.44" (36.6) 0.42" (10.6) 1.44" (36.5) Bottom * * * * * * * * * * * * * * * * * * * Center Freq. Bandwidth Impedance VSWR Ant. Gain Axial Ratio Elev. Angle Cov. Az. Bearing Cov. Polarization System Gain Noise Figure Input Voltage Current Operating Temp. Mounting Cable Cable Length Connector Weight 1575.42MHz 10MHz @ -3dB point 50 ohms 1.5 typ. 5.0dB min. 1.0dB typ. 5~90 degrees 360 degrees RHCP 28dB (typ. includes 4dB cable & filter loss) <1.8dB @ fo, 2dB max. +2.5VDC to +12VDC (Autoswitch) 5-10mA typ. @ 5V (11-13mA max. @ 12V) -30C to +85C Magnetic and/or screw RG-174U (Low-Loss, 0.7dB/m) 117" +/-6" (3m) SMA, MCX, MMCX, other by special order 3.32oz (94g)
0.43" (11.0)
0.27" (6.9)
M2.6X0.45 Threads 0.12" (3.0) Deep
Ordering Information
* ANT-GPS-SH-SMA (with SMA connector) * ANT-GPS-SH-MCX (with MCX connector) * ANT-GPS-SH-MMX (with MMCX connector)
Antenna Factor 159 Ort Lane Merlin, OR 97532 www.antennafactor.com 541-956-0931 (phone) 541-471-6251 (fax)
Rev 4-13-09


▲Up To Search▲   

 
Price & Availability of ANT-GPS-SH-MCX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X